Part Number Hot Search : 
LAP47B SI3991DV 05241 AOZ8234 2SK1938 TL081AMD TA51C 01P541PL
Product Description
Full Text Search
 

To Download SC03-12YWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 7mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAYS
SA03-11EWA/GWA/YWA/SRWA SC03-12EWA/GWA/YWA/SRWA
Features
!0.3 INCH DIGIT HEIGHT. !LOW CURRENT OPERATION. !EXCELLENT CHARACTER APPEARANCE. !EASY MOUNTING ON P.C. BOARDS OR SOCKETS. !I.C. COMPATIBLE. !CATEGORIZED FOR LUMINOUS INTENSITY,
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode. The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
YELLOW AND GREEN CATEGORIZED FOR COLOR.
!MECHANICALLY RUGGED. !STANDARD : GRAY FACE, WHITE SEGMENT.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change whitout notice.
SPEC NO: KDA0321 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/19/2001 DRAWN: S.H.CHEN
PAGE: 1 OF 5
Selection Guide
Iv (u c d ) @ 10 m A Min . SA03-11EWA SC03-12EWA SA03-11GWA SC03-12GWA SA03-11YWA SC03-12YWA SA03-11SRWA SC03-12SRWA HIGH EFFICIENCY RED (GaAsP/GaP) 1900 Ty p . 6400 D es c r i p t i o n Common Anode, Rt Hand Decimal Common Cathode Rt. Hand Decimal Common Anode, Rt Hand Decimal Common Cathode Rt. Hand Decimal Common Anode, Rt Hand Decimal Common Cathode Rt. Hand Decimal Common Anode, Rt Hand Decimal Common Cathode Rt. Hand Decimal
Par t No .
Dic e
GREEN (GaP)
3000
800 0
YELLOW (GaAsP/GaP)
1200
300 0
SUPER BRIGHT RED (GaAlAs)
12000
2600 0
Electrical / Optical Characteristics at T)=25C
Sy m b o l Par am et er D ev i c e High Efficiency Red Green Yellow Super Bright Red High Efficiency Red Green Yellow Super Bright Red Ty p . 627 565 590 660 625 568 588 640 45 30 35 20 15 15 20 45 2.0 2.2 2.1 1.85 2.5 2.5 2.5 2.5 10 Max . Un it s Tes t Co n d it io n s
peak
Peak Wavelength
nm
IF=20mA
D
Dominate Wavelength
nm
IF=20mA
1/2
High Efficiency Red Spectral Line Halfwidth Green Yellow Super Bright Red Capacitance High Efficiency Red Green Yellow Super Bright Red High Efficiency Red Green Yellow Super Bright Red All
nm
IF=20mA
C
pF
VF=0V;f=1MHz
VF IR
Forward Voltage
V
IF=20mA
Reverse Current
uA
V R = 5V
SPEC NO: KDA0321 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/19/2001 DRAWN: S.H.CHEN
PAGE: 2 OF 5
Absolute Maximum Ratings at T)=25C
Par am et er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 4mm below package base.
H i g h E f f i c i en c y R ed 105 30 160 5
Gr een 105 25 140 5
Yello w 10 5 30 140 5 -40C To +85C 260C For 5 Seconds
S u p er B r i g h t R ed 100 30 15 5 5
Un it s mW mA mA V
High Efficiency Red
SPEC NO: KDA0321 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/19/2001 DRAWN: S.H.CHEN
PAGE: 3 OF 5
Green
Yellow
SPEC NO: KDA0321 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/19/2001 DRAWN: S.H.CHEN
PAGE: 4 OF 5
Super Bright Red
SPEC NO: KDA0321 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/19/2001 DRAWN: S.H.CHEN
PAGE: 5 OF 5


▲Up To Search▲   

 
Price & Availability of SC03-12YWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X