Part Number Hot Search : 
ZMY16G B8806 S1NBB 00GAL125 222E3 RM800B PD7507GC AC244
Product Description
Full Text Search
 

To Download SBTC-2-2525L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount, Micro-Miniature
Power Splitter/Combiners
2 Way-0 50
Maximum Ratings
Operating Temperature Storage Temperature Power Input (as a splitter) Internal Dissipation -40C to 85C -55C to 100C 1W max. 0.125W max.
NEW!
SBTC-2-25 SBTC-2-25L
1000 to 2500 MHz
Features
* * * * * * * * wide band frequency, 1000-2500 MHz excellent amplitude unbalance, 0.2 dB typ. small size, 0.166"x0.150"x0.155" temperature stable, BLUE CELLTM base solder plated leads for excellent solderability small size low cost patent pending
No Leads CASE STYLE:AT790 PRICE: $3.49 ea. QTY (25) $2.69 ea. QTY (1000) Leads CASE STYLE:AT1029 PRICE: $3.64 ea. QTY (25) $2.84 ea. QTY (1000)
Pin Connections
SUM PORT PORT 1 PORT 2 GROUND 6 3 4 1,2
Applications
* PCN/PCS * DECT * PHS
NOT USED
5
Outline Drawing
AT790
FREQ. RANGE (MHz)
fL-fU 1000-2500 1400-1800 1800-2000
Splitter Electrical Specifications
ISOLATION (dB) INSERTION LOSS (dB) ABOVE 3.0 dB PHASE UNBALANCE (Degrees)
Max. 14 8 8
AMPLITUDE UNBALANCE (dB)
Max. 1.2 0.7 0.8
Typ. Min. 20 18 19 14 14 16
Typ. Max. 1.4 0.9 1.0 2.5 1.7 1.7
AT1029
Typical Performance Data
Frequency (MHz)
1000.00 1100.00 1200.00 1300.00 1400.00
Insertion Loss (dB) (dB) S-1 S-2
4.10 4.07 4.05 4.01 3.98 3.96 3.93 3.90 3.88 3.86 3.84 3.83 3.84 3.88 4.08 3.83 3.85 3.90 3.93 3.96 4.00 4.03 4.06 4.09 4.12 4.16 4.21 4.26 4.34 4.63
Amplitude Unbalance (dB)
0.28 0.21 0.15 0.08 0.04 0.05 0.10 0.16 0.21 0.27 0.32 0.37 0.42 0.46 0.55
Isolation (dB)
22.47 21.47 20.62 19.92 19.49 19.21 19.18 19.29 19.68 20.37 21.53 23.36 26.19 28.88 21.85
Phase Unbalance (deg.)
2.79 2.54 2.39 2.34 2.36 2.47 2.66 2.92 3.28 3.70 4.23 4.87 5.57 6.36 8.22
VSWR S
1.72 1.66 1.61 1.56 1.51 1.47 1.42 1.37 1.32 1.26 1.20 1.13 1.06 1.09 1.39
VSWR 1
1.68 1.59 1.51 1.45 1.39 1.33 1.28 1.24 1.21 1.19 1.18 1.18 1.18 1.18 1.15
VSWR 2
1.57 1.51 1.46 1.41 1.36 1.32 1.27 1.23 1.18 1.14 1.10 1.08 1.10 1.15 1.30
AT790 & AT1029
1500.00 1600.00 1700.00 1800.00 1900.00 2000.00 2100.00 2200.00 2300.00 2500.00
Outline Dimensions ( inch) mm
AT790 A B C D E F G H J K .150 .150 .150 .050 .030 .025 .028 .050 .160 .030 3.81 3.81 3.81 1.27 0.76 0.64 0.71 1.27 4.06 0.76 wt. grams .10
AT1029
A B C D E F G H J K L wt. .166 .150 .155 .050 .037 .025 .012 .060 .184 .030 .004 grams 4.22 3.81 3.94 1.27 0.94 0.64 0.30 1.52 4.67 0.76 0.10 .10
INSERTION LOSS (dB)
ISOLATION (dB)
Reflow Solder Assembly Silver-bearing solder (Sn/Pb/Ag 62/36/2%) is recommended; however, tin-lead eutectic (Sn/Pb 63/37%) may be used. For temperature profiles, see Application Note AN-40-004
Demo Board MCL P/N: TB-274 Suggested PCB Layout (PL-152)
SBTC-2-25L at RF level -10 dBm INSERTION LOSS 5.0 4.8 4.6 4.4 4.2 4.0 3.8 3.6 3.4 3.2 S-1(dB) S-2(dB) 3.0 1000 1300 1600 1900 2200 2500 FREQUENCY (M H z) SBTC-2-25L VSWR #1-VSWR #2-VSWR
at RF level -10 dBm 40 35 30 25 20 15 10 1000
SBTC-2-25L ISOLATION
1300
1600
1900
2200
2500
FREQUENCY (M H z)
at RF level -10 dBm 2.0 1.9 1.8 1.7 VSWR 1.6 1.5 1.4 1.3 1.2 1.1 1.0 1000 1300
#S-VSWR
1600
1900
2200
2500
FREQUENCY (MHz)
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
REV. C M89618 SBTC-2-25 ED-9533/1 SBTC-2-25L ED-10035A/3 WZ/TD/CP 040212
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED


▲Up To Search▲   

 
Price & Availability of SBTC-2-2525L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X