Part Number Hot Search : 
N10A0 SA100A LCX29 M5450 2001834 CSR1206 TS555 TS555
Product Description
Full Text Search
 

To Download SBTC-2-2020L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount
Power Splitter/Combiners
2 Way-0 50
Maximum Ratings
Operating Temperature Storage Temperature Power Input (as a splitter) Internal Dissipation -40C to 85C -55C to 100C 0.5W max. 0.125W max.
NEW!
SBTC-2-20 SBTC-2-20L
200 to 2000 MHz
Features
* * * * * * * * * * * * * wide band frequency, 200-2000 MHz excellent amplitude unbalance, 0.2 dB typ. small size, 0.166"x0.15"x0.155" temperature stable, BLUE CELLTM base solder plated leads for excellent solderability small size low cost patent pending cellular/GSM UHF/VHF receivers/transmitters PCN/PCS GPS VSAT FREQ. RANGE (MHz)
fL-fU 200-2000 800-1000 500-1500 1800-2000
No Leads CASE STYLE:AT790 PRICE: $3.49 ea. QTY (25) $2.69 ea. QTY (1000)
Leads CASE STYLE:AT1029 PRICE: $3.64 ea. QTY (25) $2.84 ea. QTY (1000)
Pin Connections
SUM PORT PORT 1 PORT 2 GROUND 6 3 4 1,2
Applications
NOT USED
5
Outline Drawing
AT790
Splitter Electrical Specifications
INSERTION LOSS (dB) ABOVE 3.0 dB
Typ. Max. 0.8 0.5 0.5 1.2 2.2 0.9 1.5 2.2
ISOLATION (dB)
Typ. Min. 20 22 22 20 14 16 15 15
PHASE UNBALANCE (Degrees)
Max. 10 3 5 10
AMPLITUDE UNBALANCE (dB)
Max. 0.8 0.5 0.7 0.6
AT1029
Typical Performance Data
Frequency (MHz)
200.00 300.00 400.00 500.00 600.00
Insertion Loss (dB) (dB) S-1 S-2
3.56 3.57 3.55 3.58 3.62 3.58 3.61 3.69 3.76 3.84 3.92 4.02 4.15 4.33 4.57 3.30 3.36 3.38 3.45 3.52 3.56 3.68 3.84 3.98 4.07 4.16 4.25 4.36 4.49 4.66
Amplitude Unbalance (dB)
0.26 0.21 0.17 0.13 0.10 0.03 0.07 0.15 0.22 0.23 0.24 0.24 0.21 0.18 0.16
Isolation (dB)
26.85 39.72 32.31 27.04 23.52 20.65 19.36 19.24 20.40 21.76 24.12 28.51 31.25 26.03 20.75
Phase Unbalance (deg.)
1.44 0.88 0.56 0.36 0.22 0.20 0.41 0.93 1.78 2.34 2.94 3.61 4.31 4.98 5.63
VSWR S
1.38 1.37 1.38 1.37 1.40 1.39 1.37 1.34 1.30 1.29 1.28 1.27 1.27 1.32 1.40
VSWR 1
1.58 1.44 1.35 1.29 1.25 1.17 1.12 1.14 1.23 1.29 1.35 1.40 1.45 1.49 1.51
VSWR 2
1.50 1.40 1.33 1.28 1.25 1.16 1.08 1.04 1.13 1.18 1.23 1.29 1.34 1.38 1.42
AT790 & AT1029
800.00 1000.00 1200.00 1400.00 1500.00 1600.00 1700.00 1800.00 1900.00 2000.00
Outline Dimensions ( inch) mm
AT790 A B C D E F G H J K .150 .150 .150 .050 .030 .025 .028 .050 .160 .030 3.81 3.81 3.81 1.27 0.76 0.64 0.71 1.27 4.06 0.76 wt. grams .10
AT1029
INSERTION LOSS (dB)
4.4 4.2 4.0 3.8 3.6 3.4 3.2 3.0 200 400 600 800 1000 1200 1400 1600 1800 2000 FREQUENCY (M H z)
ISOLATION (dB)
A B C D E F G H J K L wt. .166 .150 .155 .050 .037 .025 .012 .060 .184 .030 .004 grams 4.22 3.81 3.94 1.27 0.94 0.64 0.30 1.52 4.67 0.76 0.10 .10
5.0 4.8 4.6
at RF level -10 dBm
SBTC-2-20L INSERTION LOSS S-1(dB) S-2(dB)
at RF level -10 dBm 50 45 40 35 30 25 20 15 10 200 400 600 800
SBTC-2-20L ISOLATION
Reflow Solder Assembly Silver-bearing solder (Sn/Pb/Ag 62/36/2%) is recommended; however, tin-lead eutectic (Sn/Pb 63/37%) may be used. For temperature profiles, see Application Note AN-40-004
Demo Board MCL P/N: TB-274 Suggested PCB Layout (PL-152)
1000
1200
1400
1600
1800
2000
FREQUENCY (M H z)
at RF level -10 dBm 2.0 1.9 1.8 1.7 VSWR 1.6 1.5 1.4 1.3 1.2 1.1 1.0 200 400 600
SBTC-2-20L VSWR #S-VSWR #1-VSWR #2-VSWR
800 1000 1200 1400 FREQUENCY (MHz)
1600
1800
2000
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
REV. C M89618 SBTC-2-20 ED-8968 SBTC-2-20L ED-10035A/2 WZ/TD/CP 040212
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED


▲Up To Search▲   

 
Price & Availability of SBTC-2-2020L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X