Part Number Hot Search : 
LTC1386 C1321 2CMX1TCG PN9352 DX0907 10330 DX0907 74L00
Product Description
Full Text Search
 

To Download SBTC-2-15-7575L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount, Micro-Miniature
Power Splitter/Combiners
2 Way-0 75
Maximum Ratings
Operating Temperature Storage Temperature Power Input (as a splitter) Internal Dissipation -40C to 85C -55C to 100C 0.5W max. 0.125W max.
NEW!
SBTC-2-15-75 SBTC-2-15-75L
500 to 1500 MHz
Features
* * * * * * * * * low insertion loss, 0.8 dB typ. excellent isolation 28 dB typ. very good phase unbalance, 1 deg. typ. small size, 0.166"x0.150"x0.155" temperature stable, BLUE CELLTM base solder plated leads for excellent solderability small size low cost patent pending
No Leads CASE STYLE:AT790 PRICE: $3.49 ea. QTY (25) $2.69 ea. QTY (1000) Leads CASE STYLE:AT1029 PRICE: $3.64 ea. QTY (25) $2.84 ea. QTY (1000)
Pin Connections
SUM PORT PORT 1 PORT 2 GROUND 6 3 4 1,2
Applications
* VSAT * internet over satellite modems
FREQ. RANGE (MHz)
fL-fU 500-1500 700-1500
NOT USED
5
Outline Drawing
AT790
ISOLATION (dB)
Splitter Electrical Specifications
INSERTION LOSS (dB) ABOVE 3.0 dB PHASE UNBALANCE (Degrees)
Max. 5 4
AMPLITUDE UNBALANCE (dB)
Max. 0.9 0.7
Typ. Min. 28 28 18 20
Typ. Max. 0.8 0.8 1.5 1.5
AT1029
Typical Performance Data
Frequency (MHz)
500.00 600.00 700.00 800.00 850.00
Insertion Loss (dB) (dB) S-1 S-2
4.19 4.12 3.97 3.93 3.92 3.90 3.88 3.86 3.84 3.85 3.83 3.81 3.82 3.83 3.84 3.61 3.63 3.58 3.61 3.63 3.64 3.66 3.68 3.74 3.81 3.83 3.86 3.95 4.00 4.05
Amplitude Unbalance (dB)
0.58 0.49 0.39 0.32 0.29 0.25 0.22 0.18 0.10 0.04 0.03 0.05 0.13 0.17 0.21
Isolation (dB)
21.98 25.03 27.04 30.56 32.53 33.74 35.62 39.45 45.64 43.71 41.60 41.15 42.70 42.33 42.11
Phase Unbalance (deg.)
1.92 1.30 0.91 0.59 0.44 0.29 0.20 0.15 0.17 0.19 0.21 0.19 0.21 0.24 0.30
VSWR S
1.11 1.08 1.08 1.08 1.08 1.08 1.09 1.10 1.11 1.14 1.15 1.17 1.22 1.25 1.28
VSWR 1
1.73 1.60 1.51 1.36 1.33 1.32 1.28 1.22 1.22 1.14 1.10 1.10 1.09 1.11 1.15
VSWR 2
1.57 1.50 1.42 1.35 1.33 1.31 1.29 1.27 1.28 1.24 1.22 1.23 1.26 1.27 1.30
AT790 & AT1029
900.00 950.00 1000.00 1100.00 1200.00 1250.00 1300.00 1400.00 1450.00 1500.00
Outline Dimensions ( inch) mm
AT790 A B C D E F G H J K .150 .150 .150 .050 .030 .025 .028 .050 .160 .030 3.81 3.81 3.81 1.27 0.76 0.64 0.71 1.27 4.06 0.76 wt. grams .10
AT1029
INSERTION LOSS (dB)
A B C D E F G H J K L wt. .166 .150 .155 .050 .037 .025 .012 .060 .184 .030 .004 grams 4.22 3.81 3.94 1.27 0.94 0.64 0.30 1.52 4.67 0.76 0.10 .10
6.0 5.5
at RF level of -10 dBm
SBTC-2-15-75L INSERTION LOSS 50 45 ISOLATION (dB) 40 35 30 25 S-1(dB) S-2(dB)
at RF level of -10 dBm
SBTC-2-15-75L ISOLATION
5.0 4.5 4.0 3.5 3.0 2.5 2.0 500
Reflow Solder Assembly Silver-bearing solder (Sn/Pb/Ag 62/36/2%) is recommended; however, tin-lead eutectic (Sn/Pb 63/37%) may be used. For temperature profiles, see Application Note AN-40-004
Demo Board MCL P/N: TB-274 Suggested PCB Layout (PL-152)
600
700
800
900
1000 1100 1200 1300 1400 1500
20 500
600
700
800
900
1000 1100 1200 1300 1400 1500
FREQUENCY (M H z)
FREQUENCY (M H z)
1.80 1.70 1.60 1.50 VSWR 1.40 1.30 1.20 1.10
at RF level of -10 dBm
SBTC-2-15-75L VSWR #S-VSWR #1-VSWR #2-VSWR
1.00 500
600
700
800
900
1000 1100 1200 1300 1400 1500
FREQUENCY (MHz)
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
REV. C M89618 SBTC-2-15-75 ED-9230/2 SBTC-2-15-75L ED-9230A/1 WZ/TD/CP 040212
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED


▲Up To Search▲   

 
Price & Availability of SBTC-2-15-7575L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X