Part Number Hot Search : 
BR206 XVT9003 3025CUR HM7550 98103A PSUT36 LC866428 JANTX2N
Product Description
Full Text Search
 

To Download SBT92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SBT92
PNP Silicon Transistor
Descriptions
* High voltage application * Telephone application
Features
* Collector-Emitter voltage : VCEO=SBT92 : -300V * Complementary pair with SBT42
Ordering Information
Type NO. SBT92 Marking M2A Package Code SOT-23
Outline Dimensions
2.40.1 1.300.1
unit : mm
1
1.90 Typ.
3 2
0.4 Typ. 0.45~0.60
0.2 Min.
1.12 Max.
0.38
0~0.1
0.124
-0.03 +0.05
2.90.1
PIN Connections 1. Base 2. Emitter 3. Collector
KST-2041-002
1
SBT92
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-Base voltage Collector current Emitter current Collector dissipation Junction temperature Storage temperature * : Package mounted on 99.5% alumina 10x8x0.6mm
(Ta=25C)
Symbol
VCBO VCEO VEBO IC IE PC
*
Ratings
-300 -300 -6 -500 500 350 150 -55~150
Unit
V V V mA mA mW C C
Tj Tstg
Electrical Characteristics
Characteristic
Collector-Base breakdown voltage Collector-Emitter breakdown voltage Emitter-Base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-Emitter saturation voltage Base-Emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol
BVCBO BVCEO BVEBO ICBO IEBO hFE
* *
Test Condition
IC=-100A, IE=0 IC=-1mA, IB=0 IE=-100A, IC=0 VCB=-200V, IE=0 VEB=-3V, IC=0 VCE=-10V, IC=-30mA IC=-20mA, IB=-2mA IC=-20mA, IB=-2mA VCE=-20V, IC=-10mA VCB=-20V, IE=0, f=1MHz
Min. Typ. Max.
-300 -300 -6 40 50 -0.1 -0.1 -0.5 -0.9 6
Unit
V V V A A V V MHz pF
VCE(sat) fT Cob
VBE(sat) *
* : Pulse Tester : Pulse Width 300
, Duty Cycle 2.0%
KST-2041-002
2
SBT92
Electrical Characteristic Curves
Fig. 1 hFE IC Fig. 2 VCE(sat),VBE(sat) - IC
Fig. 3 fT - IC
Fig. 4 Cob - VR
KST-2041-002
3


▲Up To Search▲   

 
Price & Availability of SBT92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X