Part Number Hot Search : 
HDBL152G GAL20V8 NJU8761 2SK21 30P1600 3018A A8021178 16200
Product Description
Full Text Search
 

To Download SBT607G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB6G, SBT6G SERIES
Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 6.0 Amperes
SBT-6
SB-6
Features
UL Recognized File # E-96005 Glass passivated junction Surge overload rating 175 amperes peak Low forward voltage drop Mounting position: Any High temperature soldering guaranteed: 260 / 10 seconds / 0.375" ( 9.5mm ) lead length at 5 lbs., ( 2.3 kg ) tension Small size, simple installation Leads solderable per MIL-STD-202 Method 208
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
SB
SB
SB
SB
SB
SB
SB
Symbol 601G 602G 603G 604G 605G 606G 607G Units
SBT SBT SBT SBT SBT SBT SBT 601G 602G 603G 604G 605G 606G 607G
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA = 50 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 3.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Typical Thermal Resistance (Note 1) (Note 2) Operating Temperature Range Storage Temperature Range
VRRM VRMS VDC I(AV) IFSM VF IR RJA RJL TJ
50 35 50
100 70 100
200 140 200
400 280 400
600 420 600
800 560 800
1000 700 1000
V V V A A V uA uA /W
6.0 175 1.1 10 500 22 7.3 -55 to +150 -55 to +150
TSTG Notes: 1. Unit Mounted on P.C.B. at 0.375" (9.5mm) Lead Length with 0.5 x 0.5" (12 x 12mm) Copper Pads. 2. Unit Mounted on 2" x 3" x 0.25" Al. Plate.
- 740 -
RATINGS AND CHARACTERISTIC CURVES ( SB601G THRU SB607G ) SBT601G SBT607G
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT FIG.2- TYPICAL FORWARD CURRENT DERATING CURVE
250
10
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD OUTPUT CURRENT AMPERES
60 80 100
200 175 150
8
6
100
4
50
2
0
1
2
4
6
8 10
20
40
0
0
50
o
100
150
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
100
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
100
INSTANTANEOUS FORWARD CURRENT AMPERES
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
10
TJ=125 0C
10
1 Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE 0.1
0
1
TJ=25 0C
0.01 0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
FORWARD VOLTAGE. VOLTS
0 20 40 60 80 100 120 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
140
- 741 -


▲Up To Search▲   

 
Price & Availability of SBT607G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X