Part Number Hot Search : 
BSC09 KA8513B HT95L00P C1310 TS33905 03K8GA UESP10D STGB10NB
Product Description
Full Text Search
 

To Download SBT3904U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SBT3904U
NPN Silicon Transistor
Descriptions
* Small signal application * Switching application
Features
* Low VCE(SAT) : 0.3V max @ IC=50 * High speed switching : tf=50 max @ IC=10 * Complementary pair with SBT3906U
Ordering Information
Type NO. SBT3904U Marking 1A Package Code SOT-323
Outline Dimensions
unit : mm
1 3 2
PIN Connections 1. Base 2. Emitter 3. Collector
KST-3071-000
1
SBT3904U
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-base voltage Collector current Collector Power dissipation Junction temperature Storage temperature range
Ta=25C
Symbol
VCBO VCEO VEBO IC PC* TJ Tstg
Rating
60 40 6 200 350 150 -55~150
Unit
V V V
* : Device mounted on 99.5% alumina 10x8x0.6mm
Electrical Characteristics
Characteristic
Collector-Base breakdown voltage Collector-Emitter breakdown voltage Emitter-Base breakdown voltage Collector cut-off current DC current gain Collector-Emitter saturation voltage Transition frequency Collector output capacitance Turn on delay time Rise time Storage time Fall Time
Ta=25C
Symbol
BVCBO BVCEO BVEBO ICEX hFE VCE(sat) fT Cob td tr ts tf
Test Condition
IC=10A, IE=0 IC=1mA, IB=0 IE=10A, IC=0 VCE=30V, VBE=-3V VCE=1V, IC=10mA IC=50mA, IB=5mA VCE=20V, IC=10mA, f=100MHz VCB=5V, IE=0, f=1MHz VCC=3V, VBE(off)=0.5V IC=10mA, IB1=1mA VCC=3V,IC=10mA, IB1=-IB2=1mA
Min. Typ. Max.
60 40 6 100 300 50 300 0.3 4 35 35 200 50
Unit
V V V V
KST-3071-000
2
Electrical Characteristic Curves
Fig. 1 PC-Ta
(
SBT3904U
Fig. 2 hFE-IC
xx
)
Fig. 3 VCE(sat)-IC
KST-3071-000
3
SBT3904U
These AUK products are intended for usage in general electronic equipment(Office and communication equipment, measuring equipment, domestic electrification, etc.). Please make sure that you consult with us before you use these AUK products in equipments which require high quality and/or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, traffic signal, combustion central, all types of safety device, etc.). AUK cannot accept liability to any damage which may occur in case these AUK products were used in the mentioned equipments without prior consultation with AUK.
KST-3071-000
4


▲Up To Search▲   

 
Price & Availability of SBT3904U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X