Part Number Hot Search : 
MB8811 SBR05 Y100E 2N1481 ST72T5XX BP104 6042004 D62LCB
Product Description
Full Text Search
 

To Download SBR1645-T254 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAB
MECHANICAL DATA Dimensions in mm
13.59 (0.535) 13.84 (0.545) 3.53 (0.139) Dia. 3.78 (0.149) 6.32 (0.249) 6.60 (0.260) 1.02 (0.040) 1.27 (0.050) 30.35 (1.195) 31.40 (1.235) 16.89 (0.665) 17.40 (0.685) 13.59 (0.535) 13.84 (0.545)
SEME
SBR1645-T254
DUAL SCHOTTKY BARRIER RECTIFIER IN A TO254 HERMETICALLY SEALED PACKAGE FOR HI-REL APPLICATIONS
FEATURES
* * * * * HERMETIC TO254 METAL PACKAGE ISOLATED CASE 16A, 45V COMMON CATHODE MILITARY OPTIONS AVAILABLE
1
2
3
0.89 (0.035) 1.14 (0.045) 3.81 (0.150) BSC
20.07 (0.790) 20.32 (0.800)
3.81 (0.150) BSC
TO-254METAL PACKAGE
Pin 1- Anode 1 Pin 2 - Cathode Pin 3 - Anode 2
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated) VRRM Peak Repetitive Reverse Voltage VRWM Working Peak Reverse Voltage IF(AV) Average rectified Forward Current (TC = 125C) IFRM Peak Repetitive Forward Current (TC = 125C) TFSM Nonrepetitive Peak Surge Current IRRM Peak Repetitive Reverse Surge Current
RqJC Thermal Resistance, Junction to Case
MBR1645 45V 45V 16A 32A 150A 10A 2C/W
ELECTRICAL CHARACTERISTICS (Per Diode) Parameter Test Conditions
VF IR Forward Voltage(1) Reverse Current IF = 16A IF = 16A VR = VRRM VR = VRRM
2.0%
Min.
Typ.
Max.
0.57 0.63 40 0.2
Unit
V mA
TC = 125C TC = 25C TC = 125C TC = 25C
(1)Pulse Test: Pulse Width = 300 ms. Duty Cycle
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 2/98


▲Up To Search▲   

 
Price & Availability of SBR1645-T254

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X