Part Number Hot Search : 
EA1006AE LTC372 78L06M FM101 LM134 40014 MC79M12 DFLT6V0A
Product Description
Full Text Search
 

To Download SBL860 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
SBL820 THRU SBL860
8 Amp Schottky Barrier Rectifier 20 to 60 Volts
* * * * *
Features
High Surge Capacity High Efficiency Low Forward Voltage Low Power Loss Case Material: Molded Plastic. Classification Rating 94V-0
UL Flammability
Maximum Ratings
* * Operating Temperature: -50 C to +125C Storage Temperature: -50C to +125C MCC Catalog Number Device Marking Maximum Reccurrent Peak Reverse Voltage 20V 30V 40V 50V 60V Maximum RMS Voltage Maximum DC Blocking Voltage 20V 30V 40V 50V 60V
TO-220AC
B C K
PIN 1 2
L M D A E
SBL820 SBL830 SBL840 SBL850 SBL860
SBL820 SBL830 SBL840 SBL850 SBL860
14V 21V 28V 35V 42V
F G I H J N
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element SBL820~840 SBL850~860 Maximum DC Reverse Current At Rated DC Blocking Voltage IF(AV) 8A TC = 100 C
PIN 1 PIN 2
CASE
IFSM
150 A
8.3ms, half sine
MM 14.22 9.65 2.54 5.84 9.65 -----12.70 4.83 0.51 0.30 3.53 3.56 1.14 2.03 15.88 10.67 3.43 6.86 10.67 6.35 14.73 5.33 1.14 0.64 4.09 4.83 1.40 2.92 INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 -----.250 .500 .580 .190 .210 .020 .045 .012 .025 .139 .161 .140 .190 .045 .055 .080 .115
IFM = 8A VF .55V .75V TA = 25C*
IR
0.5 m A TC = 25C 50m A TC = 125C
A B C D E F G H I J K L M N
*Pulse test: Pulse width 200 sec
Revision: 5
www.mccsemi.com
1 of 3
2006/05/29
SBL820 thru SBL860
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 SBL850~SBL860 .1 .06 .04 .02 .01 .2 .3 .4 .5 .6 .7 .8 SBL820~SBL840 10 6 4 2 1 .6 .4 .2
MCC
TM
Figure 2 Micro Commercial Components Typical Reverse Characteristics
TJ=25C Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60 80 Volts 100 120 140
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 12
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts
Figure 4 Peak Forward Surge Current 240
12 200 8 160 120 Amps 4 40 2 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 25 50 75 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 100 125 150 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100 80
6 Amps
2
www.mccsemi.com
Revision: 5
2 of 3
2006/05/29
MCC
TM
Micro Commercial Components
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 5
3 of 3
2006/05/29


▲Up To Search▲   

 
Price & Availability of SBL860

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X