Part Number Hot Search : 
L88M12T BUW51 5993A 5993A SDA130A 1209DH VDXXXX 74HCT251
Product Description
Full Text Search
 

To Download SBL2060PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBL2030PT - SBL2060PT
20A SCHOTTKY BARRIER RECTIFIER
SPICE MODELS: SBL2030PT SBL2035PT SBL2040PT SBL2045PT SBL2050PT SBL2060PT
Features
* * * * * * *
Schottky Barrier Chip Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability High Current Capability and Low Forward Voltage Drop For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Application Lead Free Finish, RoHS Compliant (Note 3) Dim TO-3P Min 1.88 4.68 20.63 18.5 2.1 0.51 15.38 1.90 2.9AE 3.78 5.2 0.89 1.82 2.92 11.70 3/4 Max 2.08 5.36 22.38 21.5 2.4 0.76 16.25 2.70 3.65AE 4.50 5.7 1.53 2.46 3.23 12.84 6.10 A B C D E G H J K
H
A B
S
R
J
C K L G
Mechanical Data
* * * * * * * *
Case: TO-3P Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish 3/4 Bright Tin. Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Ordering Information: See Last Page Marking: Type Number Weight: 5.6 grams (approximate)
P N
Q
D
L M N P Q R S
E M M
All Dimensions in mm @ TA = 25C unless otherwise specified
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TC = 100C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Drop Peak Reverse Current at Rated DC Blocking Voltage Typical Total Capacitance (Note 2) Typical Thermal Resistance Junction to Case (Note 1) Operating and Storage Temperature Range
Notes:
SBL Symbol 2030PT VRRM VRWM VR VR(RMS) IO IFSM VFM IRM CT RqJC Tj, TSTG 30 21
SBL 2035PT 35 24.5
SBL 2040PT 40 28
SBL 2045PT 45 31.5
SBL 2050PT 50 35
SBL 2060PT 60 42
Unit V V A A
20 250 0.55 1.0 50 1100 2.5 -65 to +150 0.75
@ IF = 10A, TC = 25C @ TC = 25C @ TC = 100C
V mA pF C/W C
1. Thermal resistance junction to case mounted on heatsink. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS23047 Rev. 4 - 2
1 of 3 www.diodes.com
SBL2030PT - SBL2060PT
a Diodes Incorporated
IF, INSTANTANEOUS FORWARD CURRENT (A)
20
100
I(AV), AVERAGE RECTIFIED CURRENT (A)
16
SBL2030PT - SBL20450PT
10
SBL2050PT - SBL2060PT
12
8
1.0
4
0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
IFSM, PEAK FORWARD SURGE CURRENT (A)
300 250
0.1 0.1 0.3 0.5 0.7 0.9 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics per Element
8.3 ms single half-sine-wave JEDEC method
4000
Tj = 25C f = 1MHz
200
CT, CAPACITANCE (pF)
1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Forward Surge Current 100
1000
150
100
50 0
100 0.1 1.0 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance per Element
IR, INSTANTANEOUS REVERSE CURRENT (mA)
100
10
Tj = 100C
Tj = 75C
1.0
0.1
Tj = 25C
0.01 0 40 80 120 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics per Element
DS23047 Rev. 4 - 2
2 of 3 www.diodes.com
SBL2030PT - SBL2060PT
Ordering Information
Device SBL2030PT SBL2035PT SBL2040PT SBL2045PT SBL2050PT SBL2060PT
Notes:
(Note 4) Packaging TO-3P TO-3P TO-3P TO-3P TO-3P TO-3P Shipping 30/Tube 30/Tube 30/Tube 30/Tube 30/Tube 30/Tube
4. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
DS23047 Rev. 4 - 2
3 of 3 www.diodes.com
SBL2030PT - SBL2060PT


▲Up To Search▲   

 
Price & Availability of SBL2060PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X