Part Number Hot Search : 
00101 BC857 2N2726 T7214 KS24C020 ADV8005 44400 C1608
Product Description
Full Text Search
 

To Download SBL1040CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBL1030CT AND SBL1040CT
SCHOTTKY RECTIFIER
Reverse Voltage - 30 and 40 Volts
TO-220AB
0.415 (10.54) MAX. 0.370 (9.40) 0.360 (9.14) 0.154 (3.91) 0.185 (4.70) 0.175 (4.44) DIA. 0.148 (3.74) 0.055 (1.39) 0.045 (1.14)
Forward Current - 10.0 Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capacity For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 250C/10 seconds, 0.25" (6.35mm) from case
0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.560 (14.22) 0.530 (13.46) 0.410 (10.41) 0.390 (9.91) PIN 2 0.635 (16.13) 0.625 (15.87) 1 0.160 (4.06) 0.140 (3.56) 0.560 (14.22) 0.530 (13.46) 3 0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54)
0.105 (2.67) 0.095 (2.41)
0.037 (0.94) 0.027 (0.68) 0.105 (2.67) 0.095 (2.41) 0.205 (5.20) 0.195 (4.95)
0.022 (0.56) 0.014 (0.35)
MECHANICAL DATA
PIN 1 PIN 3 PIN 2 CASE
Dimensions in inches and (millimeters)
Case: JEDEC TO-220AB molded plastic body Terminals: Lead solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Mounting Torque: 5 in. - lbs max. Weight: 0.08 ounce, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
SBL1030CT
SBL1040CT
UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=95C Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage per leg at 5.0A (NOTE 1) Maximum instantaneous reverse current at rated DC blocking voltage (NOTE 1) Typical thermal resistance (NOTE 2) Operating and storage temperature range
NOTES: (1) Pulse test: 300s pulse width, 1% duty cycle (2) Thermal resistance from junction to case per leg
VRRM VRMS VDC I(AV) IFSM
30 21 30 10.0 175.0
40 28 40
Volts Volts Volts Amps Amps
VF TC=25C TC=100C IR RJC TJ, TSTG
0.55 0.5 50.0 3.0 -40 to +125
Volts mA C/W C
4/98
RATINGS AND CHARACTERISTIC CURVES SBL1030CT AND SBL1040CT
FIG. 1 - FORWARD CURRENT DERATING CURVE
RESISTIVE OR INDUCTIVE LOAD
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT, AMPERES
AVERAGE FORWARD CURRENT, AMPERES
12.5 10 7.5 5 2.5 0
300 250 200 150 100 50 0
TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0
50
100
150
CASE TEMPERATURE, C
1
10
NUMBER OF CYCLES AT 60 HZ
100
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS PER LEG FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
50
50
INSTANTANEOUS FORWARD CURRENT, AMPERES
PULSE WIDTH = 300s 1% DUTY CYCLE TJ=125C
10
TJ=125C
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
10
1
TJ=75C
1
TJ=25C
0.1
0.1
0.01
TJ=25C
0.01
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.001
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, % FIG. 5 - TYPICAL JUNCTION CAPACITANCE PER LEG FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG TRANSICENTTHERMAL IMPEDANCE, C/W
4,000
JUNCTION CAPACITANCE, pF
TJ = 25C f=1.0 MHz Vsig=50mVp-p
100
1,000
10.0
1.0 1.0
100 0.1
1.0 1
10
100
0.1 0.01
0.1
1
10.0
100
REVERSE VOLTAGE, VOLTS
t, PULSE DURATION, sec.


▲Up To Search▲   

 
Price & Availability of SBL1040CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X