Part Number Hot Search : 
LT121 VSC5529 A40MX04 63D18 CAT3211 AM27S07A 1548S UA9287
Product Description
Full Text Search
 

To Download SB8150FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
SB8150FCT
Pb
8.0A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
Features
! ! ! ! ! ! Schottky Barrier Chip Guard Ring for Transient Protection Low Forward Voltage Drop C Low Reverse Leakage Current High Surge Current Capability G Plastic Material has UL Flammability Classification 94V-O D F P I H L B
ITO-220 Dim Min Max 14.60 15.40 A 9.70 10.30 B 2.55 2.85 C 3.56 4.16 D 13.00 13.80 E 0.30 0.90 F 3.00 O 3.50 O G 6.30 6.90 H 4.20 4.80 I 2.50 2.90 J 0.36 0.80 K 2.90 3.30 L 2.29 2.79 P All Dimensions in mm
A
PIN1 2 3
Mechanical Data
! ! ! ! ! ! ! Case: ITO-220, Full Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 2.24 grams (approx.) Mounting Position: Any Mounting Torque: 11.5 cm-kg (10 in-lbs) Max. Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
E
PIN 1 -
+ PIN 2
J K
PIN 3 -
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 95C
Symbol VRRM VRWM VR VR(RMS) IO
SB8150FCT
Unit
150 105 8.0
V V A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range @IF = 4.0A @TA = 25C @TA = 100C
IFSM VFM IRM Cj Tj, TSTG
150 0.92 0.5 50 700 -65 to +150
A V mA pF C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
SB8150FCT
1 of 4
(c) 2006 Won-Top Electronics
8
IF, INSTANTANEOUS FORWARD CURRENT (A)
30
I(AV), AVERAGE OUTPUT CURRENT (A)
6
10
4
1.0
2
Single Phase Half-Wave 60 Hz Resistive or Inductive Load 9.5mm Lead Length
Tj = 25C Pulse Width = 300s 2% Duty Cycle
0 10 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1 0.1
0.3
0.5
0.7
0.9
1.1
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Voltage Characteristics
200
10000
IFSM , PEAK FORWARD SURGE CURRENT (A)
Tj = 25C f = 1MHz
160
120
80
40
8.3ms Single Half Sine-Wave JEDEC Method
Cj, JUNCTION CAPACITANCE (pF)
1000
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Peak Forward Surge Current 100
100 0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
SB8150FCT
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
WTE
SB8150FCT WTE = Manufacturer's Logo SB8150FCT = Device Number Polarity = As Marked on Body
PACKAGING INFORMATION
BULK
Tube Size L x W x H (mm) 525 x 31 x 6 Quantity (PCS) 50 Inner Box Size L x W x H (mm) 555 x 145 x 95 Quantity (PCS) 2,000 Carton Size L x W x H (mm) 572 x 306 x 218 Quantity (PCS) 8,000 Approx. Gross Weight (KG) 19.0
Note: 1. Anti-static tube, water clear color.
RECOMMENDED SCREW MOUNTING ARRANGEMENT
The full molded plastic package affords a major reduction of hardware as compared to a standard TO-220 package. However, precautions should be made in mounting procedure. A conical washer should be used to apply proper force to the device. Screw should not be tightened with any type of air-forced torque or equipment that may cause crack on device package. A layer of thermal grease or thermal pad in the interface will be considerably helpful for heat dissipation.
6-32 HEX Head Screw Plain Washer Rectifier Heatsink Conical Washer 6-32 HEX Nut
SB8150FCT
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
SB8150FCT
1. 2.
Package Type
ITO-220
Shipping Quantity
50 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, SB8150FCT-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
SB8150FCT
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of SB8150FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X