Part Number Hot Search : 
A1105 MUR160 PRODUC DTC144E PA153 SP1490EC SMK0760F MB592
Product Description
Full Text Search
 

To Download SB660F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SB620F~SB660F
ISOLATION SCHOTTKY BARRIER RECTIFIERS VOLTAGE 20 to 60 Volts
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MILS-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * High surge capacity. * For use in low voltage,high frequency inverters
.161(4.1) MAX
CURRENT - 6 Ampere
.112(2.85) .100(2.55)
ITO-220AC
.272(6.9) .248(6.3)
.406(10.3) MAX .134(3.4) .118(3.0)
Unit: inch ( mm )
.189(4.8)MAX .130(3.3)MAX
.063(1.6) MAX
.606(15.4) .583(14.8)
free wheeling , and polarlity protection applications.
.055(1.4) MAX .035(.9) MAX
.543(13.8) .512(13.0)
.114(2.9) .098(2.5) .032(.8) MAX
MECHANICAL DATA
Case: ITO-220AC full molded plastic package Terminals: Lead solderable per MIL-STD-202, Method 208 Polarity: As marked. Mounting Position: Any Weight: 0.08 ounces, 2.24grams.
.1 (2.55)
.1 (2.55)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
SB620F
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Tc=75C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage at 6.0A per element Maximum DC Reverse Current at Tc=25C DC Blocking Voltage per element Tc=100C Typical Thermal Resistance Note RJC RJA Operating and Storage Temperature Range Storage Temperature Range 0.55
SB630F 30 21 30
SB640F 40 28 40
6.0
SB650F 50 35 50
SB660F 60 42 60
UNITS V V V A A
20 14 20
75 0.70 0.1 15 6.0 80 -50 to +125 -50 to +150
V mA
C/W C C
NOTES: 1. Thermal Resistance Junction to Ambient .
DATE : OCT.10.2002
PAGE . 1
20-30V 10.0 8.0 40-60V
O
C
CASE TEMPERATURE, OC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
O
C
O
C
O
C
NUMBER OF CYCLE AT 60Hz
Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.5- TYPICAL JUNCTION CAPACITANCE
DATE : OCT.10.2002
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SB660F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X