Part Number Hot Search : 
74VHC32 HA17358F TLP120 1414397 74VHC1G SP708TEP HT288 N4990
Product Description
Full Text Search
 

To Download SB660 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
SB620 - SB660
Pb
6.0A SCHOTTKY BARRIER RECTIFIER
Features
! ! ! ! ! ! Schottky Barrier Chip Guard Ring for Transient Protection Low Forward Voltage Drop C Low Reverse Leakage Current High Surge Current Capability G Plastic Material has UL Flammability Classification 94V-O D F P I H L B
TO-220A Dim Min Max 13.90 15.90 A 9.80 10.70 B 2.54 3.43 C 3.56 4.56 D 12.70 14.73 E 0.51 0.96 F 3.55 O 4.09 O G 5.75 6.85 H 4.16 5.00 I 2.03 2.92 J 0.30 0.65 K 1.14 1.40 L 4.83 5.33 P All Dimensions in mm
A
PIN1 3
Mechanical Data
! ! ! ! ! ! ! Case: TO-220A, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 2.24 grams (approx.) Mounting Position: Any Mounting Torque: 11.5 cm-kg (10 in-lbs) Max. Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
E
PIN 1 +
+ Case
J K
PIN 3 -
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 75C Symbol VRRM VRWM VR VR(RMS) IO
@TA=25C unless otherwise specified
SB620 20 14
SB630 30 21
SB640 40 28 6.0
SB650 50 35
SB660 60 42
Unit V V A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range @IF = 6.0A @TA = 25C @TA = 100C
IFSM VFM IRM Cj RJA Tj, TSTG 0.55
75 0.70 0.2 15 400 80 -65 to +150
A V mA pF C/W C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Thermal resistance junction to ambient mounted on heatsink.
SB620 - SB660
1 of 4
(c) 2006 Won-Top Electronics
8
IF, INSTANTANEOUS FORWARD CURRENT (A)
10
40
I(AV), AVERAGE FORWARD CURRENT (A)
SB620 - SB640
10
6
SB650 - SB660
4
1.0
2
Resistive or Inductive Load
Tj - 25C
IF Pulse Width = 300s
0 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1 0 0.2 0.4 0.6 0.8 1.0 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
3000
Tj = 25C
IFSM, PEAK FORWARD SURGE CURRENT (A)
100
Single Half-Sine-Wave (JEDEC Method)
80
Cj, CAPACITANCE (pF) 1000
60
40
20
0 1 10 100 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
IR, INSTANTANEOUS REVERSE CURRENT (mA) 100
Tj = 125C
100 0.1 1.0 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
10
1.0
Tj = 75C
0.1
0.01
Tj = 25C
0.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
SB620 - SB660
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
WTE SB6x0
WTE SB6x0 x Polarity
= Manufacturer's Logo = Device Number = 2, 3, 4, 5 or 6 = As Marked on Body
PACKAGING INFORMATION
BULK
Tube Size L x W x H (mm) 525 x 31 x 6 Quantity (PCS) 50 Inner Box Size L x W x H (mm) 555 x 145 x 95 Quantity (PCS) 2,000 Carton Size L x W x H (mm) 572 x 306 x 218 Quantity (PCS) 8,000 Approx. Gross Weight (KG) 19.0
Note: 1. Anti-static tube, water clear color.
RECOMMENDED SCREW MOUNTING ARRANGEMENT
Recommended isolated mounting when screw is at heatsink potential. 4-40 hardware is used. Screw should not be tightened with any type of air-forced torque or equipment that may cause high impact on device package. The insulating bushing inside the mounting hole will insure the screw threads do not contact the metal base. The interface should apply a layer of thermal grease or a highly conductive thermal pad for better heat dissipation.
4-40 PAN or HEX Head Screw Plain Washer Insulating Bushing Rectifier Insulator Heatsink Compression Washer 4-40 HEX Nut
SB620 - SB660
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
SB620 SB630 SB640 SB650 SB660
1. 2.
Package Type
TO-220A TO-220A TO-220A TO-220A TO-220A
Shipping Quantity
50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, SB620-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
SB620 - SB660
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of SB660

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X