Part Number Hot Search : 
20301 STM1815T TPA6120 500765 BCR16HM MTSS320A 20CTR 6100CT
Product Description
Full Text Search
 

To Download SB380-TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
SB320 - SB3100
Pb
3.0A SCHOTTKY BARRIER DIODE
Features
! ! Schottky Barrier Chip Guard Ring Die Construction for Transient Protection ! High Current Capability A B ! Low Power Loss, High Efficiency ! High Surge Current Capability ! For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications D
A
C
Mechanical Data
! ! ! ! ! ! ! Case: DO-201AD, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 1.2 grams (approx.) Mounting Position: Any Marking: Type Number Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
DO-201AD Dim Min Max 25.4 -- A 7.20 9.50 B 1.20 1.30 C 4.80 5.30 D All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TL = 95C Symbol VRRM VRWM VR VR(RMS) IO
@TA=25C unless otherwise specified
SB320 SB330 SB340 20 14 30 21 40 28
SB350 SB360 50 35 3.0 60 42
SB380 SB3100 80 56 100 70
Unit V V A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage @IF = 3.0A @TA = 25C @TA = 100C
IFSM VFM IRM Cj RJA Tj, TSTG 0.50
80 0.75 0.5 20 250 20 -65 to +150 0.85
A V mA pF C/W C
Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 1) Operating and Storage Temperature Range
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
SB320 - SB3100
1 of 4
(c) 2006 Won-Top Electronics
2.5
IF, INSTANTANEOUS FORWARD CURRENT (A)
3.0 IO, AVERAGE FORWARD CURRENT (A)
100
SB320 - SB340
10
SB350 - SB360
2.0
1.5
1.0
1.0
SB380 - SB3100
0.1
0.5 0 25 50 75 100 125 150 TL, LEAD TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.01 0 0.2 0.4 0.6 0.8 1.0 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
1000
Tj = 25C f=1.0MHz
IFSM, PEAK FORWARD SURGE CURRENT (A)
80
Single Half-Sine-Wave (JEDEC Method) Tj = 100C
64
Cj, CAPACITANCE (pF)
48
100
32
16
0 1 10 100
10 0.1 1 10 100
NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
IR, INSTANTANEOUS REVERSE CURRENT (mA)
1k
100
10
Tj = 100C
1.0
Tj = 75C
0.1
Tj = 25C
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
SB320 - SB3100
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
0.8mm MAX
10mm
SB3x0 WTE
Cathode SB3x0 x WTE
= Polarity Band = Device Number = 2, 3, 4, 5, 6, 8 or 10 = Manufacturer's Logo
1.2mm MAX
6mm 52.4mm Cathode Tape: Red Anode Tape: White
0.8mm MAX
PACKAGING INFORMATION
TAPE & BOX TAPE & REEL
Product ID Label
150mm
Inspection Hole (both ends)
330mm 255mm 75mm
BULK
805mm 40mm 200mm
Product ID Label
85mm
Packaging TAPE & REEL TAPE & BOX BULK
Reel Diameter / Box Size (mm) 330 255 x 75 x 150 200 x 85 x 40
Quantity (PCS) 1,200 1,200 500
Carton Size (mm) 370 x 370 x 420 400 x 273 x 415 459 x 214 x 256
Quantity (PCS) 6,000 12,000 12,500
Approx. Gross Weight (KG) 10.0 17.0 16.0
Note: 1. Paper reel, white or gray color. Core material: plastic or metal. 2. Components are packed in accordance with EIA standard RS-296-E.
SB320 - SB3100
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
SB320-T3 SB320-TB SB320 SB330-T3 SB330-TB SB330 SB340-T3 SB340-TB SB340 SB350-T3 SB350-TB SB350 SB360-T3 SB360-TB SB360 SB380-T3 SB380-TB SB380 SB3100-T3 SB3100-TB SB3100
1. 2. 3.
Package Type
DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD
Shipping Quantity
1200/Tape & Reel 1200/Tape & Box 500 Units/Box 1200/Tape & Reel 1200/Tape & Box 500 Units/Box 1200/Tape & Reel 1200/Tape & Box 500 Units/Box 1200/Tape & Reel 1200/Tape & Box 500 Units/Box 1200/Tape & Reel 1200/Tape & Box 500 Units/Box 1200/Tape & Reel 1200/Tape & Box 500 Units/Box 1200/Tape & Reel 1200/Tape & Box 500 Units/Box
Products listed in bold are WTE Preferred devices. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, SB320-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
SB320 - SB3100
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of SB380-TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X