Part Number Hot Search : 
PST9139 LF8430 FH50N20 MUN5232 1S2836 EPM7032A RAS2505 SI230
Product Description
Full Text Search
 

To Download SB190 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB170 - SB1100
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER Features
* * * * * * * * Schottky Barrier Chip Guard Ring Die Construction for Transient Protection Ideally Suited for Automatic Assembly Low Power Loss, High Efficiency Surge Overload Rating to 25A Peak For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Application High Temperature Soldering: 260C/10 Second at Terminal Plastic Material: UL Flammability Classification Rating 94V-0
NEW PRODUCT
A
B
A
D
C
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.3 grams (approx.) Mounting Position: Any Marking: Type Number
Dim A B C D
DO-41 Min 25.4 4.1 0.71 2.0 Max 3/4 5.2 0.86 2.7
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TT = 85C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage @ IF = 1.0A Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Lead Typical Thermal Resistance Junction to Ambient (Note 1) Operating and Storage Temperature Range Notes: @ TA = 25C @ TA = 25C @ TA = 100C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RqJL RqJA Tj, TSTG
@ TA = 25C unless otherwise specified
SB170 70 49
SB180 80 56 1.0 25 0.80 0.5 10 80 15 50
SB190 90 63
SB1100 100 70
Unit V V A A V mA pF K/W K/W C
-65 to +125
1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
DS30116 Rev. B-1
1 of 2
SB170 - SB1100
IF, INSTANTANEOUS FORWARD CURRENT (A)
20 10
NEW PRODUCT
I(O), AVERAGE FORWARD CURRENT (A)
1.0
0.5
1.0
Tj = 25C IF Pulse Width = 300s
0 25 50 75 100 125 150 TL, LEAD TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1 0.1 0.5 0.9 1.3 1.7 2.1 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IFSM, PEAK FORWARD SURGE CURRENT (A)
40
Single Half Sine-Wave (JEDEC Method) Tj = 150C
1000
30
Cj, JUNCTION CAPACITANCE (pF)
Tj = 25C f = 1.0MHz
20
100
10
0 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
10 0.1 1 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
DS30116 Rev. B-1
2 of 2
SB170 - SB1100


▲Up To Search▲   

 
Price & Availability of SB190

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X