Part Number Hot Search : 
TGA45 GBU401 M220X08 FBI4K5M1 MAX3062 MAX3062 SPP9435W BZT52
Product Description
Full Text Search
 

To Download SB1080DC-T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
SB1020DC - SB10100DC
Pb
10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
Features
! ! Schottky Barrier Chip C J Guard Ring Die Construction for A Transient Protection ! Low Forward Voltage Drop ! Low Power Loss, High Efficiency B ! High Surge Current Capability D E PIN 1 2 3 ! For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity G Protection Applications H K P P
D2 PAK/TO-263 Dim Min Max 9.80 10.40 A 9.60 10.60 B 4.40 4.80 C 8.50 9.10 D 2.80 -- E 1.00 1.40 G -- 0.90 H 1.20 1.40 J 0.30 0.70 K 2.35 2.75 P All Dimensions in mm
Mechanical Data
! ! ! ! ! ! ! Case: D2PAK/TO-263, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 1.7 grams (approx.) Mounting Position: Any Marking: Type Number Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
PIN 1 PIN 3 -
+ Case, PIN 2
Maximum Ratings and Electrical Characteristics
@TA=25C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
SB SB SB SB SB SB SB SB 1020DC 1030DC 1040DC 1045DC 1050DC 1060DC 1080DC 10100DC
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 100C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage @IF = 5.0A @TA = 25C @TA = 100C
Symbol VRRM VRWM VR VR(RMS) IO
Unit
20 14
30 21
40 28
45 32 10
50 35
60 42
80 56
100 70
V V A
IFSM VFM IRM Cj RJC Tj, TSTG 0.55
150 0.75 0.5 50 600 3.0 -65 to +150 0.85
A V mA pF C/W C
Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Thermal resistance junction to case mounted on heatsink.
SB1020DC - SB10100DC
1 of 4
(c) 2006 Won-Top Electronics
10
40
8
IF, NSTANTANEOUS FORWARD CURRENT (A)
I(AV), AVERAGE OUTPUT CURRENT (A)
1020DC - 1045DC
20
6
1050DC - 1060DC 1080DC - 10100DC
4
10
2
Single Pulse Half-Wave 60 Hz Resistive or Inductive Load
Tj = 25C Pulse Width = 300 s 2% Duty Cycle
0 10
40
60
80
100
120
140150
1 0 0.5 1.0 1.5 2.0 2.5 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
150
2000
Tj = 25C f = 1MHz
IFSM , PEAK FORWARD SURGE CURRENT (A)
120
Cj, CAPACITANCE (pF)
8.3ms Single Half Sine-Wave JEDEC Method
90
1000
60
30
100
0 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
SB1020DC - SB10100DC
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
0.33 (8.38)
WTE
SB10xxDC
0.42 (10.66)
0.12 (3.05)
0.08 (2.032)
0.24 (6.096)
0.04 (1.016)
WTE SB10xxDC xx Polarity
= Manufacturer's Logo = Device Number = 20, 30, 40, 45, 50, 60, 80 or 100 = As Marked on Body
0.63 (17.02)
inches(mm)
PACKAGING INFORMATION
TAPE & REEL
Direction of Unreeling 16mm 330mm 24mm
4mm 24mm Product ID Label
1.6mm
Reel Diameter (mm) 330
Quantity (PCS) 800
Inner Box Size L x W x H (mm) 340 x 337 x 45
Quantity (PCS) 800
Carton Size L x W x H (mm) 370 x 370 x 420
Quantity (PCS) 6,400
Approx. Gross Weight (KG) 15.0
Note: 1. Paper reel, white or gray color. 2. Components are packed in accordance with EIA standard 481-1 and 481-2.
SB1020DC - SB10100DC
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
SB1020DC-T3 SB1030DC-T3 SB1040DC-T3 SB1045DC-T3 SB1050DC-T3 SB1060DC-T3 SB1080DC-T3 SB10100DC-T3
1. 2.
Package Type
D PAK D PAK D PAK D PAK D PAK D PAK D PAK D PAK
2 2 2 2 2 2 2 2
Shipping Quantity
800/Tape & Reel 800/Tape & Reel 800/Tape & Reel 800/Tape & Reel 800/Tape & Reel 800/Tape & Reel 800/Tape & Reel 800/Tape & Reel
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, SB1020DC-T3-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
SB1020DC - SB10100DC
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of SB1080DC-T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X