Part Number Hot Search : 
2SB789A 485ELC12 IW4011BN D1527 JEGC0158 45H15B 9972G 30BCD
Product Description
Full Text Search
 

To Download SB1080 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
SB1020 - SB10100
Pb
10A SCHOTTKY BARRIER RECTIFIER
Features
! ! ! ! ! ! Schottky Barrier Chip Guard Ring for Transient Protection Low Forward Voltage Drop C Low Reverse Leakage Current High Surge Current Capability G Plastic Material has UL Flammability Classification 94V-O D F P I H L B
TO-220A Dim Min Max 13.90 15.90 A 9.80 10.70 B 2.54 3.43 C 3.56 4.56 D 12.70 14.73 E 0.51 0.96 F 3.55 O 4.09 O G 5.75 6.85 H 4.16 5.00 I 2.03 2.92 J 0.30 0.65 K 1.14 1.40 L 4.83 5.33 P All Dimensions in mm
A
PIN1 3
Mechanical Data
! ! ! ! ! ! ! Case: TO-220A, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 2.24 grams (approx.) Mounting Position: Any Mounting Torque: 11.5 cm-kg (10 in-lbs) Max. Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
E
PIN 1 +
+ Case
J K
PIN 3 -
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. SB 1020 20 14 SB 1030 30 21
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TL = 95C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage @IF = 10A
Symbol VRRM VRWM VR VR(RMS) IO
SB 1040 40 28
SB 1045 45 32 10
SB 1050 50 35
SB 1060 60 42
SB 1080 80 56
SB 10100 100 70
Unit
V V A
IFSM VFM IRM Cj RJC Tj, TSTG 0.55
150 0.75 0.5 50 700 2.0 -65 to +150 0.85
A V mA pF C/W C
Peak Reverse Current @TA = 25C At Rated DC Blocking Voltage @TA = 100C Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Thermal resistance junction to case mounted on heatsink.
SB1020 - SB10100
1 of 4
(c) 2006 Won-Top Electronics
10
40
8
IF, NSTANTANEOUS FORWARD CURRENT (A)
I(AV), AVERAGE OUTPUT CURRENT (A)
1020 - 1045
20
6
1050 - 1060 1080 - 10100
4
10
2
Single Pulse Half-Wave 60 Hz Resistive or Inductive Load
Tj = 25C Pulse Width = 300 s 2% Duty Cycle
0 10
40
60
80
100
120
140150
1 0 0.5 1.0 1.5 2.0 2.5 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
TL, LEAD TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
150
2000
Tj = 25C f = 1MHz
IFSM , PEAK FORWARD SURGE CURRENT (A)
120
Cj, CAPACITANCE (pF)
8.3ms Single Half Sine-Wave JEDEC Method
90
1000
60
30
100
0 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
SB1020 - SB10100
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
WTE SB10xx
WTE SB10xx xx Polarity
= Manufacturer's Logo = Device Number = 20, 30, 40, 45, 50, 60, 80 or 100 = As Marked on Body
PACKAGING INFORMATION
BULK
Tube Size L x W x H (mm) 525 x 31 x 6 Quantity (PCS) 50 Inner Box Size L x W x H (mm) 555 x 145 x 95 Quantity (PCS) 2,000 Carton Size L x W x H (mm) 572 x 306 x 218 Quantity (PCS) 8,000 Approx. Gross Weight (KG) 19.0
Note: 1. Anti-static tube, water clear color.
RECOMMENDED SCREW MOUNTING ARRANGEMENT
Recommended isolated mounting when screw is at heatsink potential. 4-40 hardware is used. Screw should not be tightened with any type of air-forced torque or equipment that may cause high impact on device package. The insulating bushing inside the mounting hole will insure the screw threads do not contact the metal base. The interface should apply a layer of thermal grease or a highly conductive thermal pad for better heat dissipation.
4-40 PAN or HEX Head Screw Plain Washer Insulating Bushing Rectifier Insulator Heatsink Compression Washer 4-40 HEX Nut
SB1020 - SB10100
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
SB1020 SB1030 SB1040 SB1045 SB1050 SB1060 SB1080 SB10100
1. 2.
Package Type
TO-220A TO-220A TO-220A TO-220A TO-220A TO-220A TO-220A TO-220A
Shipping Quantity
50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, SB1020-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
SB1020 - SB10100
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of SB1080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X