|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ordering number : ENN8156 SB1003EJ SB1003EJ Applications * Schottky Barrier Diode 30V, 1A Rectifier High frequency rectification (switching regulators, converters, choppers). Features * * Low switching noise. Ultraminiature (1608 size) and thin (0.6mm) leadless package. Specifications Absolute Maximum Ratings at Ta=25C Parameter Repetitive Peak Reverse Voltage Nonrepetitive Peak Reverse Surge Voltage Average Output Current Surge Forward Current Junction Temperature Storage Temperature Symbol VRRM VRSM IO IFSM Tj Tstg 50Hz sine wave, 1 cycle Conditions Ratings 30 35 1 5 --55 to +125 --55 to +125 Unit V V A A C C Electrical Characteristics at Ta=25C Parameter Reverse Voltage Forward Voltage Reverse Current Interterminal Capacitance Reverse Recovery Time Thermal Resistance Symbol VR VF IR C trr Rth(j-a) IR=200A IF=1A VR=15V VR=10V, f=1MHz IF=IR=10mA, See specified Test Circuit. Mounted on a ceramic board (600mm2!0.8mm) 27 10 165 Conditions Ratings min 30 0.55 15 typ max Unit V V A pF ns C / W Marking : DH Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein. SANYO Electric Co.,Ltd. Semiconductor Company TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN N3004SB TS IM TB-00000951 No.8156-1/3 SB1003EJ Package Dimensions unit : mm 1332 Bottom View 0.5 Top View 0.8 0.05 Marking 2 0.05 2 1.2 0.3 0.2 1 1 1 : Anode 2 : Cathode SANYO : ECSP1608-4 Type No. Indication (Top view) 0.6 Electrical Connection (Top view) trr Test Circuit Cathode mark (Top) Duty10% 10mA 1mA *Electrodes : on the bottom Cathode mark (Top) 10s --5V 10mA DF Anode 1.6 Cathode 50 100 10 trr Anode Cathode 10 7 5 3 2 IF -- VF Reverse Current, IR -- A Forward Current, IF -- A 25 C 0.1 7 5 3 2 0.01 7 5 3 2 0 75 C 1.0 7 5 3 2 C 5 3 2 1000 7 5 3 2 100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 0 IR -- VR Ta=125C 50 C 100C 75C 50C 10 0 C 0.001 0.1 0.2 0.3 0.4 0.5 0.6 0.7 IT07977 Ta= 1 25 25C 10 20 30 40 IT07978 Forward Voltage, VF -- V Reverse Voltage, VR -- V No.8156-2/3 SB1003EJ Average Forward Power Dissipation, PF(AV) -- W 0.7 PF(AV) -- IO (1)Rectangular wave =60 (2)Rectangular wave =120 (3)Rectangular wave =180 (4)Sine wave =180 (1) (2) (4) (3) Case Temperature, Tc -- C 140 Tc -- IO (1)Rectangular wave =60 (2)Rectangular wave =120 (3)Rectangular wave =180 (4)Sine wave =180 0.6 120 0.5 100 0.4 Rectangular wave 80 0.3 360 60 0.2 40 Sine wave 0.1 180 0 0 0.2 0.4 0.6 0.8 360 1.0 20 (1) 0 1.2 IT08182 0 0.2 0.4 0.6 0.8 (2) (4) 1.0 (3) 1.2 IT08183 Average Forward Current, IO -- A 3 2 Average Output Current, IO -- A C -- VR f=1MHz Interterminal Capacitance, C -- pF 100 7 5 3 2 10 7 0.1 2 3 5 7 1.0 2 3 5 7 10 2 3 5 7 100 IT07925 Reverse Voltage, VR -- V Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of November, 2004. Specifications and information herein are subject to change without notice. PS No.8156-3/3 |
Price & Availability of SB1003EJ |