|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ordering number : ENN1929B SB01-15CP SB01-15CP Applications * Schottky Barrier Diode 150V, 100mA Rectifier High frequency rectification (switching regulators, converters, choppers). Features * * * * Low forward voltage (VF max=0.75V). Fast reverse recorvery time (trr max=10ns). Low switching noise. Low leakage current and high reliability due to highly reliable planar structure. Specifications Absolute Maximum Ratings at Ta=25C Parameter Repetitive Peak Reverse Voltage Nonrepetitive Peak Reverse Surge Voltage Average Output Current Surge Forward Current Junction Temperature Storage Temperature Symbol VRRM VRSM IO IFSM Tj Tstg 50Hz sine wave, 1 cycle Conditions Ratings 150 155 100 5 --55 to +125 --55 to +125 Unit V V mA A C C Electrical Characteristics at Ta=25C Parameter Reverse Voltage Forward Voltage Reverse Current Interterminal Capacitance Reverse Recovery Time Thermal Resistance Symbol VR VF IR C trr Rthj-a(1) Rthj-a(2) IR=200A IF=100mA VR=75V VR=10V, f=1MHz IF=IR=100mA, See specified Test Circuit. 420 Mounted on Cu-foild area of 16mm2!0.2mm t on glass epoxy board 330 Conditions Ratings min 150 0.75 50 7 10 typ max Unit V V A pF ns C / W C / W Marking : F Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein. SANYO Electric Co.,Ltd. Semiconductor Company TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN 71504 TS IM TB-00000591 / 33098 HA (KT) / 4289MO / O255KI, TS No.1929-1/3 SB01-15CP Package Dimensions unit : mm 1148A trr Test Circuit Duty10% 100mA 100mA 0.5 0.4 0.16 3 50 0 `0.1 100 10 1.5 2.5 10s --5V 1 0.95 0.95 2 1.9 2.9 trr 0.5 0.8 1.1 1 : Anode 2 : No Contact 3 : Cathode SANYO : CP 1000 7 5 IF -- VF 1000 5 2 IR -- VR Ta=125C Forward Current, IF -- mA Reverse Current, IR -- A 3 100 5 2 10 5 2 1.0 5 Ta=1 2 5C 25 C 2 100 7 5 3 2 10 7 5 0 100C 75C 50C 25C 2 0.1 0.4 0.8 1.2 1.6 2.0 2.4 ID00274 5 0 25 50 75 100 125 150 175 ID00275 Forward Voltage, VF -- V Reverse Voltage, VR -- V Average Forward Power Dissipation, PF(AV) -- mW 120 PF(AV) -- IO Interterminal Capacitance, C -- pF (1)Rectangular wave =60 (2)Rectangular wave =120 (3)Rectangular wave =180 (4)Sine wave =180 Rectangular wave (1) (4) (3) (2) C -- VR f=1MHz 3 2 100 80 10 7 5 3 2 60 40 360 Sine wave 20 180 0 0 20 40 60 80 360 100 120 ID00276 1.0 1.0 2 3 5 7 10 2 3 5 10mA 7 100 2 3 Average Forward Current, IO -- mA Reverse Voltage, VR -- V ID00277 No.1929-2/3 SB01-15CP 7 IFSM -- t Current waveform 50Hz sine wave IS 20ms t Surge Forward Current, IFSM(Peak) -- A 6 5 4 3 2 1 0 7 0.01 2 3 5 7 0.1 2 3 5 7 1.0 2 3 Time, t -- s IT00278 Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of July, 2004. Specifications and information herein are subject to change without notice. PS No.1929-3/3 |
Price & Availability of SB01-15CP |