Part Number Hot Search : 
LD3500 MMT72 2N1893 330M35 1N5401G W2040 FES16JTR 120CA
Product Description
Full Text Search
 

To Download SA1088 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silan Semiconductors
FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
DESCRIPTION
The SA1088 is a bipolar integrated circuit for use in mono portable and pocket radios. It is used when a minimum of perpheral components (of small dimensions and low costs) is important. The circuit contains a frequency-locked-loop(FLL) system with an intermediate frequency(IF) of about 70kHz. Selectivity is achieved by active RC-filters. De-tuning related to the IF and too weak input signal is suppressed by the mute circuit.
SA1088
FEATURES
* Equipped with all stages of a mono receiver from antenna to audio output. * Mute Circuit * Search tuning with a single varicap diode * Mechanical tuning with integrating AFC * AM application supported * Power supply polarity protection * Power supply voltage down to 1.8V
SOP-16
APPLICATION
1. Mechanical tuning: This is possible with or without integrated AFC circuit 2. Electrical tuning: This is realized by one directional(band-up) search tuning facility, including RESET to the lower-band limit.
PIN CONFIGURATIONS
1 2 3 4 5 6 7 8 16 15 14
MUTE VOAF LOOP VP OSC IF FB CLP1 VOIF
TUNE CAP GND CLIM VIRF VIRF CLP2 VIIF
SA1088
13 12 11 10 9
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-22
1
180pF 3.3nF 3.9nF 330pF 0.1F 470pF
RUN
22nF
BLOCK DIAGRAM
6 11
5k 70nH
7
8
9
10
13
15
3
82pF
V1 Mixer
All pass Filter
2.2k 2.2k
+1
6k 5.4k
IF Limter
Silan Semiconductors
10k
68pF
220pF
12
VP
5
Demodulator
78nH
V101
VCO
V2
SA1088
6k
Loop Filter
680pF
+3V
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
4
10nF
2
V2
AF
14 & 16
R S Searching tuning
-1 V2
5.6k
AF V3 MUTE
68nF
RESET
1
0.1F 1.8nF
2
22k VoAF
SA1088
Rev: 2.0
Note: V1,V2 and V3 are internal voltages.
2001-11-22
Fig.1 Block Dirgram and Application Circuit for Search Tuning.
Silan Semiconductors
ABSOLUTE MAXIMUM RATINGS
Characteristic
Supply Voltage Operating Temperature Storage Temperature
SA1088
Symbol
Vp Tamb Tstg
Value
5 -10 ~ +70 -55 ~ +150
Unit
V C C
DC ELECTRICAL CHARACTERISTICS
(Tamb=25C,Vp=3V ,Unless otherwise specified) Parameter Symbol
Supply Voltage(pin 4) Supply Current(Pin 4) DC voltage of pin 1 DC voltage of pin 3 DC voltage of pin 6 and 7 DC voltage of pin 8 DC voltage of pin 9,10 and 13 DC voltage of pin 11 and 12 DC voltage of pin 15 AF output current on pin 2 Oscillator current on pin 5 Vp Ip V1 V3 V6,7 V8 V9,10,13 V11,12 V15 I2 I5
Test conditions
Min
1.8 4.2 2.50 2.64 2.38 1.60 2.42 0.91 2.06 45 275
Typ
3.0 5.2 2.55 2.69 2.44 1.67 2.47 0.94 2.12 60 375
Max
5.0 6.6 2.60 2.74 2.50 1.74 2.52 0.98 2.18 80 500
Unit
V mA V V V V V V V A A
AC ELECTRICAL CHARACTERISTICS
Parameter Symbol
Tamb=25C,Vp=3V,Firf=96MHz modulated with f=22.5kHz and fm=1kHz deviation;EMF=0.3mV(e.m.f. at a sourse impedance of 75),and measurement taken in fig.3 Unless otherwise specified
Test conditions
VoAF=-3dB;VoAF=0dB at Vi=1mV;see Fig. 2 Mute OFF Mute ON (S+N)/N=26dB THD<10%,f=75kHz See fig.2 f=22.5kHz f=75kHz FM: 1kHz; 75kHz AM: 1kHz; MOD=80% Vp=100mVrms,f=1kHz RL=22k Limiting point Voltage at pin 16 Voltage at pin 3
Min
Typ
Max
Unit
RF Sensitivityinput voltage
Vi(rms)
3
Signal handling Signal-to -noise ratio Total Harmonic distortion AM suppression of output voltage Ripple rejection Audio output signal Minimum output voltage on pin 16 Tuning steepness Oscillator steepness AFC steepness
(S+N)/N THD AMS RR Vo(rms) V16 V/t fosc/ t IAFC/V3
47 7 60
3 6 5 200 56 1 2.4 52 10 85 Vp1.85 210 2.83 9.5
6 12 10
1.4 3.3
V V V mV dB % % dB dB mV V
120
Search Tuning(with V101 and C16=0.1F) See Fig.1
95 1.25 4.75
420 mV/sec 5.6 MHz/sec s 19
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-22
3
Silan Semiconductors
PIN DESCRIPTIONS
Pin No.
1 2 3 4 5 6 7 8
SA1088
Pin No.
9 10 11 12 13 14 15 16
Symbol
MUTE VOAF LOOP Vp OSC IF FB CLP1 VOIF
Description
Mute output Audio frequency output signal AF loop filter Supply voltage Oscillator resonat circuit IF feedback Low-pass capacitor of 1dB amplifier IF output to external coupling capacitor(high-pass)
Symbol
ViIF CLP2 VIRF VIRF CLIM GND CAP TUNE
Description
IF input to limiter amplifier Low-pass capacitor of IF limiter amplifier Radio frequency input Radio frequency input Limiter offset voltage capacitor Ground All-pass filter capacitor.input for search tuning Electrical tuning/AFC output
VOAF (dB)
20
0 2 2 -20 1 1 -40
S+N
Noise
-60
-80 -6 10 -5 10 -4 10 -3 10 -2 10
1: Mute ON 2: Mute OFF
EMF (V)
Fig. 2 Input sensitivity
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-22
4
Silan Semiconductors
TEST AND APPLICATION CIRCUIT
Rs=75 220pF 10k ViRF EMF 330pF
SA1088
470pF
0.1F
68pF 82pF
70nH
16
TUNE
15
CAP
14
GND
13
CLIM
12
VIRF
11
VIRF
10
CLP2
9
VIIF
SA1088
MUTE VOAF LOOP VP OSC IF FB CLP1 VOIF
1
0.1F 1.8nF MUTE Disable
2
22k
3
22nF
4
5
78nH 1.2k 18pF 27pF
6
3.3nF
7
8
+3V
10nF VOAF
C1
Fig. 3 Test circuit and application for mechanical tuning
220pF
10k
ViRF
470pF
0.1F
82pF
330pF
68pF
180pF
70nH
16
TUNE
15
CAP
14
GND
13
CLIM
12
VIRF
11
VIRF
10
CLP2
9
VIIF
SA1088
MUTE VOAF LOOP VP OSC IF FB CLP1 VOIF
1
0.1F 1.8nF
2
22k
3
22nF
4
5
78nH 1.2k 18pF 27pF
6
3.3nF
7
8
+3V
10nF VOAF
C1 C2 68nF D1 V101
Fig. 4 Application circuit with AFC for mechanical tuning
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-22
5
180pF
3.9nF
3,9nF
Oscillator resonat circuit 33pF VP 12pF ON +3V OFF
FM
AM
4.7nF 22nF 47nF
180pF
Battery switch
FM
4.7nF
Silan Semiconductors
AM
8
VOIF IF FB OSC LOOP CLP1 VP VOAF MUTE
7
6
5
4
3
2
1
22F
3.9nF
SA1088
AF Transformer
VIIF CLP2 VIRF VIRF CLIM GND CAP TUNE
earphone
22k
4.7nF
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
9
330pF 10k 1F AF 10nF 100k 0.1F AF 33pF 33pF 470pF 10nF BAW62 2.7k UTC7642
6
10
11
12
13
14
15
16
27k 5.1 1F AF Amplifier 12 Volume Low High
AM IF
AM antenna
SA1088
Rev: 2.0
2001-11-22
Fig.5 AM application circuit
Silan Semiconductors
PACKAGE OUTLINE
SA1088
UNIT:mm
0.41
SOP-16-225-1.27
1.27 10.20 9.80
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0 2001-11-22
7
1.95
6.00
3.95
5.72


▲Up To Search▲   

 
Price & Availability of SA1088

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X