Part Number Hot Search : 
GBU8A 13000 V0DS00 101MELY D1621 4S6R51 SK25B 74V2T00
Product Description
Full Text Search
 

To Download SA1070 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Watkins-Johnson:
The
Cell
Extenders
Power Amplifiers
SA1070
TDMA 8-Watt 1.93 GHz to 1.99 GHz Linear Power Amplifier Module
s s s s
8 Watts TDMA IS-136 +38 dBm P1dB 40 dB Gain -30C to +85C
Output modulation characteristics with a +37 dBm (5-watt) NADC /4 DQPSK output. This HP 89441A display includes a constellation diagram, the samplings of vector error, and the EVM (error vector magnitude) calculations from averaged samplings of the signal.
atkins-Johnson's SA1070 Power Amplifier provides exceptional linearity and low vector error for TDMA digital modulation applications. Utilizing WJ's GaAs amplifiers driving bipolar transistors in the class A output stage, the SA1070 achieves a very high output third-order intercept point combined with superior efficiency.
W
OUTLINE DRAWING
2X SMA FEMALE +5 V +25 V GND 2X .475 .75
5.00 .150 .150 4.700
+5 V
+25 V
GND
2.300 3.100 3.75
WATKINSJOHNSON MODEL WJ-SA1070 PCS AMPLIFIER 1930-1990 MHz SERNO-0112
RF OUT
RF IN
4x ] .136 THRU
Amplifier output spectrum with a +37 dBm (5-watt) NADC /4 DQPSK output. The first and second adjacent channels are at 30 kHz and 60 kHz offsets. The first adjacent channels of our measurements do not overlap with the primary channel.
The Wireless Edge TM
WJ Wireless Products: 1-800-WJ1-4401 * FAX: 650-813-2447 * e-mail: wireless.info@wj.com.
Watkins-Johnson: The
Cell
Extenders
Power Amplifiers
SA1070
TDMA 8-Watt 1.93 GHz to 1.99 GHz Linear Power Amplifier Module
Specifications
Parameters
Frequency Pout at 1 dB Gain Compression (Min.) Small Signal Gain at +25C Gain Variation over Temperature (-30 to +85C) NADC Parameters1 (with Pout 39 dBm) Output Power ACP (30 kHz offset) ACP (60 kHz offset) Error Vector Magnitude Magnitude Error Phase Error 3rd Order Two-Tone Output Intercept Point, Measured with +25 dBm per Tone, T = 25C (Min.) Harmonic Output (with +39 dBm TDMA output at the fundamental) (Max.) 2nd Harmonic 3rd Harmonic Noise Figure (Max.) Input and Output Impedance Return Loss, 1.930 to 1.990 GHz (Min.) Input and Output Load Mismatch Sustainable without Damage (Pin -5 dBm Vsupply +25.0 Vdc) Stability, no Spurious Output above -50 dBm Supply Voltages Maximum Supply without Damage +25 Volt Supply +5 Volt Supply Maximum DC Current +25 Vdc Supply +5 Vdc Supply DC Power Dissipation (Max.) +25 Vdc Supply +5 Vdc Supply Baseplate Temperature Range 2 Size (Refer to interface control drawing WJ-299010SK) RF Connectors Weight
Intermodulation Suppression vs. Output Power Per Tone
-10 Intermod Product Rejection (dBc) -20 -30 -40 -50 -60 -70 -80 15 20 25 30 35 40 IM (Lower) IM (Upper)
Typical Level
+38 dBm
Specified Limits
1.930 -1.990 GHz +37 dBm 400.75 dB 0.75 dB +39 dBm -26 dBc -45 dBc 4.0% 2.5% 1.7 degrees +45 dBm -13 dBm -13 dBm 6.0 dB 50 ohm -15 dB 3.0:1 Unconditionally stable for all loads +5 and +25 Vdc +26.5 Vdc +6 Vdc
+39 dBm -29 dBc -51 dBc 2.9% 1.7% 1.3 degrees +47 dBm -25 dBm -17 dBm 5.0 dB
-20 dB
1850 mA 505 mA
2000 mA 560 mA
50 watts 2.8 watts -30 to +85C 0.75" (H) 3.75" (W) 5.00" (L) SMA Female 13.8 oz. 14 oz.
ACP Rejection vs. Output Power
Adjacent Channel Power Rejection (dB) -20 NADC TDMA Format -30 -40
ACPR at -30 KHz ACPR at +30 KHz
EVM vs.Output Power
9 EVM (%) and Phase Error (degree) NADC TDMA Format 7 5 3 1 -1 25
EVM Mag Error (%) Phase Error (deg)
-50 -60 -70 25 27 29 31 33 35 37 39 41 Output Power (dBm)
ACPR at -60 KHz ACPR at +60 KHz
27
29
31
33
35
37
39
41
Output Power Per CW Tone (dBm)
Output Power (dBm)
Notes: 1. TDMA spectral regrowth is measured with a spread spectrum input from a Marconi 2051 Signal Generator selecting the "Digital/Cellaular/NADC" modulation system that produces /4 DQPSK modulation with 24.30 kHz symbol rate and Root Nyquist filtering with alpha = 0.35. This unit is to be mounted on a ground plane and thermal heat sink, with a maximum heat sink temperature of +85C. 2. This unit is to be mounted on a thermal heat sink with a maximum heatsink temperature of +85C.
The Wireless Edge TM
W A T K I N S - J O H N S O N C O M P A N Y * 3 3 3 3 H i l l v i e w A v e n u e * P a l o A l t o , C A 9 4 3 0 4 - 12 2 3


▲Up To Search▲   

 
Price & Availability of SA1070

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X