Part Number Hot Search : 
MUR360 5KE300CA CEP703 MBR358W HERF1004 B25ZA B2000 1205202
Product Description
Full Text Search
 

To Download S9013LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S9013LT1
3
P b Lead(Pb)-Free
1
SOT-23
V CEO Value 25 40 5.0 500
2
S9013LT1=J3
0.1 100 100
25 40
E=20 Vdc, I E= 0 40 5.0
)
O
0.1 0.1 0.1
u
u u
WEITRON
http://www.weitron.com.tw
1/3
Rev.A 13-May-05
S9013LT1
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics Symbol Min Max Unit
ON CHARACTERISTICS
DC Current Gain (IC=50 mAdc, VCE=1.0 Vdc) (IC=500 mAdc, VCE=1.0 Vdc) Collector-Emitter Saturation Voltage (IC=500 mAdc, IB=50mAdc) Base-Emitter Saturation Voltage (IC=500 mAdc, IB=50mAdc) hFE (1) hFE (2) VCE(sat) VBE(sat)
120 40 350
0.6 1.2
Vdc Vdc
-
SMALL-SIGNAL CHARACTERISTICS
Current-Gain-Bandwidth Product (IC=20 mAdc, VCE=6.0 Vdc, f=30MHz) fT 150 MHz
CLASSIFICATION OF hFE Rank Range L 120-200 H 200-350
WEITRON
http://www.weitron.com.tw
2/3
Rev.A 13-May-05
S9013LT1
IC , COLLENTOR CURRENT(mA)
20 18 16 14 12 10 8 6 4 2 0 0 10
1000
I B =160uA
I B =120uA I B =100uA I B =80uA I B =60uA I B =40uA I B =20uA
hEF , DC CURRENT GAIN
I B =140uA
V CE =1V
100
10
20
30
40
50
1 1
10
100
1000
10000
VCE , COLLECTOR-EMITTER VOLTAGE(VoLTS) FIG.1 Static Characteristic
IC,COLLECTOR CURRENT(mA) FIG.2 DC current Gain
VBE (sat),VCE (sat), SATURATION VOLTAGE(mA)
I C =10I
fT, CURRENT GAIN BANDWIDTH PRODUCT(MHZ)
1000
B
1000
V CE =6V
100
100
V BE =(sat)
10
10
V CE =(sat)
1 1
10
100
1000
10000
1 1
10
100
1000
10000
IC , COLLENTOR CURRENT(mA) FIG.3 Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
IC , COLLENTOR CURRENT(mA) FIG.4 Current Gain Bandwidth Product
WEITRON
http://www.weitron.com.tw
3/3
Rev.A 13-May-05


▲Up To Search▲   

 
Price & Availability of S9013LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X