Part Number Hot Search : 
2CO40 APM4230K SGM8052 3025S P260J 00BZI 2CO40 2CO40
Product Description
Full Text Search
 

To Download S9011-TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
S9011
TRANSISTORNPN (c)
TO 92
FEATURE Power dissipation PCM : 0.31 W Tamb=25ae(c) Collector current ICM: 0.03 A Collector-base voltage V(BR)CBO : 30 V Operating and storage junction temperature range Tj, Tstg: -55aeto +150ae
1.EMITTER
2. COLLECTOR
3. BASE
123
ELECTRICAL CHARACTERISTICS Tamb=25ae
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter voltage Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICBO IEBO hFE(1) VCE(sat) VBE(sat)
unless
Test
otherwise
specified(c)
TYP MAX UNIT V V V 0.1 0.1 0.1 |I A |I A |I A
conditions
MIN 30 20 4
Ic= 100|I IE=0 A IC= 0.1 mA , IB=0 IE= 100|I AIC=0 VCB=16V , IE=0 VCB=16V , IE=0 VEB= 3.5V, IC=0 VCE=5V, IC=1mA IC= 10 mA, IB= 1mA IC= 10 mA, IB= 1mA VCE=5V,IC=1mA, f=30MHz
28
270 0.3 1 V V
Transition frequency
fT
150
MHz
CLASSIFICATION OF h FE(1)
Rank Range D 28-45 E 39-60 F 54-80 G 72-108 H 97-146 I 132-198 J 180-270
TO-92 PACKAGE OUTLINE DIMENSIONS
D
D1
A
A1
E
b |O
e e1
Symbol A A1 b c D D1 E e e1 L O
Dimensions In Millimeters Min 3.300 1.100 0.380 0.360 4.400 3.430 4.300 1.270TYP 2.440 14.100 0.000 2.640 14.500 1.600 0.380 4.700 Max 3.700 1.400 0.550 0.510 4.700 Min
L
Dimensions In Inches Max 0.146 0.055 0.022 0.020 0.185 0.185 0.050TYP 0.096 0.555 0.000 0.104 0.571 0.063 0.015 0.130 0.043 0.015 0.014 0.173 0.135 0.169
C


▲Up To Search▲   

 
Price & Availability of S9011-TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X