Part Number Hot Search : 
N037T ADM690 TM9316 D2498 SP708R 050DZ01 AD7854 OMT250
Product Description
Full Text Search
 

To Download S8050LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S8050LT1
PLASTIC-ENCAPSULATE TRANSISTORS
TRANSISTOR NPN SOT--23 --
S8050LT1
FEATURES
Power dissipation 0.3 PCM : Collector current 0.5 ICM : Collector-base voltage V(BR)CBO : 40
WTamb=25
1. BASE
A V
2. EMITTER
3. COLLECTOR
ELECTRICAL
CHARACTERISTICSTamb=25
Symbol voltage voltage V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO HFE(1)
unless otherwise specified
Test conditions IE=0 MIN 40 25 5 0.1 0.1 0.1 120 50 0.6 1.2 1.4 V V 350 TYP MAX UNIT V V V
Parameter Collector-base breakdown
Ic= 100A
Collector-emitter breakdown Emitter-base breakdown current current current
Ic= 0.1mA IB=0 IE=100A IC=0 VCB=40 V , IE=0
voltage
Collector cut-off Collector cut-off Emitter cut-off
A A A
VCB=20V , IE=0 VEB= 5V , VCE=1V, VCE=1V, IC=0 IC= 50mA IC= 500mA
DC
current
gain(note) HFE(2)
Collector-emitter saturation Base-emitter saturation Base-emitter voltage
voltage
VCE(sat) VCE(sat) VBE
IC=500 mA, IB= 50mA IC=500 mA, IB= 50mA IE= 100mA VCE=6V, IC= 20mA 150
voltage
Transition
frequency
fT f=30MHz
MHz
CLASSIFICATION OF HFE(1) Rank Range
L 100-200
H 200-350
DEVICE MARKING : S8050LT1=J3Y
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com


▲Up To Search▲   

 
Price & Availability of S8050LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X