Part Number Hot Search : 
1N4798 MIC70506 4951A AP1038 8002G BCW30 F130452 97A37
Product Description
Full Text Search
 

To Download S78LXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
S78LXX
Positive-Voltage Regulators
Descriptions
This series of fixed-voltage monolithic integrated-circuit voltage regulators is designed for a wide range of applications. These applications include on-card regulation for elimination of Noise and distribution problems associated with single-point regulation. In addition, they can be used with power-pass elements to make high-current voltage regulators. Each of These regulators can deliver up to 100mA of output current. The internal limiting and thermal shutdown features of these regulators make them essentially immune to overload. When used as a replacement for a Zener diode-resistor combination, on effective improvement in output impedance can be obtained together with lover-bias current.
Features
* 3-Terminal Regulators * Output Current Up to 100mA * No External Components * Internal Thermal Overload Protection * Internal Short-Circuit Limiting
Ordering Information
Type NO. S78LXX Marking S78LXX Package Code TO-92
Outline Dimensions
Block Diagram
3 Input
unit : mm
I Reference Voltage
Thermal Shutdown Circuit
0
+
-
Short Circuit Protection
Rsc
2 GND
1 Output
PIN Connections 1. Output 2. GND 3. Input
KSI-9047-001
1
S78LXX
Absolute maximum ratings
Characteristics Symbol
S78L05 Thru S78L10 S78L12 Thru S78L18 S78L24 625 -40 ~ +85 150 -55 ~ +150 260 (10sec)
(Ta=25C)
Ratings
30 35 40
Unit
Operating Input Voltage
VIN
V
Power Dissipation Operating Temperature Range Junction Temperature Storage Temperature Range Lead Temperature Time
PD TOPR TJ TSTG TSOL

Recommended operating conditions
Parameter
S78L05 S78L06 S78L08 S78L09 S78L10 S78L12 S78L15 S78L18 S78L24
Min.
7 8 10.5 11.5 12.5 14.5 17.5 20.5 26.5
Max.
20 20 23 24 25 27 30 33 39 100
Unit
Input Voltage, VI
V
Output current, IO
mA
KSI-9047-001
2
S78LXX
S78L05 Electrical Characteristics (VI=10V, IO=40 , TJ=0 ~ 125, Unless otherwise noted) Parameter
Output Voltage**
Test Conditions*
25 IO=1mA to 40mA VI=7V to 20V IO=1mA to 70mA VI=7V to 20V VI=8V to 20V VI=8V to 18V, f=120Hz IO=1mA to 100mA IO=1mA to 40mA f=10Hz to 100KHz 0 to 125
S78L05 Min. Typ. Max.
4.8 4.75 4.75 25 0 to 25 25 25 25 25 125 41 5 5 5 32 26 49 15 8 42 1.7 3.8 6 5.5 1.5 0.1 60 30 5.2 5.25 5.25 150 100
Unit
V
Input regulation Ripple rejection Output regulation Output noise voltage Dropout Voltage Bias current Bias Current Change
mV dB mV uV V
VI=8V to 20V IO=1mA to 40mA
mA
0 to 125
S78L06 Electrical Characteristics (VI=11V, IO=40 , TJ=0 ~1 25, Unless otherwise noted) Parameter
Output Voltage**
Test Conditions*
25 IO=1mA to 40mA VI=8V to 20V IO=1mA to 70mA VI=8V to 20V VI=9V to 20V VI=9V to 19V, f=120Hz IO=1mA to 100mA IO=1mA to 40mA f=10Hz to 100KHz 0 to 125
S78L06 Min. Typ. Max.
5.75 5.7 5.7 25 0 to 25 25 25 25 25 125 40 6 6 6 35 29 48 16 9 46 1.7 3.9 6 5.5 1.5 0.1 80 40 6.25 6.3 6.3 175 125
Unit
V
Input regulation Ripple rejection Output regulation Output noise voltage Dropout Voltage Bias current Bias Current Change
mV dB mV uV V
VI=9V to 20V IO=1mA to 40mA
mA
0 to 125
* Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33uF capacitor across the input and a 0.1uF capacitor across the output. ** This specification applies only for dc power dissipation permitted by absolute maximum ratings.
KSI-9047-001
3
S78LXX
S78L08 Electrical Characteristics (VI=14V, IO=40 , TJ=0 ~ 125, Unless otherwise noted) Parameter
Output Voltage**
Test Conditions*
25 IO=1mA to 40mA VI=10.5V to 23V IO=1mA to 70mA VI=10.5V to 23V VI=11V to 23V VI=13V to 23V, f=120Hz IO=1mA to 100mA IO=1mA to 40mA f=10Hz to 100KHz 0 to 125
S78L08 Min. Typ. Max.
7.7 7.6 7.6 25 0 to 25 25 25 25 25 125 37 8 8 8 42 36 46 18 10 54 1.7 4 6 5.5 1.5 0.1 80 40 8.3 8.4 8.4 175 125
Unit
V
Input regulation Ripple rejection Output regulation Output noise voltage Dropout Voltage Bias current Bias Current Change
mV dB mV uV V
VI=11V to 23V IO=1mA to 40mA
mA
0 to 125
S78L09 Electrical Characteristics (VI=16V, IO=40 , TJ=0 ~ 125, Unless otherwise noted) Parameter
Output Voltage**
Test Conditions*
25 IO=1mA to 40mA VI=12V to 24V IO=1mA to 70mA VI=12V to 24V VI=13V to 24V VI=15V to 25V, f=120Hz IO=1mA to 100mA IO=1mA to 40mA f=10Hz to 100KHz 0 to 125
S78L09 Min. Typ. Max.
8.6 8.55 8.55 25 0 to 25 25 25 25 25 125 38 9 9 9 45 40 45 19 11 58 1.7 4.1 6 5.5 1.5 0.1 90 40 9.4 9.45 9.45 175 125
Unit
V
Input regulation Ripple rejection Output regulation Output noise voltage Dropout Voltage Bias current Bias Current Change
mV dB mV uV V
VI=13V to 24V IO=1mA to 40mA
mA
0 to 125
* Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33uF capacitor across the input and a 0.1uF capacitor across the output. ** This specification applies only for dc power dissipation permitted by absolute maximum ratings.
KSI-9047-001
4
S78LXX
S78L10 Electrical Characteristics (VI=17V, IO=40 , TJ=0 ~ 125, Unless otherwise noted) Parameter
Output Voltage**
Test Conditions*
25 IO=1mA to 40mA VI=13V to 25V IO=1mA to 70mA VI=13V to 25V VI=14V to 25V VI=15V to 25V, f=120Hz IO=1mA to 100mA IO=1mA to 40mA f=10Hz to 100KHz 0 to 125
S78L10 Min. Typ. Max.
9.6 9.5 9.5 25 0 to 25 25 25 25 25 125 37 10 10 10 51 42 44 20 11 62 1.7 4.2 6 5.5 1.5 0.1 90 40 10.4 10.5 10.5 175 125
Unit
V
Input regulation Ripple rejection Output regulation Output noise voltage Dropout Voltage Bias current Bias Current Change
mV dB mV uV V
VI=14V to 25V IO=1mA to 40mA
mA
0 to 125
S78L12 Electrical Characteristics (VI=19V, IO=40 , TJ=0 ~ 125, Unless otherwise noted) Parameter
Output Voltage**
Test Conditions*
25 IO=1mA to 40mA VI=14V to 27V IO=1mA to 70mA VI=14.5V to 27V VI=16V to 27V VI=15V to 25V, f=120Hz IO=1mA to 100mA IO=1mA to 40mA f=10Hz to 100KHz 0 to 125
S78L12 Min. Typ. Max.
11.5 11.4 11.4 25 0 to 25 25 25 25 25 125 37 12 12 12 55 49 42 22 13 70 1.7 4.3 6.5 6 1.5 0.1 100 50 12.5 12.6 12.6 250 200
Unit
V
Input regulation Ripple rejection Output regulation Output noise voltage Dropout Voltage Bias current Bias Current Change
mV dB mV uV V
VI=16V to 27V IO=1mA to 40mA
mA
0 to 125
* Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33uF capacitor across the input and a 0.1uF capacitor across the output. ** This specification applies only for dc power dissipation permitted by absolute maximum ratings.
KSI-9047-001
5
S78LXX
S78L15 Electrical Characteristics (VI=23V, IO=40 , TJ=0 ~ 125, Unless otherwise noted) Parameter
Output Voltage**
Test Conditions*
25 IO=1mA to 40mA VI=17.5V to 30V IO=1mA to 70mA VI=17.5V to 30V VI=19V to 30V VI=18.5V to 28.5V, f=120Hz IO=1mA to 100mA IO=1mA to 40mA f=10Hz to 100KHz 0 to 125
S78L15 Min. Typ. Max.
14.4 14.25 14.25 25 0 to 25 25 25 25 25 125 34 15 15 15 65 58 39 25 15 82 1.7 4.6 6.5 6 1.5 0.1 150 75 15.6 15.75 15.75 300 250
Unit
V
Input regulation Ripple rejection Output regulation Output noise voltage Dropout Voltage Bias current Bias Current Change
mV dB mV uV V
VI=19V to 30V IO=1mA to 40mA
mA
0 to 125
S78L18 Electrical Characteristics (VI=26V, IO=40 , TJ=0 ~ 125, Unless otherwise noted) Parameter
Output Voltage**
Test Conditions*
25 IO=1mA to 40mA VI=20.5V to 33V IO=1mA to 70mA VI=20.5V to 33V VI=22V to 33V VI=21.5V to 31.5V,f=120Hz IO=1mA to 100mA IO=1mA to 40mA f=10Hz to 100KHz 0 to 125
S78L18 Unit Min. Typ. Max.
17.3 17.1 17.1 25 0 to 25 25 25 25 25 125 32 18 18 18 70 64 36 27 19 89 1.7 4.7 6.5 6 1.5 0.1 mA 180 90 18.7 18.9 18.9 360 300 mV dB mV uV V V
Input regulation Ripple rejection Output regulation Output noise voltage Dropout Voltage Bias current Bias Current Change
VI=22V to 33V IO=1mA to 40mA
0 to 125
* Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33uF capacitor across the input and a 0.1uF capacitor across the output. ** This specification applies only for dc power dissipation permitted by absolute maximum ratings.
KSI-9047-001
6
S78LXX
S78L24 Electrical Characteristics (VI=32V, IO=40 , TJ=0 ~ 125, Unless otherwise noted) Parameter
Output Voltage**
Test Conditions*
25 IO=1mA to 40mA VI=26.5V to 39V IO=1mA to 70mA VI=26.5V to 39V VI=29V to 39V VI=27.5V to 37.5V,f=120Hz IO=1mA to 100mA IO=1mA to 40mA f=10Hz to 100KHz 0 to 125
S78L24 Unit Min. Typ. Max.
23 22.8 22.8 25 0 to 25 25 25 25 25 125 30 24 24 24 95 78 33 41 28 97 1.7 4.8 6.5 6 1.5 0.1 mA 240 120 25 25.2 25.2 480 400 mV dB mV uV V V
Input regulation Ripple rejection Output regulation Output noise voltage Dropout Voltage Bias current Bias Current Change
VI=28V to 39V IO=1mA to 40mA
0 to 125
* Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33uF capacitor across the input and a 0.1uF capacitor across the output. ** This specification applies only for dc power dissipation permitted by absolute maximum ratings.
KSI-9047-001
7
S78LXX
These AUK products are intended for usage in general electronic equipments(Office and communication equipment, measuring equipment, domestic electrification, etc.). Please make sure that you consult with us before you use these AUK products in equipments which require high quality and/or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, traffic signal, combustion central, all types of safety device, etc.). AUK cannot accept liability to any damage which may occur in case these AUK products were used in the mentioned equipments without prior consultation with AUK.
KSI-9047-001
8


▲Up To Search▲   

 
Price & Availability of S78LXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X