Part Number Hot Search : 
TLP1032 RH105 M29LV M3529XR AZV39309 MM74C42 THC63L HL1566AF
Product Description
Full Text Search
 

To Download S7133SF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
S7133SF
Bipolar Linear Integrated Circuit
Description
* As Control Circuit of Battery-Backed Memory * As Measure Against Erroneous Operations at Power On-Off * As Resetting Function for the CPU-Mounted Equipment --- PC, Printer, VTR, Fax, C-TV etc. * As Measure Against System Runaway at Instantaneous Break of Power Supply etc.
Features
* Current Consumption is Low (ICCL=300 Typ. ICCH=30 Typ.) * Resetting Output Minimum Guarantee Voltage is Low (0.8V Typ.) * Hysteresis Voltage is Provided (50 Typ.)
Ordering Information
Type NO. S7133SF Marking 733 Package Code SOT-23F
Outline Dimensions
unit :
mm
2.40.1 1.60.1
Equivalent Circuit
1
2.90.1 1.90 BSC
2. Vcc
3
0.40.05
1. OUT
2
0.150.05
3. GND
PIN Connections 1. Out 2. Vcc 3. GND
0.90.1
0~0.1
KSI-2005-000
1
S7133SF
Absolute maximum ratings
Characteristic
Supply voltage Power Dissipation (Package Limitation) Operating Temperature Storage Temperature
(Ta=25C)
Symbol
VCC PD* Topr Tstg
Ratings
-0.3 ~ +15 300 -30 ~ +75 -55 ~ +150
Unit
V
* With PCB(8x8 Copper Area) at Glass Epoxy Board (t=1.7 , Area; 20x20 )
Electrical Characteristics
Characteristic
Detecting voltage Low Level Output voltage Output Leakage Current Hysteresis Voltage Detecting Voltage Temperature Coefficient Circuit current at on Time Circuit current at off Time Threshold Operating Voltage 'L' Transmission Delay Time 'H' Transmission Delay Time Output Current at on Time I Output Current at on Time II
(Ta=25C)
Symbol
VS VOL IOH VS VS/ T ICCL ICCH Vopr tPHL tPLH IOLI IOLII
Test Circuit
1 1 1 1 1 1 1 1 2 2 1 1
Test Condition
RL=200 , VOL 0.4V RL=200 VCC=15V RL=200 RL=200 VCC = VSmin - 0.05V VCC=5.25V RL=200 , VOL 0.4V RL=1.0 , CL=100 RL=1.0 , CL=100 VCC = VSmin - 0.05V Ta = 25 VCC = VSmin - 0.05V Ta = -30~+75
Min.
3.15 30 20 16
Typ.
3.3 50 0.01 300 30 0.8 10 15 -
Max.
3.45 0.4 0.1 100 500 50 -
Unit
V V A %/ A A V
Test Circuit 1
Test Circuit 2
KSI-2005-000
2
S7133SF
Electrical Characteristic Curves
Fig. 1 VOUT -VCC Fig. 2 ICC -VCC
Fig. 3 ICCH-Temp
Fig. 4 IOL -RL
KSI-2005-000
3


▲Up To Search▲   

 
Price & Availability of S7133SF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X