Part Number Hot Search : 
CM8637 B347100 HIP6603A UFT5010 1N5307 GBJ6D AD5820 1N5301
Product Description
Full Text Search
 

To Download S60D60CE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOSPEC
Schottky Barrier Rectifiers
Using the Schottky Barrier principle with a Molybdenum barrier metal. These state-of-the-art geometry features epitaxial construction with oxide passivation and metal overlay contact. Ideally suited for low voltage, high frequency rectification, or as free wheeling and polarity protection diodes. Low Forward Voltage. Low Switching noise. High Current Capacity Guarantee Reverse Avalanche. Guard-Ring for Stress Protection. Low Power Loss & High efficiency. 150J Operating Junction Temperature Low Stored Charge Majority Carrier Conduction. Plastic Material used Carries Underwriters Laboratory
S40D90CE Thru S40D100CE
SCHOTTKY BARRIER RECTIFIERS 40 AMPERES 90-100 VOLTS
Flammability Classification 94V-O
TO-3P
MAXIMUM RATINGS
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectifier Forward Current Total Device (Rated VR),TC=100J Peak Repetitive Forward Current (Rate VR, Square Wave, 20kHz) Non-Repetitive Peak Surge Current (Surge applied at rate load conditions halfware, single phase, 60Hz) Operating and Storage Junction Temperature Range Symbol VRRM VRWM VR VR(RMS) IF(AV) S40D90CE 90 S40D100CE 100 Unit V
63 20 40 40
70
V A
DIM A B C D E F G H I J K L M N O P
IFM
A
IFSM
300
A
TJ , TSTG
-65 to +150
J
ELECTRIAL CHARACTERISTICS
Characteristic Maximum Instantaneous Forward Voltage ( IF =20 Amp TC = 25J ) ( IF =20 Amp TC = 125J ) Maximum Instantaneous Reverse Current ( Rated DC Voltage, TC = 25J ) ( Rated DC Voltage, TC = 125J ) Symbol VF S40D90CE 0.85 0.75 S40D100CE Unit V
MILLIMETERS MIN MAX 20.63 22.38 15.38 16.20 1.90 2.70 5.10 6.10 14.81 15.22 11.72 12.84 4.20 4.50 1.82 2.46 2.92 3.23 0.89 1.53 5.26 5.66 18.50 21.50 4.68 5.36 2.40 2.80 3.25 3.65 0.55 0.70
IR
2.0 80
mA
Common Cathode Suffix "C"
S40D90CE Thru S40D100CE
FIG-1 FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD RECTIFIED CURRENT (Amp.) NSTANTANEOUS FORWARD CURRENT (Amp.)
FIG-2 TYPICAL FORWARD CHARACTERISITICS
CASE TEMPERATURE (J )
FORWARD VOLTAGE (Volts)
FIG-3 TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT (mA.)
FIG-4 TYPICAL JUNCTION CAPACITANCE
PERCENT OF RATED REVERSE VOLTAGE (M )
JUNCTION CAPACITANCE (PF)
REVERSE VOLTAGE (Volts)
FIG-5 PEAK FORWARD SURGE CURRENT
CURRENT (Amp.) PEAK FORWARD SURGE
NUMBER OF CYCLES AT 60 Hz


▲Up To Search▲   

 
Price & Availability of S60D60CE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X