Part Number Hot Search : 
0C188 RN5RY301 R714X R714X CS400F4 L78M20CP LTL2R3K 7MBR35
Product Description
Full Text Search
 

To Download S559-6400-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 defining a degree of excellence
T1/CEPT/ISDN-PRI TRANSFORMER S559-6400-00
TM0003
SCHEMATIC
Bel offers a dual, T1, surface mount transformer packaged to provide both transmit and receive transformers. This design is easily customized for other leading transceiver chips by adjusting the turns ratio. * Dielectric Strength 1500 VAC. * Temperature Range is -40oC to 85oC.
12 11 10 9 8 7
1.15 : 1
1 0.004
2
3
4
5
6
MECHANICALS
0.675(17.15) Max 12 7
SUGGESTED PAD LAYOUT
0o -5o 0.500 (12.7)
0.60(15.24) Max
bel Date Code
S559-6400-00
0.400 0.470 (10.16) (11.94) Max Max 6 0.055 (1.40) 0.340 (8.64) Max
0.400 (10.2)
0.640 (16.3)
1
0.10(2.54) 0.03(0.76)
0.10(2.5) Typ 0.05(1.3) Typ
ELECTRICALS @ 25
Part Number
O
C
0.015(0.38)Min 0.02(0.51) Max
Turns Ratio +/- 5%
Pins (10-12):(1-3) Pins (4-6):(7-9)
S559-6400-00 1CT:1.15CT Primary Inductance OCL (mH) Min
Pins (4-6) and Pins (10-12)
1CT:1CT Leakage Inductance LL (H) Max
Pins (4-6) and Pins (10-12)
All dimensions are in inches(mm). Dimension Tolerance is +/-0.01(0.25) unless otherwise specified.
Part Number
Interwinding Capacitance (pF) Max
Pins (1,2,3) to Pins (10,11,12) and Pins (4,5,6) to Pins (7,8,9)
DCR (ohms) Max
Pins Pins Pins Pins (1-3) (4-6) (7-9) (10-12)
Dielectric Strength (VAC)
S559-6400-00
1.5
0.8
60
1.1 1.0 1.0
1.0
1500
Dielectric Strength is measured Pins (1,2,3) to Pins (10,11,12) and Pins (4,5,6) to Pins (7,8,9). Primary Inductance, Leakage Inductance, and Interwinding Capacitance are measured at 100KHz, 0.02VAC.
Corporate Office Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302-4496 Tel: 201-432-0463 Fax: 201-432-9542 E-Mail: BelFuse@belfuse.com Internet: http://www.belfuse.com
Far East Office Bel Fuse Ltd. 8F/8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel: 852-2328-5515 Fax: 852-2352-3706
European Office Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Preston PR1 8UD Lancashire, U.K. Tel: 44-1772-556601 Fax: 44-1772-888366
1:1 T102


▲Up To Search▲   

 
Price & Availability of S559-6400-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X