Part Number Hot Search : 
07PBF CA3094AH C1403 DGBGQ B0000 2SA95 74ACT 1N5396
Product Description
Full Text Search
 

To Download S413D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S413D
Vishay Telefunken
Fast Soft Recovery Rectifier
Features
D D D D
Hermetically sealed glass envelope Glass passivated Low reverse current Miniature axial leaded
Applications
TV and monitor Electronic ballast SMPS
95 10526
Absolute Maximum Ratings
Tj = 25_C Parameter Test Conditions Type Reverse voltage=Repetitive peak reverse voltage Peak forward surge current tp=8.3ms, half-sinewave Average forward current Tamb = 45C, l = 10 mm Junction and storage temperature range Symbol VR=VRRM IFSM IFAV Tj=Tstg Value 50 30 1.25 -55...+175 Unit V A A C
Maximum Thermal Resistance
Tj = 25_C Parameter Junction ambient Test Conditions lead length l = 10mm, TL = constant Symbol RthJA Value 60 Unit K/W
Electrical Characteristics
Tj = 25_C Test Conditions IF=1A VR=VRRM VR=VRRM, Tj=150C Reverse breakdown voltage IR=100mA Reverse recovery time IF=0.5A, IR=1A, iR=0.25A Parameter Forward voltage Reverse current Type Symbol VF IR IR V(BR)R trr Min Typ Max 1.2 5 150 150 Unit V
mA mA
V ns
50
Document Number 86055 Rev. 2, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 1 (4)
S413D
Vishay Telefunken Characteristics (Tj = 25_C unless otherwise specified)
10 Tj=175C IF - Forward Current ( A ) 1 Tj=25C 0.1 I R - Reverse Current ( mA ) 100 1000 VR = VRRM
10
0.01
0.001 0
15946
1 0.5 1.0 1.5 2.0 2.5 3.0
15949
25
50
75
100
125
150
175
VF - Forward Voltage ( V )
Tj - Junction Temperature ( C )
Figure 1. Forward Current vs. Forward Voltage
1.6 I FAV- Average Forward Current ( A )
Figure 4. Reverse Current vs. Junction Temperature
CD - Diode Capacitance ( pF )
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 20 40 60 RthJA=110K/W PCB: d=25mm
VR = VR RM half sinewave
f=1MHz 20
RthJA=60K/W l=10mm
10
80 100 120 140 160 180
15950
0 0.1
1.0
10.0
100.0
15947
Tamb - Ambient Temperature ( C )
VR - Reverse Voltage ( V )
Figure 2. Average Forward Current vs. Ambient Temperature
30 PR - Reverse Power Dissipation ( mW ) VR = VRRM 25 20 15 10 5 0 25
15948
Figure 5. Diode Capacitance vs. Reverse Voltage
RthJA= 60K/W 150K/W
50
75
100
125
150
175
Tj - Junction Temperature ( C )
Figure 3. Max. Reverse Power Dissipation vs. Junction Temperature
www.vishay.de * FaxBack +1-408-970-5600 2 (4)
Document Number 86055 Rev. 2, 24-Jun-98
S413D
Vishay Telefunken Dimensions in mm
Standard Glass Case DOT 30 B Weight max. 0.5 g 3 max. Cathode Identification
95 10524 technical drawings according to DIN specifications
0.82 max.
26 min.
4.2 max.
26 min.
Document Number 86055 Rev. 2, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 3 (4)
S413D
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
www.vishay.de * FaxBack +1-408-970-5600 4 (4)
Document Number 86055 Rev. 2, 24-Jun-98


▲Up To Search▲   

 
Price & Availability of S413D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X