Part Number Hot Search : 
EHRCA2X 2SB955 1SV302 VN808SR BUL38 69D156 AX6610 BUL38
Product Description
Full Text Search
 

To Download S30C30CE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOSPEC
Schottky Barrier Rectifiers
Using the Schottky Barrier principle with a Molybdenum barrier metal. These state-of-the-art geometry features epitaxial construction with oxide passivation and metal overlay contact. Ideally suited for low voltage, high frequency rectification, or as free wheeling and polarity protection diodes. Low Forward Voltage. Low Switching noise. High Current Capacity Guarantee Reverse Avalanche. Guard-Ring for Stress Protection. Low Power Loss & High efficiency. 150J Operating Junction Temperature Low Stored Charge Majority Carrier Conduction. Plastic Material used Carries Underwriters Laboratory
S30C30CE thru S30C60CE
SCHOTTKY BARRIER RECTIFIERS 30 AMPERES 30-60 VOLTS
Flammability Classification 94V-O
TO-220AB
MAXIMUM RATINGS
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectifier Forward Current Total Device (Rated VR), TC=100J Peak Repetitive Forward Current (Rate VR, Square Wave, 20kHz) Non-Repetitive Peak Surge Current (Surge applied at rate load conditions halfware, single phase, 60Hz) Operating and Storage Junction Temperature Range Symbol VRRM VRWM VR VR(RMS) IF(AV) S30C 30CE 35CE 40CE 45CE 50CE 60CE 30 35 40 45 50 60 V Unit
21
25
28 15 30 20
32
35
42
V
DIM
A
IFM
A
IFSM
250
A
TJ , Tstg
-65 to +150
J
A B C D E F G H I J K L M O
MILLIMETERS MIN MAX 14.68 15.32 9.78 10.42 5.02 6.52 13.06 14.62 3.57 4.07 2.42 2.66 1.12 1.36 0.72 0.96 4.22 4.98 1.14 1.38 2.20 2.98 0.33 0.55 2.48 2.98 3.70 3.90
ELECTRIAL CHARACTERISTICS
Characteristic Maximum Instantaneous Forward Voltage ( IF =15 Amp TC = 25J ) ( IF =15 Amp TC = 125J ) Maximum Instantaneous Reverse Current ( Rated DC Voltage, TC = 25J ) ( Rated DC Voltage, TC = 125J ) Symbol S30C 30CE 35CE 40CE 45CE 50CE 60CE VF 0.57 0.48 0.70 0.58 V
Common cathode Suffix "C"
Unit
IR
0.5 30
mA
S30C30CE Thru S30C60CE
FIG-1 FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD RECTIFIED CURRENT (Amp.) NSTANTANEOUS FORWARD CURRENT (Amp.)
FIG-2 TYPICAL FORWARD CHARACTERISITICS
S30C30CE-S30C45CE S30C50CE-S30C60CE
CASE TEMPERATURE (J )
FORWARD VOLTAGE (Volts)
FIG-3 TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT (mA.)
FIG-4 TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE (PF)
S30C30CE-S30C45CE
S30C30CE-S30S45CE
S30C50CE-S30C60CE
S30C50CE-S30C60CE
PERCENT OF RATED REVERSE VOLTAGE (M )
REVERSE VOLTAGE (Volts)
FIG-5 PEAK FORWARD SURGE CURRENT
CURRENT (Amp.) PEAK FORWARD SURGE
NUMBER OF CYCLES AT 60 Hz


▲Up To Search▲   

 
Price & Availability of S30C30CE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X