Part Number Hot Search : 
N25F40 1N4798 MP45DT02 AA102 MN74HC00 10DC1 3266P501 3266P501
Product Description
Full Text Search
 

To Download S2V20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
General Purpose Rectifiers
Single
S2V20
200V 1.7A
FEATURES *oe High voltage *oe High reliability with superior moisture resistance *oe Applicable to Automatic Insertion APPLICATION
*oe Conventional Rectification
OUTLINE DIMENSIONS
Case : AX10
Unit : mm
*oe Power source(Power Supply) *oe Home Appliances, Office Equipment *oe Telecommunication, Factory Automation
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tl=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -55*150 *Z Operating Junction Temperature Tj 150 *Z Maximum Reverse Voltage VRM 200 V IO Average Rectified Forward Current 50Hz sine wave, R-load, Ta=40*Z 1.7 A Peak Surge Forward Current I 2 50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25*Z A 60 FSM 2 Current Squared Time I t 1ms*...t*10ms*@Tj=25*Z 20 As *oeElectrical Characteristics (If not specified Tl=25*Z) Item Symbol Conditions V I =1.7A, Pulse measurement Forward Voltage FF IR V=V , Pulse measurement Reverse Current R RM Thermal Resistance AEjl junction to lead Ratings Unit Max.1.05 V Max.10 EA Max.8 *Z/W
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
S2Vx
Forward Voltage
Forward Current IF [A]
Tl=150C [TYP] 1
Tl=25C [TYP]
Pulse measurement per diode
0.1 0.4
0.6
0.8
1
1.2
1.4
Forward Voltage VF [V]
S2Vx
2.5
Forward Power Dissipation
Forward Power Dissipation PF [W]
2
1.5
1
0.5
0
0
0.5
1
1.5
2
2.5
Average Rectified Forward Current IO [A]
Tj = 150C Sine wave
S2Vx
2
Derating Curve
l l
Average Rectified Forward Current IO [A]
1.5
l = 24mm l = 15mm l = 10mm
1
0.5
0
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
Sine wave R-load Free in air
S2Vx
70
Peak Surge Forward Capability
IFSM
10ms 10ms
60
1 cycle
Peak Surge Forward Current IFSM [A]
50
non-repetitive, sine wave, Tj=25C before surge current is applied
40
30
20
10
0
1
2
5
10
20
50
100
Number of Cycles [cycles]
S2Vx
Transient Thermal Impedance
100
ja
10
jl
1
Transient Thermal Impedance ja jl [C/W]
0.1
10-4
10-3
10-2
10-1
100
101
102
103
Duration t [s]


▲Up To Search▲   

 
Price & Availability of S2V20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X