Part Number Hot Search : 
08100 R5F7286 MC145 IRFF120R SSR2045G 08100 F25BR FM380
Product Description
Full Text Search
 

To Download S2000AFI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
S2000AFI
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
s
s s
STMicroelectronics PREFERRED SALESTYPE HIGH VOLTAGE CAPABILITY U.L. RECOGNISED ISOWATT218 PACKAGE (U.L. FILE # E81734 (N).
APPLICATIONS: s HORIZONTAL DEFLECTION FOR COLOUR TV DESCRIPTION The S2000AFI is manufactured using Multiepitaxial Mesa technology for cost-effective high performance and uses a Hollow Emitter structure to enhance switching speeds.
1
3 2
ISOWATT218
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CES V CEO V EBO IC I CM P t ot T stg Tj Parameter Collector-Emitter Voltage (V BE = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current (tp < 5 ms) Total Dissipation at T c = 25 C St orage Temperature Max. Operating Junction Temperature
o
Value 1500 700 10 8 15 50 -65 to 150 150
Unit V V V A A W
o o
C C 1/6
December 1999
S2000AFI
THERMAL DATA
R t hj-ca se Thermal Resistance Junction-case Max 2.5
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symb ol I CES I EBO Parameter Collector Cut-off Current (V BE = 0) Emitter Cut-off Current (I C = 0) Test Cond ition s V CE = 1500 V V CE = 1500 V V EB = 5 V I C = 100 mA 700 T C = 125 C
o
Min.
Typ .
Max. 1 2 100
Un it mA mA A V
V CEO(sus ) Collector-Emitter Sustaining Voltage (I B = 0) V EBO V CE(sat ) V BE(s at) Emitter Base Voltage (I C = 0) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage INDUCTIVE LOAD Storage Time Fall T ime Transition F requency
I E = 10 mA I C = 4.5 A I C = 4.5 A IB = 2 A IB = 2 A
10 1 1.3
V V V
ts tf fT
I C = 4.5 A hFE = 2.5 VCC = 140 V L C = 0.9 mH L B = 3 H I C = 0.1 A VCE = 5 V f = 5 MHz
7 0.55 7
s s MHz
Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
Safe Operating Area.
Thermal Impedance
2/6
S2000AFI
DC Current Gain Collector Emitter Saturation Voltage
Base Emitter Saturation Voltage
Switching Time Inductive Load
Switching Time Inductive Load (see figure 1)
3/6
S2000AFI
Figure 1: Inductive Load Switching Test Circuit.
4/6
S2000AFI
ISOWATT218 MECHANICAL DATA
DIM. A C D D1 E F F2 F3 G H L L1 L2 L3 L4 L5 L6 N R DIA mm TYP. inch TYP.
MIN. 5.35 3.30 2.90 1.88 0.75 1.05 1.50 1.90 10.80 15.80 20.80 19.10 22.80 40.50 4.85 20.25 2.1
MAX. 5.65 3.80 3.10 2.08 0.95 1.25 1.70 2.10 11.20 16.20 21.20 19.90 23.60 42.50 5.25 20.75 2.3
MIN. 0.211 0.130 0.114 0.074 0.030 0.041 0.059 0.075 0.425 0.622 0.819 0.752 0.898 1.594 0.191 0.797 0.083
MAX. 0.222 0.150 0.122 0.082 0.037 0.049 0.067 0.083 0.441 0.638 0.835 0.783 0.929 1.673 0.207 0.817 0.091
9
0.354
4.6 3.5 3.7 0.138
0.181 0.146
- Weight : 4.9 g (typ.) - Maximum Torque (applied to mounting flange) Recommended 0.8 Nm; Maximum: 1 Nm : - The side of the dissipator must be flat within 80 m
P025C/A
5/6
S2000AFI
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com .
6/6


▲Up To Search▲   

 
Price & Availability of S2000AFI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X