Part Number Hot Search : 
1991291 MC3423DG FCW101Z 29F08 5ETTT SMCJ12 SSM3J 147X0
Product Description
Full Text Search
 

To Download S1A240X00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Single Inline Pack Reed Relay
S SERIES
FEATURES Solid Epoxy Body Industry standard SIP spacing Automatic insertion compatible Completely sealed, Immersion cleanable Magnetic shield available Diode accross the coil available UL recognized and certified for Canada
File # E86876
Characteristics Contact Material Contact Resistance Operate Time Bounce Time Release Time Insulation Resistance Power Switching Voltage Switching Current Carry Current Life Expectancy Minimum Breakdown Voltage Operating Temperature Storage Temperature Minimum Permissable Load Vibration Shock Resonant Frequency Rhodium
Contact Form 1A 100 Milliohms Max. Initial 0.5 mSec. Max. 0.5 mSec. Max. 0.2 mSec. Max. 10 Ohms. Min 10 VA Max. 200 VDC Max. 0.5 Amps. Max. 1.0 Amps. Max. 10 8 (Signal level) 250 VDC across open contact 500 VDC between coil and contacts - 40 TO +85 Degrees C -50 TO +125 Degrees C 100m VDC / 10 Microamps 20 G (10 TO 2,000 HZ) 30 G (11ms 1/2 sine wave) 3.5 K HZ
11
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
S SERIES Rev A 6-5-02
PAGE 1
S SERIES
COIL RATINGS @ 20 DEGREES C
Contact Form Part Number S1A050000 S1A120000 S1A240000 S1A050D00 S1A120D00 S1A240D00 S1A050M00 S1A120M00 S1A240M00 S1A050X00 S1A120X00 S1A240X00 Nominal Voltage ( VDC) 5 12 24 5 12 24 5 12 24 5 12 24 Coil Resistance +10% 500 1000 2000 500 1000 2000 500 1000 2000 500 1000 2000 Must Operate ( VDC ) 3.75 9.0 18.00 3.75 9.0 18.00 3,75 9.0 18.00 3.75 9.0 18.00 Must Release ( VDC ) 1.0 1.2 2.4 1.0 1.2 2.4 1.0 1.2 2.4 1.0 1.2 2.4 Rated Current ( mA ) 10 12 12 10 12 12 10 12 12 10 12 12 Continuous Voltage ( Max ) 10 20 28 10 20 28 7 15 28 7 15 28 Special Features Standard Standard Standard With Diode With Diode With Diode Magnetic Shield Diode + Magnetic Shield
S SERIES
Circuit Schematic Top View
1A SPST-NO
1
3+
-5
7
1A SPST-NO
1
3+
-5
7
SENSITIVE COIL
Contact Form Part Number Nominal Voltage ( VDC) Coil Resistance + 10% Must Operate ( VDC ) Must Release ( VDC ) Rated Current ( mA ) Continuous Voltage ( Max ) Special Features Circuit Schematic Top View
1A SPST-NO
S1A050099 S1A120098 S1A120099
5 12 12
1000 2000 3000
3.75 9.0 9.0
1.0 1.2 1.2
5 6 4
10 20 28
STANDARD STANDARD STANDARD
1
3+
-5
7
Dimensions In MM
19.0 5.08
7.4
0.5 5.08
3.67
0.25
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
PAGE 2


▲Up To Search▲   

 
Price & Availability of S1A240X00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X