Part Number Hot Search : 
16S2AV T6302 SM8144B SM8144B 9G450 TA0168A B40C800G 150C2201
Product Description
Full Text Search
 

To Download S1A0900X01-S0B0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM/FM TUNER + MPX
S1A0900X01
INTRODUCTION
The S1A0900X01 is a monolithic integrated circuit which consists of a 3V one-chip tuner and FM multiplex for AM/FM radios and head-phone radios. 24-SDIP-300
FUNCTIONS
* * * FM Stage: RF/IF/AF amp, Quadrature Detector, MIX, OSC, Tuning Indicator. AM Stage: RF/IF/AF amp, Detector, MIX, OSC, AGC, Tuning Indicator. MPX Stage: PLL amp, Decoder, Flip Flop, VCO Stop, Phase Detector, Stereo Indicator. 24-SOP-375
FEATURES
* * * * * * * 3 V one-chip tuner with built-in FM Multiplex No AM detect coil, IF coupling capacitor, FM IF by-pass capacitor needed Built-in tuning indicator function Built-in AM/FM selection switch Minimum number of external parts required Wide operating voltage range: VCC = 1.8V - 7V Low distortion (FM IF: 0.4%, AM IF: 1%, 0.2% (Typ)
OPDERING INFORMATION
Device S1A0900X01-A0B0 S1A0900X01-S0B0 Package 24-SDIP-300 24-SOP-375 Operature Temperature - 20C - +75C
1
S1A0900X01
AM/FM TUNER + MPX
BLOCK DIAGRAM
AM RF IN 24
FM RF OUT 23
RF VCC FM OSC AM OSC DET OUT MPX IN 22 21 20 19 18
PH1 17
PH2 16
OSC 15
L-CH OUT 14
R-CH OUT 13
AF BUFFER AM/F/E PHASE DETECTOR
OSC
STEREO DECODER LAMP TRIGGER
AM/FM DET FM/F/E AGC AF IF AF IF
FF
LED DRIVER
1 FM RF IN
2 GND
3 FM MIX
4 AM MIX
5 AGC
6 VCC
7 AM IF
8 FM IF
9 GND
10 TUNING LED
11 ST LED
12 QUAD DET
ABSOLUTE MAXIMUM RATINGS (Ta = 25C)
Characteristic Supply Voltage Power Dissipation Operating Temperature Storage Temperature LED Driver Voltage LED Driver Current Symbol VCC PD TOPR TSTG VDR IDR Value 8 1200 -20 - +75 -55 - +150 10 10 Unit V mW C C V mA
2
AM/FM TUNER + MPX
S1A0900X01
ELECRTRICAL CHARACTERISTICS
(Ta = 25C, VCC = 3V, unless otherwise specified) * FM F/E: f = 98MHz, fm = 1kHz, f = 22.5kHz, AM: f = 1kHz, 30 % Mod * FM IF: f = 10.7MHz, fm = 1kHz, f = 22.5kHz, MPX: f = 1kHz, L + R = 90 %, P = 10%, VI = 150mV Characteristic Quiescent Circuit Current -3 dB Limiting Sensitivity Oscillation Voltage -3 dB Limiting Sensitivity Detector Output Voltage FM IF Signal to Noise Ratio Total Harmonic Distortion AM Rejection Ratio Tuning Indication Voltage Voltage Gain Detector Output Voltage AM IF Signal to Noise Ratio Total Harmonic Distortion Tuning Indication Voltage Symbol ICCQ1 ICCQ2 F/E VI (LIM)1 VOSC VI(LIM)2 Test Conditions FM, VI = 0 AM, VI = 0 VO = -3dB fOSC = 98MHz VO = -3dB Min. 8.4 4.4 - 40 40 55 60 - 22 45 40 55 32 - 20 Typ. 13.2 8.4 10 70 46 80 70 0.4 32 51 70 80 42 1 25 Max. 20.0 13.4 - 110 53 110 - 1 - 56 110 110 - 2 30 Unit mA mA dB mV dB mV dB % dB dB mV mV dB % dB Test Circuit 1 1 1 2 1 1 1 1 1 1 1 1 1 1 1
VO (DET)1 VI = 80dB S/N1 THD1 AMR VLI GV1 VI = 80dB VI = 80dB VI = 80dB ILED = 1mA VI = 26dB
VO(DET)2 VI = 60dB S/N2 THD2 VL2 VI = 60dB VI = 60dB ILED = 1mA
3
S1A0900X01
AM/FM TUNER + MPX
Characteristic Maximum Input Voltage
Symbol VI(MAX) CS1
Test Conditions Stereo, THD = 3% Stereo, f = 100Hz Stereo, f = 1kHz Stereo, f = 10kHz Mono Stereo Mono Mono Pilot only Pilot only - Pilot only Mono
Min. 250 35 35 35 - - -5 -2 - 2 - 1 60
Typ. 350 42 42 42 0.2 0.2 -3 0 8 6 2 3 70
Max. - - - - 1 1 -1 2 16 - - 5 -
Unit mV dB dB dB % % dB dB mV mV mV % dB
Test Circuit 1 1 1 1 1 1 1 1 1 1 1 1 1
Channel Separation
CS2 CS3
Total Harmonic Distortion MPX Voltage Gain Channel Balance Lamp on Level Lamp Hysteresis Capture Range Signal to Noise Ratio
THD3 THD4 GV2 CB VL(ON) VL(OFF) HY CR S/N3
4
TEST CIRCUIT 1
AM/FM TUNER + MPX
DET OUT 1k AM 30k 1k 10k L1 0.1F 4.7F 4.7F 12k 0.01F 0.01F Vcc L2 L3 ST L-CH OUT
2.2F
24k
F M
LPF
R-CH OUT
0.033F
6800pF
2.2mH
330pF
MONO 0.33F
3.9k
0.022F 15pF
0.033F
75
75
3.3F
2.2k AM FM
1000pF
220F 0.1F
24 17
23
22
21
20
19
18
16
15
14
13
AM-RF IN VIN
S1A0900X01
1 8
33F
10F 330pF
BPF
2
3
4
5
6
7
9
10
11
12
FM-RF IN
VIN
220k 5.6k T 3 560 560 1C 10.7MHz
MPX IN * POLYESTER FILM CAPACITOR Vcc MONITOR 76kHz
75
75
270
T 1
T 2
FM-IF IN
VIN
C-F 455kHz
0.033F
S1A0900X01
5
S1A0900X01
TEST CIRCUIT 2
0.033 F
0.033 F
6
Vcc L2 470k 3 2 4 100 F 470k 1k FM OSC 5pF KSK161 0.01 F 220 F 90pF POWER 8V 15pF
24 17
23
22
21
20
19
18
16
15
14
13
S1A0900X01
2 8 3 4 5 6 7 9 10 11 12
1
AM/FM TUNER + MPX
AM/FM TUNER + MPX
S1A0900X01
COIL SPECIFICATION
T1 FM IFT (MIX OUT)
3 2 1
4 5 6
Co(pF) 1-3 75
f (MHz) 10.7
Qo 70(min)
1-3 11
TURNS 4-6 2
KOREA TOKO 0.1 mm
T2 AM IFT (MIX OUT)
3 2 1
4 5 6
Co(pF) 1-3 180
f (MHz) 455
Qo 70(min)
1-3 180
TURNS 4-6 15
KOREA TOKO 0.08 mm
T3 FM IFT (DET)
3 2 1
4 5 6
Co(pF) 1-3 47
f (MHz) 10.7
Qo 80(min)
TURNS 1-3 14 KOREA TOKO 0.1 mm
L1 FM RF
3 2 1 4 5 6
f (MHz) 100
Qo 100
TURNS 1-3 2*(1/2) 0.5 mm
L2 FM OSC
3 2 1 4 5 6
f (MHz) 100
Qo 100
TURNS 1-3 2*(3/4) 0.5 mm
L3 AM OSC
3 2 1 4 5 6
f (KHz) 796
Qo 80(min)
TURNS 1-2 2-3 13 15
L (H) 288
KOREA TOKO 0.08 mm
7
S1A0900X01
AM/FM TUNER + MPX
T1 FM IFT (MIX OUT)
3 2 1 4 5 6
Co(pF) 1-3 75
F (MHz) 10.7
Qo 70(min)
TURNS 1-3 4-6 11 2
KWANG SUNG PART NO KSI-FA2
KSI-FA2 T2 AM IFT (MIX OUT)
3 2 1 4 5 6
Co(pF) 1-3 180
F (MHz) 455
Qo 70(min)
TURNS 1-3 146 4-6 14
KWANG SUNG PART NO KSI-AA1
KSI-AA1 T3 FM IFT (DET)
3 2 1
4 5 6
Co (pF) 1-3 47
F (MHz) 10.7
Qo 80(min)
TURNS 1-3 14
KWANG SUNG PART NO KSI-FD3
KSI-FD3 L1 FM RF
3 2 1 4 5 6
F (MHz) 100
Qo 100
TURNS 1-3 WIRE 2*(1/2) 0.5m/m
KWANG SUNG PART NO KST-FR1
KST-FR1 L2 FM OSC
3 2 1 4 5 6
F (MHz) 100
Qo 100
TURNS 1-3 WIRE 2*(3/4) 0.5m/m
KWANG SUNG PART NO KST-AO1
KST-FO1 L3 AM OSC
3 2 1 4 5 6
F (MHz) 796
Qo 80min
TURNS 1-2 2-3 13 73
L (uH) 288
KWANG SUNG PART NO KSI-AO1
KSI-AO1
8
R8 10k R9 1k C13 0.047 F
VVC1
R5
R6
5.6uH
FM RF
2pF
5pF
100k
100k
100k
VVC2
R3 100k R7
GND VCO AM OSC FM OSC
C14 0.047 F C16
C7
C9 Q2 T1 AM OSC R10 150k C2 2.2F/ 50V Q3 C2223
13
CT2
L4
L1
AM/FM TUNER + MPX
CT1 C8 C11 15pF 1000pF C10 1pF
APPLICATION CIRCUIT
C4 223pF(C)
1000pF
L2
Q1
FM OSC
C12 430pF
C15 0.01 F
BAND GND MUTE IF
FM ANT
24 23 22 21 20 19 18 17 16 15 14
C17 0.047 F
S1A0900X01
C18 0.047 F
10 11 12 1 2 3 4 5 6 7 8 9
AUDIO VCC(9V)
Q4 R2101 C33 C20 0.047 F 0.1F R2 220 1/4W
C5 22pF
C6 39pF
L3 C1
T2 FM IFT T4 FM DET
C32 0.1F T3 AM IFT
22F/10V
C29 33pF
C3
F1 SFE10.7M C26 100pF R12 1k
R18 1k R16 1k
R14 1k C24 1000pF C23 1000pF
R19 100k
R13 100k
R17 100k
R15 100k Q7 C2223 Q6 C2223
Q8 C2223 C21 100pF Q5 C2223
C27 33PF
C25 100pF
S1A0900X01
C22 100pF
100F/50V C30 0.047 F
F2
A450BL
C31 0.1F
R20 1.5k
D1 3.6V/500mW
9
S1A0900X01
AM/FM TUNER + MPX
NOTES
10


▲Up To Search▲   

 
Price & Availability of S1A0900X01-S0B0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X