Part Number Hot Search : 
X10255 EGAMOD XC402 2SC2782 AK4562VN IRF740 44100 CMD5D11
Product Description
Full Text Search
 

To Download RURP820CC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR1620CT, RURP820CC
Data Sheet January 2000 File Number 1885.5
8A, 200V Ultrafast Dual Diodes
The MUR1620CT and RURP820CC are ultrafast dual diodes with soft recovery characteristics (trr < 25ns). They have low forward voltage drop and are silicon nitride passivated ionimplanted epitaxial planar construction. These devices are intended for use as freewheeling/ clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and ultrafast soft recovery minimize ringing and electrical noise in many power switching circuits reducing power loss in the switching transistors. Formerly developmental type TA09224.
Features
* Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <25ns * Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC * Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V * Avalanche Energy Rated * Planar Construction
Applications
* Switching Power Supplies * Power Switching Circuits * General Purpose
Ordering Information
PART NUMBER MUR1620CT RURP820CC PACKAGE TO-220AB TO-220AB BRAND MUR1620C RURP820C
Packaging
JEDEC TO-220AB
ANODE 2 CATHODE ANODE 1 CATHODE (FLANGE)
NOTE: When ordering, use the entire part number.
Symbol
K
A1
A2
Absolute Maximum Ratings
(Per Leg) TC = 25oC, Unless Otherwise Specified MUR1620CT, RURP820CC UNITS V V V A A A W mJ
oC
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VRRM Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV) (TC = 157oC) Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM (Square Wave, 20kHz) Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IFSM (Halfwave, 1 Phase, 60Hz) Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Avalanche Energy (See Figures 10 and 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
200 200 200 8 16 100 50 20 -65 to 175
3-317
1-888-INTERSIL or 321-724-7143 | Copyright
(c) Intersil Corporation 2000
MUR1620CT, RURP820CC
Electrical Specifications
SYMBOL VF IF = 8A IF = 8A, TC = 150oC IR VR = 200V VR = 200V, TC = 150oC trr IF = 1A, dIF/dt = 200A/s IF = 8A, dIF/dt = 200A/s ta tb QRR CJ RJC DEFINITIONS VF = Instantaneous forward voltage (pw = 300s, D = 2%). IR = Instantaneous reverse current. trr = Reverse recovery time (See Figure 9), summation of ta + tb . ta = Time to reach peak reverse current (See Figure 9). tb = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 9). QRR = Reverse recovery charge. CJ = Junction Capacitance. RJC = Thermal resistance junction to case. pw = Pulse width. D = Duty cycle. IF = 8A, dIF/dt = 200A/s IF = 8A, dIF/dt = 200A/s IF = 8A, dIF/dt = 200A/s VR = 10V, IF = 0A (Per Leg) TC = 25oC, Unless Otherwise Specified TEST CONDITION MIN TYP 13 5 25 60 MAX 0.975 0.895 100 500 25 30 3 UNITS V V A A ns ns ns ns nC pF
oC/W
Typical Performance Curves
40 100 175oC
IF, FORWARD CURRENT (A)
IR , REVERSE CURRENT (A)
10
10
1 100oC 0.1
175oC 1 0.5 0 0.2 0.4
100oC
25oC
0.01 25oC
0.6
0.8
1
1.2
1.4
0.001
0
50
100
150
200
VF, FORWARD VOLTAGE (V)
VR , REVERSE VOLTAGE (V)
FIGURE 1. FORWARD CURRENT vs FORWARD VOLTAGE
FIGURE 2. REVERSE CURRENT vs REVERSE VOLTAGE
3-318
MUR1620CT, RURP820CC Typical Performance Curves
20 TC = 25oC, dIF/dt = 200A/s t, RECOVERY TIMES (ns) t, RECOVERY TIMES (ns) 16
(Continued)
35 TC = 100oC, dIF/dt = 200A/s 30 25 20
trr
trr ta
12
ta
8
15 10 5
tb
4
tb
0 0.5
1 IF, FORWARD CURRENT (A)
4
8
0 0.5
1 IF, FORWARD CURRENT (A)
4
8
FIGURE 3. trr , ta AND tb CURVES vs FORWARD CURRENT
FIGURE 4. trr, ta AND tb CURVES vs FORWARD CURRENT
IF(AV) , AVERAGE FORWARD CURRENT (A)
50 TC = 175oC, dIF/dt = 200A/s t, RECOVERY TIMES (ns) 40
8 DC 6 SQ. WAVE 4
30
trr ta
20
2
10
tb
0 0.5
1 IF, FORWARD CURRENT (A)
4
8
0 140
145
150
155
160
165
170
175
TC , CASE TEMPERATURE (oC)
FIGURE 5. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 6. CURRENT DERATING CURVE
150 CJ , JUNCTION CAPACITANCE (pF) 125 100 75 50 25 0 0 50 100 150 200 VR , REVERSE VOLTAGE (V)
FIGURE 7. JUNCTION CAPACITANCE vs REVERSE VOLTAGE
3-319
MUR1620CT, RURP820CC Test Circuits and Waveforms
VGE AMPLITUDE AND RG CONTROL dIF/dt t1 AND t2 CONTROL IF L
DUT RG VGE t1 t2
CURRENT SENSE + VDD 0
IF
dIF dt ta
trr tb
IGBT
-
0.25 IRM IRM
FIGURE 8. trr TEST CIRCUIT
I = 1A L = 40mH R < 0.1 EAVL = 1/2LI2 [VR(AVL) /(VR(AVL) - VDD)] Q1 = IGBT (BVCES > DUT VR(AVL)) L CURRENT SENSE Q1 VDD DUT R + VDD IV
FIGURE 9. trr WAVEFORMS AND DEFINITIONS
VAVL
IL
IL
t0 t1 t2 t
FIGURE 10. AVALANCHE ENERGY TEST CIRCUIT
FIGURE 11. AVALANCHE CURRENT AND VOLTAGE WAVEFORMS
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com 3-320
MUR1620CT, RURP820CC
3-321


▲Up To Search▲   

 
Price & Availability of RURP820CC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X