Part Number Hot Search : 
B1000 1N2845D M3A15TAA AD7669 T45DB CXP50012 AX6630 2MX06067
Product Description
Full Text Search
 

To Download RTBV362CSDED6M10X5K9025S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K RTBV Series 1-2 Pole Coded Rotary Switches
Features/Benefits * Totally sealed * Detent angles, 15 , 22.5 , 30 and 36 * Multi pole * Coding functions * Robust construction
Specifications
CONTACT RATING: S Contact material: Switch: 250mA, 5VA resistive load, Carry: 5 AMPS ELECTRICAL LIFE: Up to 25,000 operations. OPERATING TORQUE: 5Ncm30% (with 1 module). MECHANICAL STOP RESISTANCE: > 70 Ncm. BUSHING MOUNTING TORQUE: 100 Ncm. CONTACT RESISTANCE: < 100 m . INSULATION RESISTANCE: > 109 DIELECTRIC STRENGTH: 500 V rms.
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
Typical Applications * Telecommunications * Military * Instrumentation * Heavy-duty industrial equipment
Materials
HOUSING: PBT thermoplastic and PC thermoplastic STATIONARY CONTACTS & TERMINALS: Nickel alloy, gold or silver plated, insert molded in PBT thermoplastic. ROTOR: Printed circuit, gold or silver plated. ACTUATOR: Steel BUSHING: Brass HARDWARE: Stop pin and spring: Stainless steel All models are RoHS compliant and compatible.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages L-33 thru L-37. For additional options not shown in catalog, consult Customer Service Center.
L Rotary
Designation RTBV Indexing 15 15 22.5 22.5 30 30 36 36
Number of Switch Functions** 1 1 Function 2 2 Functions
Switch Function Number of Poles (first digit) Number of Positions (second & third digit) or code 116 SP, 16 positions Stops 112 SP, 12 positions B Stop with number of positions 206 DP, 6 positions S Without B Binary code Mounting Style C Complement AD Standard bushing for panel mount BC Direct + complement DE Sealed bushing for panel mount Shaft Diameter D6 6 mm (.236) D63 6.35 mm (.250)
Option of Shaft (NONE) M10X5 Shaft with flat Actuator Option Angle* (NONE) Actuator Length K0 0 angle 25 25 mm (.984) K60 60 angle K90 90 angle Contact Material K120 120 angle S Silver plated K180 180 angle G Gold plated K270 270 angle
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
* Other angles available by request ** Several functions can be combined. For more information consult us.
L-32
www.ittcannon.com
C&K RTBV Series 1-2 Pole Coded Rotary Switches
DESIGNATION
RTBV
L Rotary Rotary
INDEXING
15 22.5 30 36
15 index, 24 POSITIONS MAXIMUM 22.5 index, 16 POSITIONS MAXIMUM 30 index, 12 POSITIONS MAXIMUM 36 index, 10 POSITIONS MAXIMUM
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
L-33
www.ittcannon.com
C&K RTBV Series 1-2 Pole Coded Rotary Switches
NUMBER OF SWITCH FUNCTIONS
1 2
1 FUNCTION 2 FUNCTIONS
NOTE: Several functions can be combined. For more information consult us.
NUMBER OF POLES / POSITIONS
116 112 206 B C BC
22.5 INDEX, SP, 16 POSITIONS 30 INDEX, SP, 12 POSITIONS 30 INDEX, DP, 6 POSITIONS BINARY CODE, 15 /22.5 /30 /36 COMPLEMENT, 15 /22.5 /30 /36 DIRECT + COMPLEMENT, 15 /22.5 /30 /36
SINGLE POLE FUNCTION
L Rotary
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
L-34
www.ittcannon.com
C&K RTBV Series 1-2 Pole Coded Rotary Switches
NUMBER OF POLES / POSITIONS
DOUBLE POLE FUNCTION BINARY DIRECT CODE
B10 B12 B16
B24
COMPLEMENT BINARY CODE
DIRECT AND COMPLEMENT BINARY CODE
L
BC10 BC12 BC16
Rotary Rotary
C10 C12 C16
C24
BC24
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
L-35
www.ittcannon.com
C&K RTBV Series 1-2 Pole Coded Rotary Switches
STOPS
B
STOP WITH NUMBER OF POSITIONS
S
WITHOUT
EXAMPLE: 108B08 STOP AT 8TH POSITION
MOUNTING STYLE
AD
STANDARD BUSHING FOR PANEL MOUNT
DE
SEALED BUSHING FOR PANEL MOUNT
O-Ring Seal
SHAFT DIAMETER
D6
6 mm (.236)
D63
6.35 mm (.250)
3/8-32 UNEF-2A
L Rotary
OPTION OF SHAFT
(NONE) M10X5
FLAT
.236 DIA. (6,0)
.236 DIA. (6,0)
.157 (5,0)
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
L-36
www.ittcannon.com
C&K RTBV Series 1-2 Pole Coded Rotary Switches
ACTUATOR OPTION ANGLE
(NONE)
K0
0 ANGLE
K60
60
K90
90
K120
120
K180
210
K270
300
L
K0
0 ANGLE
K60
60
K90
90
K120
120
Rotary Rotary
ACTUATOR LENGTH
25
0,25 mm (.984) STANDARD SHAFT
Other lengths available by request.
CONTACT MATERIAL
OPTION CODE
RoHS COMPLIANT* YES
RoHS COMPATIBLE* YES
CONTACT AND TERMINAL MATERIAL SILVER LOW LEVEL/DRY CIRCUIT LOW LEVEL/DRY CIRCUIT OR POWER
RATING
S G
SWITCH: 250 mA, POWER: 5 VA; CARRY: 5 AMPS
YES
YES
GOLD
SWITCH: 20 mA, POWER: 0.2 VA; CARRY: 1 AMP
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
L-37
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of RTBV362CSDED6M10X5K9025S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X