Part Number Hot Search : 
SA701 E004986 C6707 WFP840B C7020 UL1244N M3016 B3D090L
Product Description
Full Text Search
 

To Download RSM200S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT TUNING FORK CRYSTAL UNIT
FEATURES SUITABLE FOR TIME OF DAY CLOCKS SMALL AND COMPACT PACKAGE IDEAL FOR PICK AND PLACE ASSEMBLY SPECIFICATIONS
SERIES NOMINAL FREQUENCY FREQUENCY TOLERANCE AT 25C TURNOVER TEMPERATURE PARABOLIC CURVATURE CONSTANT OPERATING TEMPERATURE RANGE OPERABLE TEMPERATURE RANGE STORAGE TEMPERATURE RANGE AGING (FIRST YEAR) EQUIVALENT SERIES RESISTANCE (ESR) LOAD CAPACITANCE SHUNT CAPACITANCE MOTIONAL CAPACITANCE CAPACITANCE RATIO DRIVE LEVEL INSULATION RESISTANCE SHOCK RESISTANCE REFLOW CONDITIONS RSM200S 32.768 KHz 20 PPM 25C 5 C (-0.034 0.006) PPM/ D C -10C TO +60C -40C TO +85C -55C TO +125C 3 PPM MAXIMUM 50K OHM MAXIMUM 12.5 pF 1.35 pF TYPICAL 0.003 pF TYPICAL 450 TYPICAL 1 W MAXIMUM 500 M OHM MINIMUM 5 PPM MAXIMUM 75 cm DROP TEST ONTO A HARD SURFACE OR 3000 g x 0.3 ms x 1/2 SINEWAVE IN 3 AXES 240C FOR 10 SECONDS MAXIMUM (SEE PROFILE)
SERIES RSM200S
OUTLINE DRAWING
Scale none Dimension in mm inch
REFLOW SOLDERING PROFILE
4 3 MARKING AREA
TEMPERATURE
4
3
240 C REFLOW 2 TO 5 C/s 5-10 s 30 s COOLING 150 C 100 C 1 TO 4 C/s PREHEATING 230 s MAX
1.3 .05
4.2 .17
1.3 .05
1
2
1
2
200 C
1.9
0.7
1.3
0.5
1.25 .049
5.5 .22
1.9
SOLDER PATTERN
0.7
8.0 MAX .31 MAX
3.8 MAX 1.25 .049 .15 MAX
2.5 MAX .01 MAX
0.5 .02
0.5 .02
25 C 60 s MIN TIME (SECONDS)
FREQUENCY VS. TEMPERATURE CURVE
-10 0 25 60 TEMP (C)
CARRIER TAPE DIMENSIONS
7.5 0.1 1.75 0.1 .295 .004 .069 .004
1.5 + 0.1DIA .059 + .004DIA
4.0 0.1 .157 .004 2.0 0.1 .079 .004
.327 .012
8.3 0.3
-50
f/fo (ppm)
4.05 0.1 .159 .004
8.0 0.1 .315 .004
2.7 0.1 .106 .004
PACKAGING 330 mm REEL DIAMETER, 16mm TAPE WIDTH, 8mm PITCH QUANTITY: 3000 PIECES PER REEL PART NUMBERING EXAMPLE: RSM200S-32.768-12.5-TR
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A. Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
16.0 0.3 .630 .012


▲Up To Search▲   

 
Price & Availability of RSM200S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X