Part Number Hot Search : 
A101M UR202 MAX63 ISL5727 SKHI23 AAT1155 2SB118 MAX63
Product Description
Full Text Search
 

To Download RSFML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RSFAL THRU RSFML
0.5 AMP. Surface Mount Fast Recovery Rectifiers
Voltage Range 50 to 1000 Volts Current 0.5 Ampere
Features
For surface mounted application Glass passivated junction chip High temperature metallurgically bonded construction Plastic material used carries Underwriters Laboratory Classification 94V-O Fast switching for high efficiency High temperature soldering: 260/ 10 seconds at terminals
0.075(1.9) 0.067(1.7)
Sub SMA
0.056(1.43)
0.114(2.9) 0.106(2.7)
0.007(0.17) 0.01(0.23)
0.048(1.23)
5
O
0.047(1.2)
0.031(0.8)
Mechanical Data
Cases: Sub SMA plastic case Terminals: Solder plated Polarity: Indicated by cathode band Packing: 12mm tape per E1A STD RS-481 Weight: 15mg
A
0.15(3.8) 0.134(3.4)
5
O
DETAIL "A", SCALE=20/1
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol RSF RSF RSF RSF RSF RSF RSF Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Marking Code ( Note 4 ) Maximum Average Forward Rectified Current O See Fig. 1 @T L=55 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Max. Full Load Reverse Current, Full cycle Average T A =55 Maximum Instantaneous Forward Voltage @ 0.5A Maximum DC Reverse Current @ T A =25 at Rated DC Blocking Voltage @ T A=125 Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Typical Thermal Resistance (Note 3) Operating Temperature Range Storage Temperature Range
V RRM V RMS V DC I(AV) IFSM IR VF IR
AL 50 35 50
BL 100 70 100
DL 200 200
GL 400 400
JL 600 600
KL 800 800
ML 1000 700 1000
(0.00~0.10)
0.00~0.004
Units
V V V
140
280
420
560
FALYM FBLYM FDLYM FGLYM FJLYM FKLYM FMLYM 0.5 10 30 1.3 5 50 150 250 4.0 150 32 -55 to +150 -55 to +150 500 A A uA V uA uA nS pF /W /W
Trr
Cj
R JA R JL
TJ TSTG Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied VR=4.0 Volts 3. Measured on P.C.Board with 0.2" x 0.2" (5mm x 5mm) Copper Pad Areas. 4. FALYM: F=0.5A, A=50V, L-Low Profile, Y-Year Code, M-Month Code.
- 384 -
RATINGS AND CHARACTERISTIC CURVES (RSFAL THRU RSFML)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
PEAK FORWARD SURGE CURRENT. (A)
30
0.6
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
TL=90OC 8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT. (A)
0.5 0.4 0.3 0.2 0.1
25
20
RESISTIVE OR INDUCTIVE LOAD
15
P.C.B. MOUNTED ON 0.2X0.2" (5.0X5.0mm) COPPER PAD AREAS
0 20 40 60 80 100
o
10
0
120
140
160
180
0
1
10 NUMBER OF CYCLES AT 60Hz
100
LEAD TEMPERATURE. ( C)
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
30
FIG.4- TYPICAL REVERSE CHARACTERISTICS
30 10
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. ( A)
10
1
Tj=100 0C
1
Tj=25 0C
0.1
Tj=25 0C
0.1
0.01
Pulse Width=300 s 1% Duty Cycle
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.001 0 20 40 60 80 100
FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
10
Tj=25 0C f=1.0MHz Vsig=50mVp-p
JUNCTION CAPACITANCE.(pF)
0
1
10 REVERSE VOLTAGE. (V)
100
- 385 -


▲Up To Search▲   

 
Price & Availability of RSFML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X