Part Number Hot Search : 
32M50 TIC216B GH39N60 101KD 1N4982D RGP08K ANTX2 SM74139E
Product Description
Full Text Search
 

To Download RP20-4833SEW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features

4:1 Wide Input Voltage Range 20 Watts Output Power 1.6kVDC Isolation UL 60950 Pending Fixed Operating Frequency Six-Sided Continuous Shield Standard 50.8 x40.6x10.2mm Package Efficiency to 84%
POWERLINE
DC/DC-Converter
RP20S_DEW Series
20 Watt Single & Dual Output
Selection Guide 24V and 48V Input Types
Part Number Input Range VDC 9-36 9-36 9-36 9-36 18-75 18-75 18-75 18-75 9-36 9-36 9-36 18-75 18-75 18-75 Output Voltage VDC 3.3 5 12 15 3.3 5 12 15 5 12 15 5 12 15 Output Current mA 4000 4000 1670 1330 4000 4000 1670 1330 2000 833 666 2000 833 666 Input (4) Current mA 764 1111 1082 1082 377 548 541 541 1111 1082 1068 556 527 521 Efficiency(5) Capacitive(6) Load max. % F 76 79 81 81 77 80 81 81 79 81 82 79 83 84 13000 6800 2200 755 13000 6800 2200 755 3400 680 450 3400 680 450
RP20-243.3SEW RP20-2405SEW RP20-2412SEW RP20-2415SEW RP20-483.3SEW RP20-4805SEW RP20-4812SEW RP20-4815SEW RP20-2405DEW RP20-2412DEW RP20-2415DEW RP20-4805DEW RP20-4812DEW RP20-4815DEW
www.recom-international.com
July-2006
251
POWERLINE
DC/DC-Converter
Derating-Graph (Ambient Temperature)
125 100 75 Output Power (%) 50 25 50 60 70 80 90 100 Ambient Temperature Range (C) 56C 0 -40 -25 -10 0
RP20-S_DEW Series
RP20-2412SEW
125 100
RP20-2412SEW With Heat Sink
Output Power (%)
Natural Convection
75 50 25
Natural Convection
0 -40 -25 -10 0
50 60 70
80 90 100 65C
Ambient Temperature Range (C)
RP20-2412DEW
125 100 75 Output Power (%) 50 25 50 60 70 80 90 100 Ambient Temperature Range (C) 64C 0 -40 -25 -10 0
125
RP20-2412DEW With Heat Sink
100
Output Power (%)
Natural Convection
75 50 25
Natural Convection
0 -40 -25 -10 0
50 60 70
80 90 100 71C
Ambient Temperature Range (C)
Derating graphs are valid only for the shown part numbers. If you need detailed derating-information about a part-number not shown here please contact our technical customer service at info@recom-development.at
Specifications (typical at nominal input and 25C unless otherwise noted)
Input Voltage Range Input Filter Input Surge Voltage (100 ms max.) Input Reflected Ripple (nominal Vin and full load) (see Note 3) Start Up Time (nominal Vin and constant resistor load) Remote ON/OFF (see Note 7) ( Positive logic ) Remote OFF input current Output Power Output Voltage Accuracy (full Load and nominal Vin) Voltage Adjustability Line Regulation (low line, high line at full load) DC-DC ON DC-DC OFF Nominal input Single & Dual Auxiliary Single (W) Dual (W) Auxiliary 24V nominal input 48V nominal input 24V Input 48V Input 9-36VDC 18-75VDC Pi Type 50VDC 100VDC 25mAp-p 20ms typ. Open or 3.5V < Vr < 12V Short or 0V < Vr < 1.2V 20mA 20W max. 2% 5% 10% 0.2% 0.5% 5% 10% of full load continued on next page 252 July-2006 www.recom-international.com
Minimum Load (see Note 1)
POWERLINE
DC/DC-Converter
Specifications (typical at nominal input and 25C unless otherwise noted)
Line Regulation (low line, high line at full load) Single (W) Dual (W) Auxiliary Single Dual Auxiliary Dual Auxiliary Single Dual Auxiliary
RP20-S_DEW Series
0.2% 0.5% 5% 0.5% 3% 5% 5% 5% 75mVp-p 100mVp-p 1% of Vout 0.02%/C max. 3.3V 5V 12V 15V 500s 3.9V 6.2V 15V 18V Hiccup, automatic recovery see Selection Guide" table 1600VDC min. 1 G min. 300pF max. 300kHz typ. EN60950 -40C to +85C(with derating) +100C Natural convection Natural convection with Heat Sink -55C to +105C 10C/Watt 8.24C/Watt MIL-STD-810D 10-55Hz, 2G, 30 Min. along X, Y and Z 5% to 95% RH Nickel plated copper Non-conductive black plastic Epoxy (UL94-V0) EN55022 EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 Level A Level A Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 48g 50.8 x 40.6 x 10.2mm 1928 x 103 hours
Load Regulation (25% to 100% full load)
Cross Regulation (see Note 9) Ripple and Noise (20MHz bandwith)
Temperature Coefficient Transient Response (25% load step change) Over Voltage Protection Zener diode clamp (only single)
Short Circuit Protection Efficiency Isolation Voltage Isolation Resistance Isolation Capacitance Operating Frequency Approved to Safety Standards Operating Temperature Range Maximum Case Temperature Storage Temperature Range Thermal Impedance (see Note 8) Thermal Shock Vibration Relative Humidity Case Material Base Material Potting Material Conducted Emissions (see Note 10) Radiated Emissions ESD Radiated Immunity Fast Transient Surge Conducted Immunity Weight Dimensions MTBF (see note 2)
www.recom-international.com
July-2006
253
POWERLINE
DC/DC-Converter
Notes :
RP20-S_DEW Series
1. The RP20 series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification. 2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40C (Ground fixed and controlled environment). 3. Simulated source impedance of 12H. 12H inductor in series with +Vin. 4. Maximum value at nominal input voltage and full load of standard type. 5. Typical value at nominal input voltage and full load. 6. Test by minimum Vin and constant resistor load. 7. The ON/OFF control voltage is reference to negative input. 8. Heat sink is optional and P/N: 7G-0011A. Operation temperature range please see curve. 9. Cross regulation: Dual output--Asymmetrical load 25% to 100% full load Triple output - 3.3V / 5V 100% load and one of auxiliary 100% load, other auxiliary load change from 25% to 100% load 10.See application notes for EMI-filtering.
Package Style and Pinning (mm)
3rd angle projection 50.10 10.20 dia. 1.0 5.6 40.60
45.70
Pin Connections Pin # 1 2 4 5 6 7 8 Single +Vin -Vin CTRL No Pin +Vout -Vout Trim Dual +Vin -Vin CTRL +Vout Com -Vout Trim
5
17.80
Bottom View
5.10 15.20
1 2
10.20
6
12.70
Pin Pitch Tolerance 0.35 mm
7 4
10.20
8
17.80
External Output Trimming
Output can be externally trimmed by using the method shown below. ( ) for dual output trim
7(7)
Trim Up RU
8(8)
Trim Down RD
8(8)
6(5)
254
July-2006
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RP20-4833SEW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X