|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Features 4:1 Wide Input Voltage Range 20 Watts Output Power 1.6kVDC Isolation Fixed Operating Frequency Six-Sided Continuous Shield UL 1950 Component Recognized Standard 50.8 x40.6x10.2mm Package Efficiency to 84% POWERLINE DC/DC-Converter RP20S_DEW Series 20 Watt Single & Dual Output Selection Guide 24V and 48V Input Types Part Number Input Range VDC 9-36 9-36 9-36 9-36 18-75 18-75 18-75 18-75 9-36 9-36 9-36 18-75 18-75 18-75 Output Voltage VDC 3.3 5 12 15 3.3 5 12 15 5 12 15 5 12 15 Output Current mA 4000 4000 1670 1330 4000 4000 1670 1330 2000 833 666 2000 833 666 Input (4) Current mA 764 1111 1082 1082 377 548 541 541 1111 1082 1068 556 527 521 Efficiency(5) % 76 79 81 81 77 80 81 81 79 81 82 79 83 84 Capacitive(6) Load max. F 13000 6800 2200 755 13000 6800 2200 755 3400 680 450 3400 680 450 RP20-243.3SEW RP20-2405SEW RP20-2412SEW RP20-2415SEW RP20-483.3SEW RP20-4805SEW RP20-4812SEW RP20-4815SEW RP20-2405DEW RP20-2412DEW RP20-2415DEW RP20-4805DEW RP20-4812DEW RP20-4815DEW Description The EW-Series of DC/DC Converters are fully certified to EN 60950: 2000. This makes them ideal for all Telecom and safety applications where approved isolation is required. 232 April-2005 www.recom-international.com POWERLINE DC/DC-Converter RP20-S_DEW Series RP20-2412SEW With Heat Sink 125 100 Derating-Graph (Ambient Temperature) RP20-2412SEW 125 100 75 Output Power (%) 50 25 50 60 70 80 90 100 Ambient Temperature Range (C) 56C 0 -40 -25 -10 0 Output Power (%) Natural Convection 75 50 25 Natural Convection 0 -40 -25 -10 0 50 60 70 80 90 100 65C Ambient Temperature Range (C) RP20-2412DEW 125 100 75 Output Power (%) 50 25 50 60 70 80 90 100 Ambient Temperature Range (C) 64C 0 -40 -25 -10 0 RP20-2412DEW With Heat Sink 125 100 Output Power (%) Natural Convection 75 50 25 Natural Convection 0 -40 -25 -10 0 50 60 70 80 90 100 71C Ambient Temperature Range (C) Derating graphes are valid only for the shown part numbers. If you need detailed derating-information about a part-number not shown here please contact our technical customer service at info@recom-development.at Specifications (typical at nominal input and 25C unless otherwise noted) Input Voltage Range Input Filter Input Surge Voltage (100 ms max.) Input Reflected Ripple (nominal Vin and full load) Start Up Time (nominal Vin and constant resistor load) Remote ON/OFF (see note 7) Remote OFF input current Output Power Output Voltage Accuracy (full Load and nominal Vin) Voltage Adjustability Line Regulation (LL-HL at full load) DC-DC ON DC-DC OFF Nominal input Single & Dual Auxiliary Single (W) Dual (W) Auxiliary 24V nominal input 48V nominal input 24V Input 48V Input 9-36VDC 18-75VDC Pi Type 50VDC 100VDC 25mAp-p 20ms typ. Open or 3.5V < Vr < 12V Short or 0V < Vr < 1.2V 20mA 20W max. 2% 5% 10% 0.2% 0.5% 5% 10% of FL continued on next page www.recom-international.com April-2005 233 Minimum Load (see Note 1) POWERLINE DC/DC-Converter Specifications (typical at nominal input and 25C unless otherwise noted) Line Regulation (LL-HL at full load) Single (W) Dual (W) Auxiliary Single Dual Auxiliary Dual Auxiliary Single Dual Auxiliary RP20-S_DEW Series 0.2% 0.5% 5% 0.5% 3% 5% 5% 5% 75mVp-p 100mVp-p 1% of Vout 0.02%/C, max. 3.3V 5V 12V 15V 500S 3.9V 6.2V 15V 18V Hiccup, automatic recovery see Selection Guide" table 1.600VDC min. 109 min. 300pF max. 300kHz typ. EN60950 -40C to +85C(with derating) +100C Natural convection Natural convection with Heat Sink -55C to +105C 10C/Watt 8.24C/Watt MIL-STD-810D 10-55Hz, 2G, 30 Min. along X, Y and Z 5% to 95% RH Nickel-Coated copper Non-conductive black plastic Epoxy (UL94-V0) EN55022 EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 Level A Level A Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 48g 50.8 x 40.6 x 10.2mm 1.928 x 106 Hours Load Regulation (25% to 100% FL) Cross Regulation (Note 9) Ripple and Noise (20MHz bandwith) Temperature Coefficient Transient Response (25% load step change) Over Voltage Protection Zener diode clamp (only single) Short Circuit Protection Efficiency Isolation Voltage Isolation Resistance Isolation Capacitance Operating Frequency Approved to Safety Standards Operating Temperature Range Maximum Case Temperature Storage Temperature Range Thermal Impedance Thermal Shock Vibration Relative Humidity Case Material Base Material Potting Material Conducted Emissions Radiated Emissions ESD Radiated Immunity Fast Transient Surge Conducted Immunity Weight Dimensions MTBF (see note 2) 234 April-2005 www.recom-international.com POWERLINE DC/DC-Converter Notes : RP20-S_DEW Series 1. The RP20 series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification. 2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40C (Ground fixed and controlled environment). 3. Simulated source impedance of 12uH. 12uH inductor in series with +Vin. 4. Maximum value at nominal input voltage and full load of standard type. 5. Typical value at nominal input voltage and full load. 6. Test by minimum Vin and constant resistor load. 7. The ON/OFF control voltage is reference to negative input. 8. Heat sink is optional and P/N: 7G-0011A. Operation temperature range please see curve. 9. Cross regulation: Dual output--Asymmetrical load 25% to 100% full load Triple output - 3.3V / 5V 100% load and one of auxiliary 100% load, other auxiliary load change from 25% to 100% load 10.See application notes for EMI-filtering. Package Style and Pinning (mm) 3rd angle projection 50.10 10.20 dia. 1.0 5.6 40.60 Pin Connections 45.70 5 17.80 Bottom View 5.10 15.20 1 2 10.20 6 12.70 Pin # 1 2 4 5 6 7 8 Single +Vin -Vin CTRL No Pin +Vout -Vout Trim Dual +Vin -Vin CTRL +Vout Com -Vout Trim Pin Pitch Tolerance 0.35 mm 7 4 10.20 8 17.80 External Output Trimming Output can be externally trimmed by using the method shown below. ( ) for dual output trim 7(7) Trim Up RU 8(8) Trim Down RD 8(8) 6(5) www.recom-international.com April-2005 235 |
Price & Availability of RP20-4833SEW |