Part Number Hot Search : 
B250C150 RT9618 6566F U30D60 BCM56 PFRA135 TIP117 6220G
Product Description
Full Text Search
 

To Download RP20-4833SE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features

2:1 Wide Input Voltage Range 20 Watts Output Power 1.6kVDC Isolation Fixed Operating Frequency Six-Sided Continuous Shield International Safety Standard Approvals UL 1950 Component Recognized Standard 50.8 x40.6x10.2mm Package Efficiency to 86%
POWERLINE
DC/DC-Converter
RP20S_D_TE Series
20 Watt Single, Dual & Triple Output
Selection Guide 12V, 24V and 48V Input Types
Part Number Input Range VDC 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 36-75 36-75 36-75 36-75 9-18 9-18 9-18 18-36 18-36 18-36 36-75 36-75 36-75 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 36-75 36-75 36-75 36-75 Output Voltage VDC 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 5 12 15 5 12 15 5 12 15 Output Current mA 4000 4000 1670 1330 4000 4000 1670 1330 4000 4000 1670 1330 2000 833 666 2000 833 666 2000 833 666 Input (4) Current mA 1507 2193 2136 2136 743 1082 1054 1054 367 543 527 527 2193 2136 2136 1082 1054 1041 541 514 508 1926 1959 1885 1919 950 967 931 947 468 477 459 467 Efficiency(5) % 77 80 82 82 78 81 83 83 79 82 83 83 80 82 82 81 83 84 81 85 86 78 78 80 80 79 79 81 81 80 80 82 82 Capacitive(6) Load max. F 13000 6800 2200 755 13000 6800 2200 755 13000 6800 2200 755 3400 680 450 3400 680 450 3400 680 450 4700 /220 4700 /220 4700 /220 4700 /220 4700 /220 4700 /220 4700 /220 4700 /220 4700 /220 4700 /220 4700 /220 4700 /220
RP20-123.3SE RP20-1205SE RP20-1212SE RP20-1215SE RP20-243.3SE RP20-2405SE RP20-2412SE RP20-2415SE RP20-483.3SE RP20-4805SE RP20-4812SE RP20-4815SE RP20-1205DE RP20-1212DE RP20-1215DE RP20-2405DE RP20-2412DE RP20-2415DE RP20-4805DE RP20-4812DE RP20-4815DE RP20-123.312TE RP20-123.315TE RP20-120512TE RP20-120515TE RP20-243.312TE RP20-243.315TE RP20-240512TE RP20-240515TE RP20-483.312TE RP20-483.315TE RP20-480512TE RP20-480515TE
3.3 / 12 3000 / 300 3.3 / 15 3000 / 250 5 / 12 5 / 15 2000 / 300 2000 / 250
3.3 / 12 3000 / 300 3.3 / 15 3000 / 250 5 / 12 5 / 15 2000 / 300 2000 / 250
3.3 / 12 3000 / 300 3.3 / 15 3000 / 250 5 / 12 5 / 15 2000 / 300 2000 / 250
Description
The E-Series of DC/DC Converters are fully certified to EN 60950: 2000. This makes them ideal for all Telecom and safety applications where approved isolation is required. . They also meet UL 1950 and CSA 950 standards (10) 228 April-2005 www.recom-international.com
POWERLINE
DC/DC-Converter
RP20-S_D_TE Series
RP20-4805SEW With Heat Sink
125 100
Derating-Graph (Ambient Temperature)
RP20-4805SE
125 100 75 Output Power (%) 50 25 50 60 70 Ambient Temperature Range (C) 0 -40 -25 -10 0 80 90 100
Output Power (%)
Natural Convection
75 50 25
Natural Convection
50 60 69 Ambient Temperature Range (C)
0 -40 -25 -10 0
80 90 100
Derating graphes are valid only for the shown part numbers. If you need detailed derating-information about a part-number not shown here please contact our technical customer service at info@recom-development.at
Typical Characteristics
RP20-4805SE
Efficiency VS Input Voltage 85 84 83 82 81 80 79 78 77 76 75 74 85 84 83 82 81 80 78 76 74 70 65 60
RP20-4805SE
Efficiency VS Output Load
Efficiency (%)
Efficiency (%)
36 40
45
50
55
60
65
70
75
0.5
1
1.5
2
2.5
3
2.5
4
Input Voltage (V)
Output Load (A)
Specifications (typical at nominal input and 25C unless otherwise noted)
Input Voltage Range 12V nominal input 24V nominal input 48V nominal input 12V Input 24V Input 48V Input 9-18VDC 18-36VDC 36-75VDC Pi Type 36VDC 50VDC 100VDC 25mAp-p DC-DC ON DC-DC OFF Nominal input Single & Dual Triple 3.3V, 5V Auxiliary 20ms typ. Open or 3.5V < Vr < 12V Short or 0V < Vr < 1.2V 20mA 20W max. 2% 2% 5% 10% continued on next page www.recom-international.com April-2005 229
Input Filter Input Surge Voltage (100 ms max.)
Input Reflected Ripple (nominal Vin and full load) Start Up Time (nominal Vin and constant resistor load) Remote ON/OFF (see note 7) Remote OFF input current Output Power Output Voltage Accuracy (full Load and nominal Vin)
Voltage Adjustability
POWERLINE
DC/DC-Converter
Specifications (typical at nominal input and 25C unless otherwise noted)
Minimum Load (see Note 1) Line Regulation (LL-HL at full load) Single (W) Dual (W) Triple 3.3V, 5V Auxiliary Single Dual Triple 3.3V, 5V Auxiliary Dual Triple 3.3V, 5V Auxiliary Single Dual Triple 3.3V, 5V Auxiliary
RP20-S_D_TE Series
10% of FL 0.2% 0.5% 1% 5% 0.5% 3% 2% 5% 5% 2% 5% 75mVp-p 100mVp-p 50mVp-p 1% of Vout 0.02%/C, max. 3.3V 5V 12V 15V 500S 3.9V 6.2V 15V 18V Hiccup, automatic recovery see Selection Guide" table 1.600VDC min. 109 min. 300pF max. 300kHz typ. UL 1950, EN60950 -40C to +85C(with derating) +100C Natural convection Natural convection with Heat Sink -55C to +105C 10C/Watt 8.24C/Watt MIL-STD-810D 10-55Hz, 2G, 30 Min. along X, Y and Z 5% to 95% RH Nickel-Coated copper Non-conductive black plastic Epoxy (UL94-V0) EN55022 EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 Level A Level A Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 continued on next page
Load Regulation (25% to 100% FL)
Cross Regulation (Note 9)
Ripple and Noise (20MHz bandwith)
Temperature Coefficient Transient Response (25% load step change) Over Voltage Protection Zener diode clamp (only single)
Short Circuit Protection Efficiency Isolation Voltage Isolation Resistance Isolation Capacitance Operating Frequency Approved to Safety Standards (see note 10) Operating Temperature Range Maximum Case Temperature Storage Temperature Range Thermal Impedance Thermal Shock Vibration Relative Humidity Case Material Base Material Potting Material Conducted Emissions Radiated Emissions ESD Radiated Immunity Fast Transient Surge Conducted Immunity
230
April-2005
www.recom-international.com
POWERLINE
DC/DC-Converter
Specifications (typical at nominal input and 25C unless otherwise noted)
Weight Dimensions MTBF (see note 2)
RP20-S_D_TE Series
48g 50.8 x 40.6 x 10.2mm 1.928 x 106 Hours
Notes :
1. The RP20 series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification. 2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40C (Ground fixed and controlled environment). 3. Simulated source impedance of 12uH. 12uH inductor in series with +Vin. 4. Maximum value at nominal input voltage and full load of standard type. 5. Typical value at nominal input voltage and full load. 6. Test by minimum Vin and constant resistor load. 7. The ON/OFF control voltage is reference to negative input. 8. Heat sink is optional and P/N: 7G-0011A. Operation temperature range please see curve. 9. Cross regulation: Dual output--Asymmetrical load 25% to 100% full load Triple output - 3.3V / 5V 100% load and one of auxiliary 100% load, other auxiliary load change from 25% to 100% load 10. The RP20-xxxxTE (triple outputs) do not carry the UL certification. 11.See application notes for EMI-filtering.
Package Style and Pinning (mm)
3rd angle projection 50.10 10.20 dia. 1.0 5.6 40.60
Pin Connections Pin # 1 2 4 5 6 7 8 Single +Vin -Vin CTRL No Pin +Vout -Vout Trim Dual +Vin -Vin CTRL +Vout Com -Vout Trim Triple +Vin -Vin CTRL +Auxiliary +3.3V / 5V Com -Auxiliary
45.70
5
17.80
1 2 7 4
10.20
Bottom View
12.70
Pin Pitch Tolerance 0.35 mm
6
5.10 15.20
External Output Trimming
10.20 17.80
8
Output can be externally trimmed by using the method shown below. ( ) for dual output trim
7(7)
Trim Up RU
8(8)
Trim Down RD
8(8)
6(5)
www.recom-international.com
April-2005
231


▲Up To Search▲   

 
Price & Availability of RP20-4833SE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X