|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Features 4:1 Wide Input Voltage Range 10 Watts Output Power 1.6kVDC Isolation Fixed Operating Frequency Six-Sided Continuous Shield International Safety Standard Approvals Standard 50.8 x25.4x10.2mm Package Efficiency to 84% POWERLINE DC/DC-Converter RP10S_DEW Series 10 Watt 2" x 1" Package Single & Dual Output Selection Guide 24V and 48V Input Types Part Number Input Range VDC 9-36 9-36 9-36 18-75 18-75 18-75 9-36 9-36 9-36 18-75 18-75 18-75 Output Voltage VDC 5 12 15 5 12 15 5 12 15 5 12 15 Output Current mA 2000 830 670 2000 830 670 1000 416 333 1000 416 333 Input (4) Current mA 548 532 551 274 259 262 548 547 548 271 281 270 Efficiency(5) % 80 82 80 80 84 84 80 80 80 81 78 81 Capacitive(6) Load max. F 4700 690 470 4700 690 470 680 330 110 680 330 110 RP10-2405SEW RP10-2412SEW RP10-2415SEW RP10-4805SEW RP10-4812SEW RP10-4815SEW RP10-2405DEW RP10-2412DEW RP10-2415DEW RP10-4805DEW RP10-4812DEW RP10-4815DEW www.recom-international.com April-2005 211 POWERLINE DC/DC-Converter RP10-S_DEW Series RP10-2405SEW With Heat Sink 125 100 Derating-Graph (Ambient Temperature) RP10-2405SEW 125 100 75 Output Power (%) 56 50 25 0 -25 -10 0 50 60 70 80 90 100 Output Power (%) Natural Convection 68 75 50 25 0 -25 -10 0 50 60 70 80 90 100 79 Natural Convection Ambient Temperature Range (C) 74 Ambient Temperature Range (C) RP10-2405DEW 125 100 75 62 50 25 0 -25 125 100 86 75 Output Power (%) RP10-2405DEW With Heat Sink Output Power (%) Natural Convection 50 25 0 -25 Natural Convection -10 0 50 60 70 77 80 90 100 -10 0 Ambient Temperature Range (C) Ambient Temperature Range (C) 50 60 70 80 90 100 83 RP10-2405SEW/M2 125 100 66 75 Output Power (%) 50 25 0 -40 -25 -10 0 50 60 70 80 90 100 79 125 100 86 75 Output Power (%) RP10-2405SEW/M2 With Heat Sink Natural Convection 50 25 Natural Convection 0 -40 -25 -10 0 Ambient Temperature Range (C) Ambient Temperature Range (C) 50 60 70 80 90 100 83 RP10-2405DEW/M2 125 100 86 75 Output Power (%) 50 25 50 60 70 80 90 100 83 Ambient Temperature Range (C) 0 -40 -25 -10 0 125 100 RP10-2405DEW/M2 With Heat Sink Output Power (%) Natural Convection 75 50 25 Natural Convection 0 -40 -25 -10 0 50 60 70 Ambient Temperature Range (C) 80 90 100 86 Derating graphes are valid only for the shown part numbers. If you need detailed derating-information about a part-number not shown here please contact our technical customer service at info@recom-development.at 212 April-2005 www.recom-international.com POWERLINE DC/DC-Converter Specifications (typical at nominal input and 25C unless otherwise noted) Input Voltage Range Input Filter Input Surge Voltage (100 ms max.) Input Reflected Ripple (nominal Vin and full load) Start Up Time (nominal Vin and constant resistor load) Remote ON/OFF (see note 8) (Positive logic) (Negative logic) Remote OFF input current Output Power Output Voltage Accuracy (full Load and nominal Vin) Minimum Load (see Note 1) Line Regulation (LL-HL at full load) Load Regulation (25% to 100% FL) Cross Regulation (asymmetrical load 25%/100% FL) Ripple and Noise (20MHz bandwith) Single Dual Temperature Coefficient Transient Response (25% load step change) Over Voltage Protection Zener diode clamp Over Load Protection (% of full load at nominal Vin) Short Circuit Protection Efficiency Isolation Voltage Isolation Resistance Isolation Capacitance Operating Frequency Operating Temperature Range (Reference Derating Curve) Maximum Case Temperature Storage Temperature Range Thermal Impedance Standard M2 5V output 12V output 15V output Single Dual DC-DC ON DC-DC OFF DC-DC ON DC-DC OFF Nominal input 24V Input 48V Input RP10-S_DEW Series 24V nominal input 48V nominal input 9-36VDC 18-75VDC Pi Type 50VDC 100VDC 30mAp-p 20ms typ. Open or 3.5V < Vr < 12V Short or 0V < Vr < 1.2V Short or 0V < Vr < 1.2V Open or 3.5V < Vr < 12V 2.5mA 10W max. 2% 10% of FL 1% 1% 2% 5% 50mVp-p 75mVp-p 0.02%/C, max. 500S 6.2V 15V 18V 150% typ Hiccup, automatic recovery see Selection Guide" table 1.600VDC min. 109 min. 300pF max. 300kHz typ. -25C to +85C(with derating) -40C to +85C(with derating) +100C -55C to +105C Natural convection Natural convection with Heat Sink 12C/Watt 10C/Watt MIL-STD-810D continued on next page Thermal Shock www.recom-international.com April-2005 213 POWERLINE DC/DC-Converter Specifications (typical at nominal input and 25C unless otherwise noted) Vibration Relative Humidity Case Material Base Material Potting Material Conducted Emissions Radiated Emissions ESD Radiated Immunity Fast Transient Surge Conducted Immunity Weight Dimensions MTBF (see note 2) EN55022 EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 RP10-S_DEW Series 10-55Hz, 2G, 30 Min. along X, Y and Z 5% to 95% RH Nickel-Coated copper Non-conductive black plastic Epoxy (UL94-V0) Level A Level A Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 27g 50.8 x 25.4 x 10.2mm 1.976 x 106 Hours Notes : 1. The RP10 (W) series required a minimum 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listedspecification. 2. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40C. (Ground fixed and controlled environment). 3. Simulated source impedance of 12uH. 12uH inductor in series with +Vin. 4. Maximum value at nominal input voltage and full load of standard type. 5. Typical value at nominal input voltage and full load. 6. Test by minimum Vin and constant resistor load. 7. The ON/OFF control function can be positive or negative logic. The pin voltage is referenced to negative input. Positive logic ON/OFF is standard, no suffix (Ex. RP10-2405SEW) Negative logic ON/OFF is marked with suffix-N (Ex. RP10-2405SEW/N). 8. Heat sink is optional and P/N: 7G-0020A. 9. The RP10-xxxxEW version (incl. M2 option) does not carry the UL certification. 10.M2 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard version. 11. See application notes for EMI-filtering. 214 April-2005 www.recom-international.com POWERLINE DC/DC-Converter Package Style and Pinning (mm) RP10-S_DEW Series 3rd angle projection 50.80 25.40 10.20 dia. 1.0 15.20 20.30 5.6 2.50 5.10 Pin Connections 3 1 2 6 Bottom View 10.20 4 10.20 5 12.70 Pin # 1 2 3 4 5 6 Single +Vin -Vin +Vout No Pin -Vout CTRL Dual +Vin -Vin +Vout Com -Vout CTRL Pin Pitch Tolerance 0.35 mm www.recom-international.com April-2005 215 |
Price & Availability of RP10-4815SEW |