|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
POWERLINE - DC/DC-Converter EW-Ser., 5W, 1.6 kV Isolation, 4:1 Wide Input Range & Regulated (Single & Dual Output) Features 4:1 Input Range Pi Input Filter Short Circuit Protection with Autorecovery Efficiency up to 81% Six-Sided Shield Operating Temperature Range -25C to +71C 200kHz Switching Frequency Low Profile, 9.5mm Height 1600 VDC Isolation Voltage MTBF 1.011 x 106 Hours 2 Year Warranty Option to M2" Operating Temperature -40C to +71C International Safety Standard Approvals UL 1950 Component Recognised Selection Guide 24V and 48V Input Types Part Number RP05-2405SEW RP05-2412SEW RP05-2415SEW RP05-2405DEW RP05-2412DEW RP05-2415DEW RP05-4805SEW RP05-4812SEW RP05-4815SEW RP05-4805DEW RP05-4812DEW RP05-4815DEW Specials RP05-BD36 RP05-4824DE 9-32 VDC 8-40 VDC 5 VDC 5 VDC 1.5 A 1.5 A Input Range 9-36 VDC 9-36 VDC 9-36 VDC 9-36 VDC 9-36 VDC 9-36 VDC 18-75 VDC 18-75 VDC 18-75 VDC 18-75 VDC 18-75 VDC 18-75 VDC Output Voltage 5 VDC 12 VDC 15 VDC 5V DC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC Output Current 1000 mA 470 mA 400 mA 500 mA 230 mA 190 mA 1000 mA 470 mA 400 mA 500 mA 230 mA 190 mA Efficiency (%) 75 80 80 74 80 80 74 81 81 74 78 79 Maximum Capacitive Load RP05-xx05SEW RP05-xx12SEW RP05-xx15SAW RP05-xx05DAW RP05-xx12DAW RP05-xx15DAW 1700F 290F 188F 850F 140F 47F PO 32 August 2002 www.recom-international.com POWERLINE - DC/DC-Converter EW-Ser., 5W, 1.6 kV Isolation, 4:1 Wide Input Range & Regulated (Single & Dual Output) Specifications (typical at nominal input and 25C unless otherwise noted) Input Voltage Range Input Filter Voltage Accuracy Voltage Balance, Dual Outputs Ripple and Noise, 20MHz BW Line Regulation, HL-LL Load Regulation, FL-1/4FL Temperature Coefficient Short Circuit Protection Transient Response Recovery Time, Single, 25% Load Step Change Transient Response Recovery Time, Dual, FL-1/2 FL 1% Error Band Switching Frequency Isolation Voltage Isolation Resistance Operating Temperature Range Alternative Operating Temperature Suffix "M2" Cooling EMI/RFI Case Material Dimensions MTBF (MIL-HDBK-217F TA = 25C full load) Single Output Dual Output 24V types nominal 48V types nominal 9-36V 18-75V Pi Type Single Output 2% Dual Output 2% 1.0% 75mVp-p 10mV RMS 0.2% 0.2 (Single) 1.0 % (Dual) 0.02%/C Indefinite 200sec 200sec 200kHz, typ. 1600VDC 109 -25C to +71C -40C to +71C Free-air Convection Six-sided Shield Nickel-Coated Copper with Non-Conductive Base 50.8 x 25.4 x 9.5 mm 1.011 x 106 Hours Output Power (%) 100 80 60 40 20 0 75 71 Ambient Temperature C -25 25 50 100 125 Natural Convection Cooling 120 Package Style and Pinning (mm) 25.40 12.70 10.20 10.20 9.50 Pin Connections Pin # Single 1 +Vin 2 -Vin 3 +Vout 4 No Pin 5 -Vout NC = No Connection Dual +Vin -Vin +Vout Common -Vout 3 4 5 Bottom View 1 2 20.30 50.80 dia. 1.0 15.20 Pin Pitch Tolerance 0.35 mm 2.50 5.10 5.6 www.recom-international.com August 2002 PO 33 |
Price & Availability of RP05-BD36 |