Part Number Hot Search : 
GUF10M LRTBG6SG 19001 SY89534L STC89C52 CP103G 80WG0015 LT1490A
Product Description
Full Text Search
 

To Download RP05-4833SF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

2:1 Wide Input Voltage Range 5 Watts Regulated Output Power 1.6kVDC Isolation Suffix "H "3kVDC Isolation Low Profile, 10.2 mm Height Over Current Protection Five-Sided Shield No Derating to 71C Non-Conductive Black Plastic Ideal for Telecom/Networking Standard DIP24 and SMD-Pinning Efficiency to 81%
POWERLINE
DC/DC-Converter
RP05S_DF Series
5 Watt DIP24 & SMD, Single & Dual Output
Selection Guide 5V, 12V, 24V and 48V Input Types
Part Number DIP24 (SMD) RP05-123.3SF** RP05-1205SF** RP05-1212SF** RP05-1215SF** RP05-243.3SF** RP05-2405SF** RP05-2412SF** RP05-2415SF** RP05-483.3SF** RP05-4805SF** RP05-4812SF** RP05-4815SF** RP05-1205DF** RP05-1212DF** RP05-1215DF** RP05-2405DF** RP05-2412DF** RP05-2415DF** RP05-4805DF** RP05-4812DF** RP05-4815DF** Input Range VDC 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 36-75 36-75 36-75 36-75 9-18 9-18 9-18 18-36 18-36 18-36 36-75 36-75 36-75 Output Voltage VDC 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 5 12 15 5 12 15 5 12 15 Output Current mA 1000 1000 470 400 1000 1000 470 400 1000 1000 470 400 500 230 190 500 230 190 500 230 190 Input (4) Current mA 404 579 618 658 202 278 306 325 100 141 153 162 571 605 625 282 299 309 143 149 154 Efficiency(5) % 72 76 80 80 72 79 81 81 73 78 81 81 77 80 80 78 81 81 77 81 81 Capacitive(6) Load max. F 2200 1000 220 150 2200 1000 220 150 2200 1000 220 150 680 100 68 680 100 68 680 100 68
** add Suffix SMD for SMD package
Description
The F-Series of DC/DC Converters are fully certified to EN 60950: 2000. This makes them ideal for all Telecom and safety applications where approved isolation is required.
198
April-2005
www.recom-international.com
POWERLINE
DC/DC-Converter
RP05-S_DF Series
RP05-4805SF
125 100 75 Output Power (%) 50 25 0 -25 -10 0 50 60 70 80 90 100
Derating-Graph (Ambient Temperature)
Natural Convection
Ambient Temperature Range (C) 71
Derating graphes are valid only for the shown part numbers. If you need detailed derating-information about a part-number not shown here please contact our technical customer service at info@recom-development.at
Specifications (typical at nominal input and 25C unless otherwise noted)
Input Voltage Range 12V nominal input 24V nominal input 48V nominal input 9-18VDC 18-36VDC 36-75VDC Pi Type 12V Input 24V Input 48V Input 36VDC 50VDC 100VDC 150mAp-p 30ms typ. 5W max. 2% 10% of FL 0.2% Single Dual 0.5% 2% 5% 3.3V, 5V others Temperature Coefficient Transient Response (25% load step change) Over Load Protection (% of full load at nominal Vin) Short Circuit Protection 75mVp-p 1%/p-p of Vout max. 0.02%/C, max. 500S 180% typ Continuous, automatic recovery continued on next page www.recom-international.com April-2005 199
Input Filter Input Surge Voltage (100 ms max.)
Input Reflected Ripple (nominal Vin and full load) Start Up Time (nominal Vin and constant resistor load) Output Power Output Voltage Accuracy (full Load and nominal Vin) Minimum Load (see Note 1) Line Regulation (LL-HL at full load) Load Regulation (25% to 100% FL) Cross Regulation (asymmetrical load 25%/100% FL) Ripple and Noise (20MHz bandwith)
POWERLINE
DC/DC-Converter
Specifications (typical at nominal input and 25C unless otherwise noted)
Efficiency Isolation Voltage Isolation Resistance Isolation Capacitance Operating Frequency Approved to Safety Standards Operating Temperature Range Storage Temperature Range Thermal Shock Vibration Relative Humidity Case Material Base Material Potting Material Conducted Emissions Radiated Emissions ESD Radiated Immunity Fast Transient Surge Conducted Immunity Weight Dimensions MTBF (see note 2) EN55022 EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 DIP SMD DIP SMD In to out Standard Suffix /H
RP05-S_DF Series
see Selection Guide" table 1.600VDC min. 3.000VDC min. 109 min. 300pF max. 100kHz min. EN60950 -25C to +71C -55C to +105C MIL-STD-810D 10-55Hz, 2G, 30 Min. along X, Y and Z 5% to 95% RH Non-conductive black plastic Non-conductive black plastic Epoxy (UL94-V0) Level A Level A Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 14g 15g 31.8 x 20.3 x 10.2mm 32.0 x 20.3 x 10.9mm 3.731 x 106 Hours
Notes :
1. The RP05 series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification. 2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40C (Ground fixed and controlled environment). H 3. Suffix "H" for 3.000VDC Isolation 4. Maximum value at nominal input voltage and full load of standard type. 5. Typical value at nominal input voltage and full load. 6. Test by minimum Vin and constant resistor load. 7. See application notes for EMI-filtering.
200
April-2005
www.recom-international.com
POWERLINE
DC/DC-Converter
Package Style and Pinning (mm)
DIP24 Package Style
RP05-S_DF Series
3rd angle projection 20.30
31.80
10.20 3.8 4.60 17.80 5.10 15.20
Pin Connections Pin # 2 3 9 10 11 14 15 16 22 23 NC = No Connection Single -Vin -Vin NC NC NC +Vout NC -Vout +Vin +Vin Dual -Vin -Vin Com NC -Vout +Vout NC Com +Vin +Vin
0.25 x 0.50 Rectangular Pin 23 Bottom View 23 22 16 15 14 9 10 11
Pin Pitch Tolerance 0.35 mm
SMD Package Style
32.00 31.40 11.20 10.90 3.81 6.35
20.30
SMD Package Style
Same spec. as the original DIP spec. and pin definition, excl. of the SMD type pin.
2.54
21.30 25.40
Pin Connections Pin # Single -Vin -Vin NC NC NC +Vout NC -Vout +Vin +Vin NC Dual -Vin -Vin Com NC -Vout +Vout NC Com +Vin +Vin NC
Pin area 0.1 x 0.50
12345
0.50
9 10 11 12
2.54
1.60 2.40
23.40
Bottom View
24 23 22 21 20 16 15 14 13
26.54 24.14
1
Top View
2 3 9 10 11 14 15 16 22 23 Others NC = No Connection
11 x 2.54
27.94
Pin Pitch Tolerance 0.35 mm
www.recom-international.com
April-2005
201


▲Up To Search▲   

 
Price & Availability of RP05-4833SF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X