Part Number Hot Search : 
W81282F C2412 765ESO NRQ108 SMBJ51 BAV103 B101G K401709
Product Description
Full Text Search
 

To Download RMBA09501A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RMBA09501A
May 2004
RMBA09501A
Cellular 2 Watt Linear GaAs MMIC Power Amplifier
General Description
The RMBA09501A is a high power, highly linear Power Amplifier. The two stage circuit uses our advanced 0.25m pHEMT process. It is designed for use as a driver stage for Cellular base stations, or as the output stage for Micro- and Pico-Cell base stations. The amplifier has been optimized for high linearity requirements for CDMA operation.
Features
* 2 Watt Linear output power at 36dBc ACPR1 for CDMA operation * OIP3 43dBc at 27 and 30dBm power output * Small Signal Gain of > 30dB * Small outline SMD package
Device
Absolute Ratings
Symbol VDD VGS Pin TC TSTG Parameter Drain Supply Voltage1 Gate Supply Voltage RF Input Power (from 50 source) Case Operating Temperature Storage Temperature Range Value +10 -5 +5 -30 to +85 -40 to +100 Units V V dBm C C
Note: 1. Only under quiescent conditions--no RF applied.
(c)2003 Fairchild Semiconductor Corporation
RMBA09501A Rev. C
RMBA09501A
Electrical Characteristics2
Parameter Frequency Ranges Gain (Small Signal) Gain Variation: Over Frequency Range Over Temperature Range Noise Figure Output Power @ CDMA3 OIP34 Idd @ 33dBm Pout - 7V PAE @ 33dBm Pout Input VSWR (50) Drain Voltage (VDD) Gate Voltages (VG1, VG2)5 Quiescent Currents (IDQ1, IDQ2)5 Thermal Resistance (Channel to Case) Rjc Min 869 30 Typ 35 1.5 2.5 6 33 43 45 1.0 28.5 2:1 7.0 -0.25 150, 400 11 Max 894 Units MHz dB dB dB dB dBm dBm A % V V mA C/W
-2
Notes: 2. VDD = 7.0V, TC = 25C. Part mounted on evaluation board with input and output matching to 50. 3. 9 Channel Forward Link QPSK Source; 1.23Mbps modulation rate. CDMA ACPR1 is measured using the ratio of the average power within the 1.23MHz channel at band center to the average power within a 30KHz bandwidth at an 885KHz offset. Minimum CDMA output power is met with ACPR1 > 36dBc. 4. OIP3 specifications are achieved for power output levels of 27 and 30 dBm per tone with tone spacing of 1.25MHz at bandcenter. 4. VG1 and VG2 must be individually adjusted to achieve IDQ1 and IDQ2. A single VGG bias supply adjusted to achieve IDQTOTAL = 550mA can be used with nearly equivalent performance. Values for IDQ1 and IDQ2 shown have been optimized for CDMA operation. IDQ1 and IDQ2 (or IDQTOTAL) can be adjusted to optimize the linearity of the amplifier for other modulation systems. The device requires external input and output matching to 50 as shown in Figure 3 and the Parts List.
(c)2003 Fairchild Semiconductor Corporation
RMBA09501A Rev. C
RMBA09501A
Application Information
CAUTION: THIS IS AN ESD SENSITIVE DEVICE The following describes a procedure for evaluating the RMBA09501A, a monolithic high efficiency power amplifier, in a surface mount package, designed for use as a driver stage for Cellular Base stations, or as the final output stage for Microand Pico-Cell base stations. Figure 1 shows the package outline and the pin designations. Figure 2 shows the functional block diagram of the packaged product. The RMBA09501A requires external passive components for DC bias and RF input and output matching circuits as shown in Figure 3 and the Part List. A recommended schematic circuit is shown in Figure 3. The gate biases for the two stages of the amplifier may be set by simple resistive voltage dividers. Figure 4 shows a typical layout of an evaluation board, corresponding to the schematic circuits of Figure 3. The following designations should be noted: (1) Pin designations are as shown in Figure 1. (2) Vg1 and Vg2 are the Gate Voltages (negative) applied at the pins of the package. (3) Vgg1 and Vgg2 are the negative supply voltages at the evaluation board terminals. (4) Vd1 and Vd2 are the Drain Voltages (positive) applied at the pins of the package. (5) Vdd1 and Vdd2 are the positive supply voltages at the evaluation board terminals. Note: The 2 terminals of Vdd1 and Vdd2 may be tied together. The base of the package must be soldered on to a heat sink for proper operation.
Top View
0.200 SQ.
6 5 4
Bottom View
4 5 6
7
3 2
0.015
3 7 8 9 2 1
0.030
8
9
1
0.020 0.011
10 11 12
12 11 10
0.041
Plastic Lid
0.010
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13
Description RF Out & Vd2 RF Out & Vd2 RF Out & Vd2 AC Ground (g2) GND AC Ground (g1) GND RF In GND Vd1 Vg2 Vg1 GND (Metal Base)
0.075 MAX
0.230 0.246 0.282
Side Section
Dimensions in inches
Figure 1. Package Outline and Pin Designations
(c)2003 Fairchild Semiconductor Corporation
RMBA09501A Rev. C
RMBA09501A
Vd1 Pin# 10
A C Ground (g2) Ground Pin# 5, 7, 9, 13 Pin# 4
MMIC CHIP
RF IN Pin# 8
RF OUT & Vd2 Pin# 1, 2, 3
AC Ground (g1) Pin# 6
Vg1 Pin# 12
Vg2 Pin# 11
Figure 2. Functional Block Diagram of Packaged Product
C11 1000pF R1 10 C12 1000pF
RFIN
P1 C1 39pF
L1 4.7nH C2 6.8pF RMBA09501A U1 13 Package Base C13 .1F C14 .1F C3 39pF L2 22nH
Z0 = 50 E = 4.8* @ 900MHz
Z0 = 50 E = 3.4* @ 900MHz
Z0 = 50 E = 8.1* @ 900MHz C10 100pF
RFOUT
P2
C8 8.2pF
C9 6.8pF
P3
S1
VG2
P3 S2
L3 39nH
VG1
VDD
P3 C5 1000pF + C6 4.7F + C7 4.7F
C4 1000pF
Figure 3. Schematic of Application Circuit Showing External Components
(c)2003 Fairchild Semiconductor Corporation
RMBA09501A Rev. C
RMBA09501A
Figure 4. Layout of Test Evaluation Board (RMBA09501A-TB, G657471)
Test Procedure for the Evaluation Board (RMBA09501A-TB)
CAUTION: LOSS OF GATE VOLTAGES (VG1, VG2) WHILE CORRESPONDING DRAIN VOLTAGES (Vdd) ARE PRESENT CAN DAMAGE THE AMPLIFIER. The following sequence must be followed to properly test the amplifier. (It is necessary to add a fan to provide air cooling across the heat sink of RMBA09500.) Note: Vdd1, 2 are tied together. Step 1: Turn off RF input power. Step 2: Use GND terminal of the evaluation board for the ground of the DC supplies. Slowly apply gate supply voltages to the board terminals Vgg1 and Vgg2. Step 3: Slowly apply drain supply voltages of +7.0V to the board terminals Vdd1, 2. Adjust Vgg to set the total quiescent current (with no RF applied) Idq as per supplied result sheet. Gate supply voltages (Vgg i.e., Vgg1, Vgg2) may be adjusted, only if quiescent current (Idq1 and Idq2) values desired are different from those noted on the data summary supplied with product samples. Step 4: After the bias condition is established, RF input signal may now be applied at the appropriate frequency band and appropriate power level. Step 5: Follow turn-off sequence of: (i) Turn off RF Input Power (ii) Turn down and off drain voltages Vdd1, 2. (iii) Turn down and off gate voltages Vgg1 and Vgg2.
(c)2003 Fairchild Semiconductor Corporation
RMBA09501A Rev. C
RMBA09501A
Parts List for Test Evaluation Board (RMBA09501A-TB)
Part C1, C3 C2, C9 C8 C4, C5, C11, C12 C6, C7 L1 L2 L3 R1 S1, S2 W1 U1 P3 P1, P2 Board C10 C13, C14 Value 39pF 6.8pF 8.2pF 1000pF 4.7F 4.7nH 22nH 39nH 10 26AWG (0.015" dia) Wire RMBA09501A PA Right angle Pin Header Brass SMA Connectors FR4 100pF 1.0F Size (EIA) 0402 0402 0402 0402 3528 0603 0603 1008 0402 Vendor(s) Murata, GRM36COG390J050 Murata, GRM36COG6R8B050 Murata, GRM36COG8R2B50 Murata, GRM36X7R102K050 TDK, C3216X7R102K050 Toko, LL1608-FH4N7S Toko, LL1608-FH22NK Coilcraft, 1008HQ-39NTKBC IMS, RCI-0402-10R0J Bar or Ni Ribbon Short Alpha, 2853/1 Fairchild Semiconductor 3M 2340-5211TN Johnson Components 142-0701-841 Raytheon Dwg# G654626, V1 Murata, GRM36COG101J50 Murata, GRM39Y5V104Z50
0603 0805
Thermal Considerations for Heat Sinking the RMBA09501A
The PWB must be prepared with either an embedded copper slug in the board where the package is to be mounted or a heat sink should be attached to the backside of the PWB where the package is to be mounted on the front side. The slug or the heat sink should be made of a highly electrically and thermally conductive material such as copper or aluminum. The slug should be at least the same thickness as the PWB. In the case of the heat sink, a small pedestal should protrude through a hole in the PWB where the package bottom is directly soldered. In either configuration, the top surface of the slug or the pedestal should be made coplanar with the package lead mounting plane i.e., the top surface of the PWB. Use Sn96 solder (96.5% Sn and 3.5% Ag) at 220C for 20 seconds or less to attach the heat sink to the backside of the PWB. Then, using Sn63, the package bottom should be firmly soldered to the slug or the pedestal while the pins are soldered to the respective pads on the front side of the PWB without causing any stress on the pins. Remove flux completely if used for soldering.
(c)2003 Fairchild Semiconductor Corporation
RMBA09501A Rev. C
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FAST ActiveArrayTM FASTrTM BottomlessTM FPSTM CoolFETTM FRFETTM CROSSVOLTTM GlobalOptoisolatorTM DOMETM GTOTM EcoSPARKTM HiSeCTM E2CMOSTM I2CTM EnSignaTM i-LoTM FACTTM ImpliedDisconnectTM FACT Quiet SeriesTM
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC Across the board. Around the world.TM OPTOPLANARTM PACMANTM The Power Franchise POPTM Programmable Active DroopTM
Power247TM PowerSaverTM PowerTrench QFET QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER SMART STARTTM SPMTM StealthTM
SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic TINYOPTOTM TruTranslationTM UHCTM UltraFET VCXTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I11


▲Up To Search▲   

 
Price & Availability of RMBA09501A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X