Part Number Hot Search : 
8075BVR BTA208 L6911E07 RAPC3221 RQK06 L6911E07 UT54AC TA8644F
Product Description
Full Text Search
 

To Download RM24150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Data Sheet
150 AMP MODULAR SWITCHED MODE RECTIFIER
RM24150
FEATURES
* * * * * * * * * * * * * * * SWITCHED MODE >.99 PFC >85% EFFICIENCY AUTOMATIC LOAD SHARING HOT-SWAP CAPABLE COMPACT SIZE SHELF MOUNTED TELECOM BULK POWER RATED! SOFT START TURN-ON! INFINITE, FULL CURRENT SHORT CIRCUIT CAPABLE! BUILT IN AC & DC DISCONNECTS! INTELLIGENT HIGH VOLTAGE SENSE PROTECTION BATTERY OR BATTERYLESS OPERATION GUARANTEED NO SINGLE PART FAILURE CAN LEAD TO OUTPUT HIGH VOLTAGE GUARANTEED SAFE OPERATION TO 300 VAC! FRONT PANEL METER! THD <5%
* BELLCORE BASED DESIGN
DESCRIPTION
The RM24150 Modular Switch-Mode Rectifier is one of C&D Technologies' family of rectifiers that may be used in modular power plants. This high power unit will function in parallel with any rectifier with similar current sharing capacities. This versatile and efficient rectifier is ideal for use in advanced telecommunications applications. Its small size allows the user to plan economically for system expansion at minimum cost and makes it ideal for use in fiber optic, microwave and other applications where space is at a premium.
* *
AGENCY APPROVALS
Internet: http://www.cdpowerelectronics.com Power Electronics Division, United States 3400 E Britannia Drive, Tucson, Arizona 85706 Phone: 800.547.2537 Fax: 520.770.9369 Power Electronics Division, Europe C&D Technologies (Power Electronics) Ltd. 132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland Tel: +353.61.474.133 Fax:+353.61.474.141
A4RM24150 5/98 REV A
Page 1
Input Specifications
Parameter
Operating Range Current Efficiency Power Factor Correction (PFC)
Conditions
45 - 65 Hz, single phase, no taps required Adjustable
Min
183
Typ
Max
264 27 >85 >.99
Units
VAC A %
MEASUREMENTS OF RM24150
Module Weight Height Depth Width Shelf* Weight Height Depth Width 25 lbs. 7U (12.25") 15.25" 5.1" 18 lbs. 7U (12.25") 15..25" maximum 23" rack mount
*These measurements are specifically for the 600A Power Shelf for up to 4 quantity RM24150. Please consult factory for other shelf and power plant options.
GENERAL FEATURES
Hot Swappable Modules These shelf-mounted modules are easy and safe to install or remove while system is operational without affecting the overall system's performance. Parallel Operation and Automatic Load Sharing Forced or passive load sharing is available between modules of the same operating voltages in parallel applications. Current Limit The Current Limit is adjustable between 0A to 150A. Upon exceeding this limit, the rectifier automatically reduces output voltage. Safety UL/CUL Recognized: UL 1950/CSA 950 File Number: E181908.
Alarm Outputs Rectifier Fail Alarm Thermal Shutdown Occurring Open Sense Lead Has Occurred AC Power Has Failed Alarm DC Breaker Is Open Alarm AC Breaker Is Open Alarm (RFA) (THSD) (OS) (ACF) (DCBKR) (ACBKR)
Control Inputs High Voltage Shutdown Restart Equalize Temporary Restraint Emergency Shutdown (HVSD) (RS) (EQ) (TR) (EMSD)
}
}
All control inputs are initiated with a ground closure 24VAC voltage reference to ground
Note: All alarms are "Form A" relay type contacts
Page 2
A4RM24150 5/98 REV A
Output Specifications
Parameter
Voltage Adjustment Range float voltage equalize voltage 0-100% load within specified input voltage and frequency range within a 10 - 100% rating nominal AC line 24 24 0.5 10 >16 <32 <350 28 30 VDC VDC % % mS dBrnc mV p-p
Conditions
Min
Typ
Max
Units
Regulation Load Current Hold-Up Time Filtering Voice band Wide band noise ENVIRONMENTAL Temperature Operating Storage Humidity Altitude Heat Dissipation Audible Noise
@ 20MHz
non-condensing
-0 +32 -50 -58 0 0 0 2440 <55
+50 122 +85 185 95 7000 2133
@27V 5 ft. from any vertical surface
C F C F % ft. m Btu/hr dBa
PROTECTION, ALARM AND CONTROL SYSTEMS
Rectifier Failure Alarm (RFA) Problems occurring because of an unacceptable relationship between the output power and load conditions will cause a Rectifier Failure Alarm (RFA). This alarm consists of a red LED and a flashing green OK LED. Conditions which may lead to an RFA are: Low Current - Output current has decreased to below 5% of its rated value. Unit Shutdown - Any shutdown occurrence due to overvoltage, external shutdown command, unacceptable ambient temperature conditions or low AC input voltage. Fan Malfunction - The fan has stopped operating or is not providing the airflow needed to cool the unit. Over Temperature - The ambient temperature has exceeded 50C. High Voltage Shutdown (HVSD) The unit's high voltage limit is adjustable up to 30VDC. When internal shutdown occurs, the unit may be restarted by a local switch or by a remote signal. Surge Protection The unit will withstand lightning and input surges of 6000V/3000A. Under Voltage Protection When input voltage is below 183 VAC, the rectifier's operation is automatically inhibited.
A4RM24150 5/98 REV A
Page 3
Mechanical
All measurements are in inches
Standard Options are shown, consult factory for other available options.
The information provided herein is believed to be reliable; however, C&D Technologies assumes no responsibility for inaccuracies or omissions. C&D Technologies assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. C&D Technologies does not authorize or warrant any C&D Technologies product for use in life support devices/systems or in aircraft control applications.
Page 4
A4RM24150 5/98 REV A


▲Up To Search▲   

 
Price & Availability of RM24150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X