Part Number Hot Search : 
IRF9510 AAT2820 6045WT CY2V995 LR645 T74LS T74LS 6045WT
Product Description
Full Text Search
 

To Download RLT1020-500G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ROITHNER LASERTECHNIK
A-1040 VIENNA, SCHOENBRUNNER STRASSE 7, AUSTRIA
TEL: +43 -1- 586 52 43-0 FAX: +43 -1- 586 52 43-44 e-mail: office@roithner-laser.com http://www.roithner-laser.com
RLT1020-500G
TECHNICAL DATA
High Power Infrared Laserdiode
Structure: InGaAs quantum well Lasing wavelength: 1020 nm typ., multimode Max. optical power: 600 mW, 1 x 100 m aperture Package: 9 mm PIN CONNECTION:
1) Laser diode cathode 2) Laser diode anode and photodiode cathode 3) Photodiode anode
LASERDIODE MUST BE COOLED!
NOTE!
Maximum Ratings (Tc=25C) CHARACTERISTIC SYMBOL Optical Output Power Po LD Reverse Voltage VR(LD) PD Reverse Voltage VR(PD) Operating Temperature TC Storage Temperature TSTG
RATING 600 2 30 -40 .. +50 -70 .. +85
UNIT mW V V C C
Optical-Electrical Characteristics (Tc = 25C) CHARACTERISTIC SYMBOL TEST CONDITION Optical Output Power Po Threshold Current Ith Operation Current Iop Po = 500 mW Operation Voltage Uop Po = 500 mW Lasing Wavelength p Po = 500 mW Spectral Width FWHM Po = 500 mW Beam Divergence // Po = 500 mW Beam Divergence Po = 500 mW Differential Efficiency dPo/dIop Po = 500 mW Monitor Current Im Po = 500 mW
MIN
990 7 15 0.4 150
TYP 500 300 790 1.5 1020 10 10 30 0.7 350
MAX
UNIT mW 350 mA 820 mA 1.6 V 1040 nm nm 13 35 1.0 mW/mA 600 A


▲Up To Search▲   

 
Price & Availability of RLT1020-500G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X