Part Number Hot Search : 
MH32768C 07N90E EPA3522 R958P DA5221 SN56000 PCA9541 C68HC70
Product Description
Full Text Search
 

To Download RL806S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
RL801S THRU RL806S
GLASS PASSIVATED SILICON RECTIFIER
VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes
FEATURES
* * * * * Low Ieakage Low forward voltage drop High current capability High surge capability High reliability
D2PAK
.05 (1.27 REF.)
MECHANICAL DATA
* * * * * * Case: D2PAK molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 2.2 grams Polarity: As marked
.185 (4.70) .177 (4.50) .051 (1.29) .049 (1.25)
.343 (8.70) .335 (8.50)
.624 (15.84) .576 (14.64)
.151 (3.84) .143 (3.64)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.200 (5.08)
.401 (10.19) .399 (10.13)
.015 (0.381)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TC = 100oC (Note 1) Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM RJC CJ TJ, TSTG RL801S 50 35 50 RL802S 100 70 100 RL803S 200 140 200 8.0 200 3.6 40 -65 to + 150 RL804S 400 280 400 RL805S 600 420 600 RL806S 800 560 800 UNITS Volts Volts Volts Amps Amps
0
.065 (1.65)
.052 (1.32) .048 (1.22) .032 (0.81)
.043 (1.10)
C/ W pF
0
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 8.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @TC = 25 o C @TC = 100 o C SYMBOL VF IR RL801S RL802S RL803S RL804S 1.1 10 100 2001-4 RL805S RL8506S UNITS Volts uAmps
NOTES : 1.Case Temperature Measured at Metal Tab. 2.Measured at 1 MHZ and applied reverse voltage of 4.0 volts. 3.Suffix " R " = Common Anode.
RATING AND CHARACTERISTIC CURVES ( RL801S THRU RL806S )
AVERAGE FORWARD CURRENT, (A)
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE 10 1000 8
INSTANTANEOUS REVERSE CURRENT, (uA)
FIG. 2 - TYPICAL REVERSE CHARACTERISTICS
TC = 100
6 4 2 0 0 50 100 ) 150 CASE TEMPERATURE, (
Single Phase Half Wave 60Hz Inductive or Resistive Load
100
10
PEAK FORWARD SURGE CURRENT, (A)
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 300 250 200 150 100 50 0 1 2 5 10 20 50 NUMBER OF CYCLES AT 60Hz 100
8.3ms Single Half Sine-Wave (JEDED Method)
1.0
TC = 25
0.1 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 4 - TYPICAL JUNCTION CAPACITANCE 200
JUNCTION CAPACITANCE, (pF)
FIG. 5 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 40 20 10 4 2 1.0 .4 .2 .1 .6 .7 .8 .9 1.0 1.1 1.2 1.3 INSTANTANEOUS FORWARD VOLTAGE, (V)
TJ=25 Pulse Width = 300uS 1% Duty Cycle
100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 REVERSE VOLTAGE, ( V ) 40 100
TJ = 25
RECTRON


▲Up To Search▲   

 
Price & Availability of RL806S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X