Part Number Hot Search : 
HS301 S3550 RKC6DD CAT28 ZVG56W C30617 TA0736A 7C106
Product Description
Full Text Search
 

To Download RL107F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RL101F
THRU
RL107F
1.0 AMP FAST RECOVERY RECTIFIERS
VOLTAGE RANGE
50 to 1000 Volts
CURRENT FEATURES
* Low forward voltage drop * Low leakage current * High reliability * High current capability
1.0 Ampere
A-405
.107(2.7) .080(2.0) DIA.
1.0(25.4) MIN.
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.22 grams
.205(5.2) .166(4.2)
.025(.6) .021(.5) DIA.
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=75 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range TJ, TSTG
NOTES:
RL101F RL102F RL103F RL104F RL105F RL106F RL107F UNITS
50 35 50
100 70 100
200 140 200
400 280 400 1.0 30 1.3 5.0 100
600 420 600
800 560 800
1000 700 1000
V V V A A V A
150 -65 15 +150
250
500
A nS pF C
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
80
RATING AND CHARACTERISTIC CURVES (RL101F THRU RL107F)
FIG.1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
50
INSTANTANEOUS FORWARD CURRENT,(A)
1.2 1.0 0.8 0.6 0.4 0.2 0
Single Phase Half Wave 60Hz Resistive Or Inductive Load 0.375"(9.5mm) Lead Length
10 3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE,( C)
0.1
FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
50
.01
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLTAGE,(V)
40
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS
50 NONINDUCTIVE 10 NONINDUCTIVE
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
20
10
(+) 25Vdc (approx.) () 1 NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T.
() PULSE GENERATOR (NOTE 2) (+)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms.
FIG.5-TYPICAL JUNCTION CAPACITANCE
35 30 25 20 15 10 5 0
trr +0.5A
| | | | | | | |
0 -0.25A
-1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm
JUNCTION CAPACITANCE,(pF)
.01
.05
.1
.5
1
5
10
50
100
REVERSE VOLTAGE,(V)
81


▲Up To Search▲   

 
Price & Availability of RL107F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X